Electronic Components Datasheet Search |
|
PMEG2010EJ Datasheet(PDF) 1 Page - NXP Semiconductors |
|
PMEG2010EJ Datasheet(HTML) 1 Page - NXP Semiconductors |
1 / 12 page 1. Product profile 1.1 General description Planar Maximum Efficiency General Application (MEGA) Schottky barrier rectifiers. 1.2 Features 1.3 Applications 1.4 Quick reference data [1] Pulse test: tp ≤ 300 µs; δ≤ 0.02. PMEGxx10EH/EJ series 1 A very low VF MEGA Schottky barrier rectifiers Rev. 03 — 11 April 2005 Product data sheet Table 1: Product overview Type number Package Configuration Philips JEITA PMEG2010EH SOD123F - single diode PMEG3010EH PMEG4010EH PMEG2010EJ SOD323F SC-90 single diode PMEG3010EJ PMEG4010EJ s Forward current: ≤ 1A s Very low forward voltage s Low voltage rectification s Inverse polarity protection s High efficiency DC-to-DC conversion s Low power consumption applications Table 2: Quick reference data Symbol Parameter Conditions Min Typ Max Unit IF forward current Tsp ≤ 55 °C --1 A VR reverse voltage PMEG2010EH, PMEG2010EJ - - 20 V PMEG3010EH, PMEG3010EJ - - 30 V PMEG4010EH, PMEG4010EJ - - 40 V VF forward voltage IF = 1000 mA [1] PMEG2010EH, PMEG2010EJ - 420 500 mV PMEG3010EH, PMEG3010EJ - 450 560 mV PMEG4010EH, PMEG4010EJ - 540 640 mV |
Similar Part No. - PMEG2010EJ |
|
Similar Description - PMEG2010EJ |