Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG3010EH Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PMEG3010EH
Description  1 A very low VF MEGA Schottky barrier rectifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG3010EH Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PMEG3010EH Datasheet HTML 2Page - NXP Semiconductors PMEG3010EH Datasheet HTML 3Page - NXP Semiconductors PMEG3010EH Datasheet HTML 4Page - NXP Semiconductors PMEG3010EH Datasheet HTML 5Page - NXP Semiconductors PMEG3010EH Datasheet HTML 6Page - NXP Semiconductors PMEG3010EH Datasheet HTML 7Page - NXP Semiconductors PMEG3010EH Datasheet HTML 8Page - NXP Semiconductors PMEG3010EH Datasheet HTML 9Page - NXP Semiconductors PMEG3010EH Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
9397 750 14817
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 11 April 2005
6 of 12
Philips Semiconductors
PMEGxx10EH/EJ series
1 A very low VF MEGA Schottky barrier rectifiers
(1) Tamb = 150 °C
(2) Tamb = 125 °C
(3) Tamb =85 °C
(4) Tamb =25 °C
(5) Tamb = −40 °C
(1) Tamb = 150 °C
(2) Tamb = 125 °C
(3) Tamb =85 °C
(4) Tamb =25 °C
(5) Tamb = −40 °C
Fig 4.
PMEG3010EH, PMEG3010EJ: Forward current
as a function of forward voltage; typical values
Fig 5.
PMEG3010EH, PMEG3010EJ: Reverse current
as a function of reverse voltage; typical values
Tamb =25 °C; f = 1 MHz
Fig 6.
PMEG3010EH, PMEG3010EJ: Diode capacitance as a function of reverse voltage; typical values
006aaa250
1
10−1
102
10
103
IF
(mA)
10−2
VF (V)
0
0.5
0.4
0.2
0.3
0.1
(1)
(2)
(3)
(4)
(5)
006aaa251
VR (V)
030
20
10
IR
(
µA)
1
10−2
10−1
104
103
102
10
105
10−3
(1)
(2)
(3)
(4)
(5)
VR (V)
030
20
10
006aaa252
40
80
120
Cd
(pF)
0


Similar Part No. - PMEG3010EH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG3010EH PHILIPS-PMEG3010EH Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
logo
Nexperia B.V. All right...
PMEG3010EH NEXPERIA-PMEG3010EH Datasheet
659Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 04 - 20 March 2007
logo
NXP Semiconductors
PMEG3010EH NXP-PMEG3010EH_07 Datasheet
83Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 04-20 March 2007
PMEG3010EH PHILIPS-PMEG3010EH_15 Datasheet
83Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 04-20 March 2007
More results

Similar Description - PMEG3010EH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG4010EH NXP-PMEG4010EH Datasheet
85Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 04-21 March 2007
PMEG3010CEH NXP-PMEG3010CEH Datasheet
76Kb / 10P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 02-22 March 2007
PMEG6010CEH PHILIPS-PMEG6010CEH Datasheet
76Kb / 10P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 02-27 March 2007
logo
Nexperia B.V. All right...
PMEG2010EH NEXPERIA-PMEG2010EH Datasheet
658Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 04 - 20 March 2007
logo
NXP Semiconductors
PMEG3010EH NXP-PMEG3010EH_07 Datasheet
83Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 04-20 March 2007
PMEG6010CEH NXP-PMEG6010CEH Datasheet
76Kb / 10P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 02-27 March 2007
logo
Nexperia B.V. All right...
PMEG4010CEH NEXPERIA-PMEG4010CEH Datasheet
679Kb / 10P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 02 - 22 March 2007
logo
NXP Semiconductors
PMEG2010AEH NXP-PMEG2010AEH Datasheet
77Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 03-28 March 2007
PMEG2010EH NXP-PMEG2010EH Datasheet
83Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 04-20 March 2007
PMEG4010CEH NXP-PMEG4010CEH Datasheet
107Kb / 10P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 02-22 March 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com