Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG4010EJ Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PMEG4010EJ
Description  1 A very low VF MEGA Schottky barrier rectifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG4010EJ Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PMEG4010EJ Datasheet HTML 4Page - NXP Semiconductors PMEG4010EJ Datasheet HTML 5Page - NXP Semiconductors PMEG4010EJ Datasheet HTML 6Page - NXP Semiconductors PMEG4010EJ Datasheet HTML 7Page - NXP Semiconductors PMEG4010EJ Datasheet HTML 8Page - NXP Semiconductors PMEG4010EJ Datasheet HTML 9Page - NXP Semiconductors PMEG4010EJ Datasheet HTML 10Page - NXP Semiconductors PMEG4010EJ Datasheet HTML 11Page - NXP Semiconductors PMEG4010EJ Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
9397 750 14817
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 11 April 2005
8 of 12
Philips Semiconductors
PMEGxx10EH/EJ series
1 A very low VF MEGA Schottky barrier rectifiers
8.
Package outline
9.
Packing information
[1]
For further information and the availability of packing methods, see Section 15.
Fig 10. Package outline SOD123F
Fig 11. Package outline SOD323F (SC-90)
04-11-29
Dimensions in mm
1.2
1.0
0.25
0.10
3.6
3.4
2.7
2.5
0.55
0.35
0.70
0.55
1.7
1.5
1
2
04-09-13
Dimensions in mm
0.80
0.65
0.25
0.10
0.5
0.3
2.7
2.3
1.8
1.6
0.40
0.25
1.35
1.15
1
2
Table 9:
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code. [1]
Type number
Package
Description
Packing quantity
3000
10000
PMEGxx10EH
SOD123F
4 mm pitch, 8 mm tape and reel
-115
-135
PMEGxx10EJ
SOD323F


Similar Part No. - PMEG4010EJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG4010EJ PHILIPS-PMEG4010EJ Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PMEG4010EJ NXP-PMEG4010EJ Datasheet
85Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 04-21 March 2007
logo
Kinetic Technologies.
PMEG4010EJ KINETIC-PMEG4010EJ Datasheet
914Kb / 18P
   36V/30V/24V Step-Up LED Driver with Internal Diode and Serial Control
April 2017 - Revision 04b
PMEG4010EJ KINETIC-PMEG4010EJ Datasheet
656Kb / 13P
   High Efficiency Boost 2P6S/3P6S LED Driver
October 2015 - Revision 04a
PMEG4010EJ KINETIC-PMEG4010EJ Datasheet
1,007Kb / 11P
   High Efficiency Boost 2P8S/3P8S LED Driver
November 2016 - Revision 04a
More results

Similar Description - PMEG4010EJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG4010EH NXP-PMEG4010EH Datasheet
85Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 04-21 March 2007
PMEG3010CEH NXP-PMEG3010CEH Datasheet
76Kb / 10P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 02-22 March 2007
PMEG6010CEH PHILIPS-PMEG6010CEH Datasheet
76Kb / 10P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 02-27 March 2007
logo
Nexperia B.V. All right...
PMEG2010EH NEXPERIA-PMEG2010EH Datasheet
658Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 04 - 20 March 2007
logo
NXP Semiconductors
PMEG3010EH NXP-PMEG3010EH_07 Datasheet
83Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 04-20 March 2007
PMEG6010CEH NXP-PMEG6010CEH Datasheet
76Kb / 10P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 02-27 March 2007
logo
Nexperia B.V. All right...
PMEG4010CEH NEXPERIA-PMEG4010CEH Datasheet
679Kb / 10P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 02 - 22 March 2007
logo
NXP Semiconductors
PMEG2010AEH NXP-PMEG2010AEH Datasheet
77Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 03-28 March 2007
PMEG2010EH NXP-PMEG2010EH Datasheet
83Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 04-20 March 2007
PMEG4010CEH NXP-PMEG4010CEH Datasheet
107Kb / 10P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 02-22 March 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com