Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML63514A Datasheet(PDF) 3 Page - OKI electronic componets

Part # ML63514A
Description  4-Bit Microcontroller with Built-in Level Detector, Melody Circuit, and Comparator,Operating at 0.9 V (Min.)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML63514A Datasheet(HTML) 3 Page - OKI electronic componets

  ML63514A Datasheet HTML 1Page - OKI electronic componets ML63514A Datasheet HTML 2Page - OKI electronic componets ML63514A Datasheet HTML 3Page - OKI electronic componets ML63514A Datasheet HTML 4Page - OKI electronic componets ML63514A Datasheet HTML 5Page - OKI electronic componets ML63514A Datasheet HTML 6Page - OKI electronic componets ML63514A Datasheet HTML 7Page - OKI electronic componets ML63514A Datasheet HTML 8Page - OKI electronic componets ML63514A Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
¡ Semiconductor
ML63512A/63514A
3/29
• Timers and counter
8-bit timer ¥ 2
Selectable as auto-reload mode/capture mode/clock frequency measurement mode
15-bit time base counter ¥ 1
1 Hz, 2 Hz, 4 Hz, 8 Hz, 16 Hz, 32 Hz, 64 Hz, 128 Hz, 256 Hz, 512 Hz, 1 kHz, and 2 kHz signals
can be read (@ 32.768 kHz)
• Serial port
Mode
: Selectable as UART mode/synchronous
mode
UART communication speed
: 2TBCCLK, TBCCLK, 1/2TBCCLK, Timers 0
& 1 overflow
24 kbps Max. (when 2TBCCLK @ 80 kHz
selected)
Clock frequency in synchronous mode
: 30 to 80 kHz (internal clock mode), external
clock frequency
Data length
: 5 to 8 bits
• Interrupt sources
External interrupt (4 sources)
: Selectable as rising edge/falling edge/both
rising and falling edges
Internal interrupt (10 sources)
: Time base interrupt ¥ 4 (2, 4, 16, and 32 Hz
@ 32.768 kHz)
Timer interrupt ¥ 2
Level detector interrupt ¥ 1
Serial port reception interrupt ¥ 1
Serial port transmission interrupt ¥ 1
Melody end interrupt ¥ 1
• Operating Temperature
–20 to +70
°C
• Supply voltage
When backup used
: 0.9 to 1.8 V
(Maximum operating frequency 1 MHz)
When backup not used
: 1.8 to 3.5 V
(When Level detector or Comparator is
used, maximum operating frequency
2 MHz)
1.8 to 5.5 V
(When Level detector and Comparator are
not used, maximum operating frequency
2 MHz)
• Package options:
48-pin plastic TQFP (TQFP48-P-0707-0.50-K) : (Product name: ML63512A-xxxTB,
ML63514A-xxxTB)
64-pin plastic TQFP (TQFP64-P-1010-0.50-K) : (Product name: ML63512A-xxxTP,
ML63514A-xxxTP)
xxx indicates a code number.


Similar Part No. - ML63514A

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML63501APB MINILOGIC-ML63501APB Datasheet
182Kb / 5P
   DC-DC Converter
ML63501APL MINILOGIC-ML63501APL Datasheet
182Kb / 5P
   DC-DC Converter
ML63501APR MINILOGIC-ML63501APR Datasheet
182Kb / 5P
   DC-DC Converter
ML63501ATB MINILOGIC-ML63501ATB Datasheet
182Kb / 5P
   DC-DC Converter
ML63501ATL MINILOGIC-ML63501ATL Datasheet
182Kb / 5P
   DC-DC Converter
More results

Similar Description - ML63514A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM63238 OKI-MSM63238 Datasheet
231Kb / 32P
   4-Bit Microcontroller with Built-in POCSAG Decoder and Melody Circuit, Operating at 0.9 V (Min.)
ML63187 OKI-ML63187 Datasheet
301Kb / 36P
   4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V (Min).
MSM63188A OKI-MSM63188A Datasheet
300Kb / 33P
   4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit,Operating at 0.9 V (Min.)
ML63187B OKI-ML63187B Datasheet
244Kb / 36P
   4-Bit Microcontroller with Built-in1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V
MSM63184A OKI-MSM63184A Datasheet
284Kb / 30P
   4-Bit Microcontroller with Built-in 640-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
MSM63184B OKI-MSM63184B Datasheet
205Kb / 29P
   4-Bit Microcontroller with Built-in 640-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
MSM63182A OKI-MSM63182A Datasheet
266Kb / 28P
   4-Bit Microcontroller with Built-in 512-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
MSM6545 OKI-MSM6545 Datasheet
153Kb / 13P
   Operatable at 0.9 V and Built-in Buzzer Circuit 4-Bit Microcontroller
MSM6576 OKI-MSM6576 Datasheet
144Kb / 12P
   Operatable at 0.9 V and 7-level Detector 4-Bit Microcontroller
MSM6546 OKI-MSM6546 Datasheet
145Kb / 16P
   Operatable at 0.9 V and Built-in LCD Driver 4-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com