Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

550D825X0050R2 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # 550D825X0050R2
Description  Solid-Electrolyte TANTALEX Capacitors for High Frequency Power Supplies
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

550D825X0050R2 Datasheet(HTML) 8 Page - Vishay Siliconix

  550D825X0050R2 Datasheet HTML 1Page - Vishay Siliconix 550D825X0050R2 Datasheet HTML 2Page - Vishay Siliconix 550D825X0050R2 Datasheet HTML 3Page - Vishay Siliconix 550D825X0050R2 Datasheet HTML 4Page - Vishay Siliconix 550D825X0050R2 Datasheet HTML 5Page - Vishay Siliconix 550D825X0050R2 Datasheet HTML 6Page - Vishay Siliconix 550D825X0050R2 Datasheet HTML 7Page - Vishay Siliconix 550D825X0050R2 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
www.vishay.com
31
550D
Vishay Sprague
Document Number: 40017
Revision 11-Nov-04
For technical questions, contact tantalum@vishay.com
2.
A-C Ripple Voltage: The maximum allowable
ripple voltage shall be determined by the formula:
or, from the formula:
where
P=
Power Dissipation in Watts @ + 25°C as
given in the table in Paragraph Number 5
(Power Dissipation).
RESR = The capacitor Equivalent Series Resistance
at the specified frequency.
Z=
The capacitor impedance at the specified
frequency.
2.1
The sum of the peak AC voltage plus the DC voltage
shall not exceed the DC voltage rating of the capacitor.
2.2
The sum of the negative peak AC voltage plus the
applied DC voltage shall not allow a voltage reversal
exceeding 15% of the DC working voltage at + 25°C.
5.
Power Dissipation: The figures shown relate to an
approximate + 20°C rise in case temperature
measured in free air. Power dissipation will be affected
by the heat sinking capability of the mounting surface.
Non-sinusoidal ripple current may produce heating
effects which differ from those shown. It is important
that the equivalent
Irms value be established when
calculating permissable operating levels.
1.
A-C Ripple Current: The maximum allowable ripple
current shall be determined from the formula:
P=
Power Dissipation in Watts @ + 25°C as given in
the table in Paragraph Number 5 (Power
Dissipation).
GUIDE TO APPLICATION
3.
Reverse Voltage: These capacitors are capable of
withstanding peak voltages in the reverse direction
equal to 15% of the DC rating at + 25°C, 10% of the
DC rating at + 55°C; 5% of the DC rating at +85°C.
4.
Temperature Derating: If these capacitors are to be
operated at temperatures above + 25°C, the
permissible rms ripple current or voltage shall be
calculated using the derating factors as shown:
RESR = The capacitor Equivalent Series Resistance
at the specified frequency.
Vrms = Irms x Z
Vrms = Z
P
RESR
P
RESR
Irms =
Temperature
Derating
Factor
+ 25°C
+ 55°C
+ 85°C
+ 125°C
1.0
0.8
0.6
0.4
0.185
0.225
Case
Code
Maximum Permissible
Power Dissipation
@ + 25
°C
(Watts)
in free air
R
S


Similar Part No. - 550D825X0050R2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
550D825X0050R2 VISHAY-550D825X0050R2 Datasheet
148Kb / 9P
   Solid-Electrolyte TANTALEX짰 Capacitors for High Frequency Power Supplies
Revision: 28-Aug-08
More results

Similar Description - 550D825X0050R2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
199D686X9025F6V1 VISHAY-199D686X9025F6V1 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors
Revision: 29-Nov-12
M39003 VISHAY-M39003 Datasheet
86Kb / 6P
   Solid-Electrolyte TANTALEX??Capacitors
152D VISHAY-152D Datasheet
153Kb / 11P
   Solid-Electrolyte TANTALEX??Capacitors
550D VISHAY-550D_08 Datasheet
148Kb / 9P
   Solid-Electrolyte TANTALEX짰 Capacitors for High Frequency Power Supplies
Revision: 28-Aug-08
173D VISHAY-173D Datasheet
81Kb / 6P
   Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded-Case
Revision 13-Jun-02
199D106X9025C1V1E3 VISHAY-199D106X9025C1V1E3 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
150D VISHAY-150D Datasheet
72Kb / 9P
   Solid-Electrolyte TANTALEX Capacitors Hermetically-Sealed, Axial-Lead
Revision: 16-Jan-08
173D107X9020YWE3 VISHAY-173D107X9020YWE3 Datasheet
114Kb / 10P
   Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded Case
Revision: 05-Apr-12
199D225X9050C1V1E3 VISHAY-199D225X9050C1V1E3 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
199D226X0016DA1 VISHAY-199D226X0016DA1 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com