Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBU1002G Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # KBU1002G
Description  Single Phase 10 AMPS. Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KBU1002G Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  KBU1002G Datasheet HTML 1Page - List of Unclassifed Manufacturers KBU1002G Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 518 -
KBU1001G THRU KBU1007G
Single Phase 10 AMPS. Glass Passivated Bridge Rectifiers
Voltage Range
50 to 1000 Volts
Current
10.0 Amperes
Features
a UL Recognized File # E-96005
a Glass passivated junction
a Ideal for printed circuit board
a Reliable low cost construction
a Plastic material has Underwriters
Laboratory Flammability Classification
94V-0
a Surge overload rating to 200 amperes
peak
a High temperature soldering guaranteed:
250
oC / 10 seconds / .375”, (9.5mm) lead
lengths at 5 lbs., (2.3kg) tension
a Weight: 0. 3 ounce, 8.0 grams
a Mounting torque: 5 in. lb. Max.
KBU
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
+ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
KBU
1001G
KBU
1002G
KBU
1003G
KBU
1004G
KBU
1005G
KBU
1006G
KBU
1007G
Units
Maximum Recurrent Peak Reverse Voltage
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
@TA =45
+
10.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated Load
(JEDEC method )
200
A
Maximum Instantaneous Forward Voltage
@ 10.0A
1.1
V
Maximum DC Reverse Current @ TA=25
+
at Rated DC Blocking Voltage @ TA=125
+
5.0
500
uA
uA
Typical Thermal Resistance (Note) R
θJC
2.2
+
+
+
+/W
Operating Temperature Range TJ
-55 to +150
+
+
+
+
Storage Temperature Range TSTG
-55 to + 150
+
+
+
+
Note: Thermal Resistance from Junction to Case with Device Mounted on 100mm x 100mm x 1.6mm
Cu Plate Heatsink.


Similar Part No. - KBU1002G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBU1002G WTE-KBU1002G Datasheet
43Kb / 3P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBU1002G JGD-KBU1002G Datasheet
131Kb / 2P
   SINGLE PHASE 10 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Won-Top Electronics
KBU1002G WTE-KBU1002G Datasheet
52Kb / 4P
   10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
KBU1002G TSC-KBU1002G Datasheet
168Kb / 2P
   Single Phase 10 AMPS. Glass Passivated Bridge Rectifiers
KBU1002G TSC-KBU1002G Datasheet
53Kb / 2P
   Single Phase 10 AMPS. Glass Passivated Bridge Rectifiers
More results

Similar Description - KBU1002G

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
GBJ10005 DGNJDZ-GBJ10005 Datasheet
95Kb / 2P
   SINGLE PHASE 10 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
KBU1001G TSC-KBU1001G_1 Datasheet
53Kb / 2P
   Single Phase 10 AMPS. Glass Passivated Bridge Rectifiers
KBU1001G TSC-KBU1001G Datasheet
168Kb / 2P
   Single Phase 10 AMPS. Glass Passivated Bridge Rectifiers
KBU1001G TSC-KBU1001G_10 Datasheet
508Kb / 2P
   Single Phase 10 AMPS. Glass Passivated Bridge Rectifiers
logo
Jinan Gude Electronic D...
KBU1000G JGD-KBU1000G Datasheet
131Kb / 2P
   SINGLE PHASE 10 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
List of Unclassifed Man...
MBS2 ETC-MBS2 Datasheet
42Kb / 2P
   Single Phase 0.8 AMPS. Glass Passivated Bridge Rectifiers
KBP301G ETC-KBP301G Datasheet
116Kb / 2P
   Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
KBL401G TSC-KBL401G Datasheet
68Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
TS20P01G TSC-TS20P01G Datasheet
50Kb / 2P
   Single Phase 20.0 AMPS. Glass Passivated Bridge Rectifiers
GBU1001 TSC-GBU1001 Datasheet
49Kb / 2P
   Single Phase 10.0 AMPS. Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com