Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K75-91 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # K75-91
Description  FILM AND PAPER-FILM CAPACITORS
Download  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

K75-91 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button K75-91 Datasheet HTML 3Page - List of Unclassifed Manufacturers K75-91 Datasheet HTML 4Page - List of Unclassifed Manufacturers K75-91 Datasheet HTML 5Page - List of Unclassifed Manufacturers K75-91 Datasheet HTML 6Page - List of Unclassifed Manufacturers K75-91 Datasheet HTML 7Page - List of Unclassifed Manufacturers K75-91 Datasheet HTML 8Page - List of Unclassifed Manufacturers K75-91 Datasheet HTML 9Page - List of Unclassifed Manufacturers K75-91 Datasheet HTML 10Page - List of Unclassifed Manufacturers K75-91 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 176 page
background image
ЭЛКОД
ЭЛКОД
7
Uном=630 В / Ur=630 V
Uном=1000 В / Ur=1000 V
Uном=1600 В / Ur=1600 V
Сном,
мкФ
Cr, µF
Dmax,
mm
Lmax,
mm
d,
mm
Масса,г
Mass, g
max
Dmax,
mm
Lmax,
mm
d,
mm
Масса,г
Mass, g
max
Dmax,
mm
Lmax,
mm
d,
mm
Масса,
г
Mass, g
max
0.0010
1.0
0.0012
0.0015
1.2
0.0018
0.0022
1.3
0.0027
1.4
0.0033
1.5
0.0039
1.6
0.0047
0.0056
1.7
10
3.0
0.0068
11
3.5
0.0082
6
1.8
12
4.0
0.010
9
2.5
13
18
4.5
0.012
7
1.9
10
3.0
9
4.5
0.015
11
3.5
9
4.5
0.018
8
2.0
12
4.0
0.022
9
2.2
13
18
4.5
10
5.0
0.027
10
14
0.6
8
4.0
11
6.0
0.033
2.4
12
30
0.8
7.0
0.039
8
9
4.5
10
9.0
0.047
9
2.5
10
5.0
11
10
0.056
11
6.0
12
11
0.068
10
3.0
12
30
0.8
7.0
13
12
0.082
11
3.5
10
9.0
0.10
12
4.0
15
14
0.12
13
4.5
11
10
16
15
0.15
15
18
6.0
18
21
0.18
10
5.0
13
12
19
23
0.22
11
5.5
15
14
21
44
1.0
26
0.27
12
6.0
17
18
0.33
13
8.0
18
44
1.0
21
0.39
14
9.0
0.47
16
30
0.8
10


Similar Part No. - K75-91

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
K75A06K3 VBSEMI-K75A06K3 Datasheet
987Kb / 7P
   N-Channel 60 V (D-S) MOSFET
logo
Infineon Technologies A...
K75EEH5 INFINEON-K75EEH5 Datasheet
2Mb / 16P
   High speed H5 technology offering
Rev.2.1,2014-10-31
K75H603 INFINEON-K75H603 Datasheet
1Mb / 16P
   600V hibh speed switching series third generation
2011-12-13 revision:1.2
K75T60 INFINEON-K75T60 Datasheet
411Kb / 13P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.6 Sep 08
More results

Similar Description - K75-91

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
T6P5NR-F CDE-T6P5NR-F_15 Datasheet
114Kb / 2P
   High Voltage Paper-Film/Foil Capacitors
T6P5NR-F CDE-T6P5NR-F Datasheet
134Kb / 2P
   High Voltage Paper-Film/Foil Capacitors
logo
Exxelia Group
118P EXXELIA-118P Datasheet
801Kb / 6P
   Metal-Case Metalized Paper / Polyester FILM Capacitors
logo
Cornell Dubilier Electr...
SCRN201R-F CDE-SCRN201R-F Datasheet
169Kb / 3P
   Commutating Capacitors Film-Paper/Extended Foil Commutating Capacitor
logo
EPCOS
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com