Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXHL-PD01 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # LXHL-PD01
Description  Luxeon Emitter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LXHL-PD01 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button LXHL-PD01 Datasheet HTML 3Page - List of Unclassifed Manufacturers LXHL-PD01 Datasheet HTML 4Page - List of Unclassifed Manufacturers LXHL-PD01 Datasheet HTML 5Page - List of Unclassifed Manufacturers LXHL-PD01 Datasheet HTML 6Page - List of Unclassifed Manufacturers LXHL-PD01 Datasheet HTML 7Page - List of Unclassifed Manufacturers LXHL-PD01 Datasheet HTML 8Page - List of Unclassifed Manufacturers LXHL-PD01 Datasheet HTML 9Page - List of Unclassifed Manufacturers LXHL-PD01 Datasheet HTML 10Page - List of Unclassifed Manufacturers LXHL-PD01 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Luxeon Emitter DS25 (4/05)
7
Absolute Maximum Ratings
Table 5.
W
Wh
hiitte
e//G
Grre
ee
en
n//
R
Re
ed
d//
C
Cy
ya
an
n//B
Bllu
ue
e//
W
Wa
arrm
m
R
Re
ed
d O
Orra
an
ng
ge
e//
P
Pa
arra
am
me
ette
err
R
Ro
oy
ya
all B
Bllu
ue
e
W
Wh
hiitte
e
A
Am
mb
be
err
DC Forward Current (mA)
[1]
350
350
385
Peak Pulsed Forward Current (mA)
500
500
550
Average Forward Current (mA)
350
350
350
ESD Sensitivity
[2]
± 16,000V HBM
LED Junction Temperature (°C)
135
120
120
Storage Temperature (°C)
40 to +120
40 to +120
40 to +120
Soldering Temperature (°C)
[3]
260 for 5
260 for 5
260 for 5
seconds max
seconds max
seconds max
Notes for Table 5:
1.
Proper current derating must be observed to maintain junction temperature below the maximum. For more information,
consult the Luxeon Design Guide, available upon request.
2.
LEDs are not designed to be driven in reverse bias. Please consult Lumileds' Application Brief AB11 for further information.
3.
Measured at leads, during lead soldering and slug attach, body temperature must not exceed 120°C. Luxeon emitters
cannot be soldered by general IR or Vaporphase reflow, nor by wave soldering. Lead soldering is limited to selective
heating of the leads, such as by hotbar reflow, fiber focussed IR, or hand soldering. The package back plane (slug) may
not be attached by soldering, but rather with a thermally conductive adhesive. Electrical insulation between the slug and
the board is required. Please consult Lumileds' Application Brief AB10 on Luxeon Emitter Assembly Information for further
details on assembly methods.


Similar Part No. - LXHL-PD01

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXHL-PD01 LUMILEDS-LXHL-PD01 Datasheet
956Kb / 19P
   power light source LUXEON짰 Emitter
More results

Similar Description - LXHL-PD01

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS34 LUMILEDS-DS34 Datasheet
493Kb / 9P
   power light source Luxeon V Emitter
DS25A LUMILEDS-DS25A Datasheet
98Kb / 4P
   power light source Luxeon Emitter Option Code Selections
logo
List of Unclassifed Man...
LXZ2-4070 ETC2-LXZ2-4070_14 Datasheet
2Mb / 23P
   LUXEON Z LUXEON Z ES
logo
Lumileds Lighting Compa...
LXML-PR02 LUMILEDS-LXML-PR02 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES
LXML-PX02-0000 LUMILEDS-LXML-PX02-0000 Datasheet
2Mb / 31P
   LUXEON Rebel and LUXEON Rebel ES
LHUV-0380-0150 LUMILEDS-LHUV-0380-0150 Datasheet
1Mb / 15P
   LUXEON UV
DS68 LUMILEDS-DS68 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES Color Portfolio
logo
List of Unclassifed Man...
LXHL-LB3C ETC-LXHL-LB3C Datasheet
242Kb / 14P
   Luxeon III Star
LXZ1-PM01 ETC2-LXZ1-PM01_14 Datasheet
3Mb / 28P
   LUXEON Z Color Protfolio
logo
Lumileds Lighting Compa...
DS24 LUMILEDS-DS24 Datasheet
215Kb / 8P
   power light source Luxeon Flood
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com