Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K75-65M Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # K75-65M
Description  FILM AND PAPER-FILM CAPACITORS
Download  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

K75-65M Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button K75-65M Datasheet HTML 5Page - List of Unclassifed Manufacturers K75-65M Datasheet HTML 6Page - List of Unclassifed Manufacturers K75-65M Datasheet HTML 7Page - List of Unclassifed Manufacturers K75-65M Datasheet HTML 8Page - List of Unclassifed Manufacturers K75-65M Datasheet HTML 9Page - List of Unclassifed Manufacturers K75-65M Datasheet HTML 10Page - List of Unclassifed Manufacturers K75-65M Datasheet HTML 11Page - List of Unclassifed Manufacturers K75-65M Datasheet HTML 12Page - List of Unclassifed Manufacturers K75-65M Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 176 page
background image
ЭЛКОД
ЭЛКОД
9
Зависимость допускаемого размаха импульсного напряжения ∆Uи от частоты следования
импульсов Fи, длительности наименьшего из временных участков, соответствующих фронту τф или
спаду
τ
с импульса, и номинальной емкости Сном
Permissible peak-to-peak pulse voltage ∆Uи as a function of pulse repetition frequency Fи, minimal
temporal sector
τ
и, corresponding pulse leading edge slope τф or pulse trailing edge slope τс and rated
capacitance Сr
Cном
0,4
0,8
0,6
0,2
1
2
4
6
8
10
20
40
60
80
100
200
400
600
0,47 1,0
22
10
0,1
4,7
0,001
0,0047 0,01
U ном, В
мкФ
Uu
τ ,c=10 c
- 6
τ ,c=10 c
- 3
τ ,c=10 c
- 4
τ ,c=10 c
- 5
В
10
10
2
4
10
10
6
10
5
10
3
25
25
25
25
2
5
Fи
Гц
U
τc
T=1/fи
τф
t
Ограничения:
Limits:
Uи ≤ Ut
Uи ≤ Ut
Пример определения
Uи:
Example of calculation of
Uи:
Дано:
Fи = 10
4 Гц,
τ
ф,c = 10
-6 c, U
ном = 250 B,
Cном = 0,47 мкФ
Находим:
Uи = 13 B
Given:
Fи = 10
4 Hz ,
τ
ф,с = 10
-6 s, Ur = 250 V,
Cr = 0,47 µF
Finding:
Uи = 13 V


Similar Part No. - K75-65M

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
K75A06K3 VBSEMI-K75A06K3 Datasheet
987Kb / 7P
   N-Channel 60 V (D-S) MOSFET
logo
Infineon Technologies A...
K75EEH5 INFINEON-K75EEH5 Datasheet
2Mb / 16P
   High speed H5 technology offering
Rev.2.1,2014-10-31
K75H603 INFINEON-K75H603 Datasheet
1Mb / 16P
   600V hibh speed switching series third generation
2011-12-13 revision:1.2
K75T60 INFINEON-K75T60 Datasheet
411Kb / 13P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.6 Sep 08
More results

Similar Description - K75-65M

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
T6P5NR-F CDE-T6P5NR-F_15 Datasheet
114Kb / 2P
   High Voltage Paper-Film/Foil Capacitors
T6P5NR-F CDE-T6P5NR-F Datasheet
134Kb / 2P
   High Voltage Paper-Film/Foil Capacitors
logo
Exxelia Group
118P EXXELIA-118P Datasheet
801Kb / 6P
   Metal-Case Metalized Paper / Polyester FILM Capacitors
logo
Cornell Dubilier Electr...
SCRN201R-F CDE-SCRN201R-F Datasheet
169Kb / 3P
   Commutating Capacitors Film-Paper/Extended Foil Commutating Capacitor
logo
EPCOS
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com