Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT17LV010A Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT17LV010A
Description  FPGA Configuration EEPROM Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT17LV010A Datasheet(HTML) 1 Page - ATMEL Corporation

  AT17LV010A Datasheet HTML 1Page - ATMEL Corporation AT17LV010A Datasheet HTML 2Page - ATMEL Corporation AT17LV010A Datasheet HTML 3Page - ATMEL Corporation AT17LV010A Datasheet HTML 4Page - ATMEL Corporation AT17LV010A Datasheet HTML 5Page - ATMEL Corporation AT17LV010A Datasheet HTML 6Page - ATMEL Corporation AT17LV010A Datasheet HTML 7Page - ATMEL Corporation AT17LV010A Datasheet HTML 8Page - ATMEL Corporation AT17LV010A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
Features
Serial EEPROM Family for Configuring FLEX® Devices
Simple Interface to SRAM FPGAs
EE Programmable 2-Mbit Serial Memories Designed to Store Configuration Programs
for Field Programmable Gate Arrays (FPGAs)
Cascadable Read Back to Support Additional Configurations or Future Higher-density
Arrays
Low-power CMOS EEPROM Process
Programmable Reset Polarity
Available in the Space-efficient Surface-mount PLCC Package
In-System Programmable via 2-wire Bus
Emulation of Atmel’s AT24CXXX Serial EEPROMs
Available in 3.3V ± 5% LV and 5V ± 5% C Versions
System-friendly READY Pin
Replacement for AT17C/LV002A
Description
The AT17C002A and AT17LV002A (high-density AT17A Series) FPGA Configuration
EEPROMs (configurators) provide an easy-to-use, cost-effective configuration mem-
ory for programming Altera FLEX devices. The AT17A Series is packaged in the
popular 20-lead PLCC and the 32-lead TQFP. The AT17A Series family uses a simple
serial-access procedure to configure one or more FPGA devices. The AT17A Series
organization supplies enough memory to configure one or multiple smaller FPGAs.
Using a feature of the AT17A Series, the user can select the polarity of the reset func-
tion by programming internal EEPROM bytes. The AT17A parts generate their own
internal clock and can be used as a system “master” for loading the FPGA devices.
The Atmel devices also support a system-friendly READY pin. The READY pin is used
to simplify system power-up considerations.
The AT17A Series Configurators can be programmed with industry-standard program-
mers or Atmel’s ATDH2200E Programming Kit.
FPGA
Configuration
EEPROM
Memory
2-megabit
Altera Pinout
AT17C002A
AT17LV002A
Rev. 2280B–08/01


Similar Part No. - AT17LV010A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17LV010A ATMEL-AT17LV010A Datasheet
134Kb / 11P
   FPGA Serial Configuration Memories
AT17LV010A ATMEL-AT17LV010A Datasheet
337Kb / 18P
   FPGA Configuration EEPROM Memory
AT17LV010A-10BJC ATMEL-AT17LV010A-10BJC Datasheet
221Kb / 24P
   FPGA Configuration EEPROM Memory
AT17LV010A-10BJI ATMEL-AT17LV010A-10BJI Datasheet
221Kb / 24P
   FPGA Configuration EEPROM Memory
AT17LV010A-10CC ATMEL-AT17LV010A-10CC Datasheet
221Kb / 24P
   FPGA Configuration EEPROM Memory
More results

Similar Description - AT17LV010A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17LV65A ATMEL-AT17LV65A_14 Datasheet
469Kb / 16P
   FPGA Configuration EEPROM Memory
AT17LV512A-10PU ATMEL-AT17LV512A-10PU Datasheet
338Kb / 18P
   FPGA Configuration EEPROM Memory
AT17LV65A ATMEL-AT17LV65A_06 Datasheet
337Kb / 18P
   FPGA Configuration EEPROM Memory
AT17C002 ATMEL-AT17C002 Datasheet
255Kb / 19P
   FPGA Configuration EEPROM Memory
AT17LV65 ATMEL-AT17LV65_14 Datasheet
676Kb / 23P
   FPGA Configuration EEPROM Memory
AT17LV65 ATMEL-AT17LV65_08 Datasheet
637Kb / 26P
   FPGA Configuration EEPROM Memory
AT17LV256 ATMEL-AT17LV256 Datasheet
221Kb / 24P
   FPGA Configuration EEPROM Memory
AT17C020 ATMEL-AT17C020 Datasheet
218Kb / 12P
   2-megabit FPGA Configuration EEPROM Memory
AT17C65A-10JC ATMEL-AT17C65A-10JC Datasheet
162Kb / 11P
   FPGA Configuration EEPROM
AT17N256 ATMEL-AT17N256_07 Datasheet
308Kb / 18P
   FPGA Configuration Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com