Electronic Components Datasheet Search |
|
550D686X0020S2 Datasheet(PDF) 7 Page - Vishay Siliconix |
|
550D686X0020S2 Datasheet(HTML) 7 Page - Vishay Siliconix |
7 / 8 page Document Number: 40017 Revision 11-Nov-04 www.vishay.com 30 550D Vishay Sprague For technical questions, contact tantalum@vishay.com 13. Moisture Resistance: 13.1 Capacitors shall be subjected to temperature cycling at 90% to 98% relative humidity, in a test chamber constructed of non-reactive materials (non-resiniferous and containing no formaldehyde or phenol). Steam or distilled, demineralized or deionized water having a pH value between 6.0 and 7.2 at + 23°C shall be used to obtain the required humidity. No rust, corrosive contaminants or dripping condensate shall be imposed on test specimens. 13.1.1 Capacitors shall be mounted by their normal mounting means in a normal mounting position and placed in a test chamber so that uniform and thorough exposure is obtained. 13.1.2 No conditioning or initial measurements will be performed prior to temperature cycling. Polarization and load voltages are not applicable. 13.1.3 Capacitors shall be subjected to temperature cycling from + 25°C to + 65°C to + 25°C (+ 10°C, -2°C) over a period of 8 hours, at 90% to 98% relative humidity, for 20 cycles. 13.1.4 Temperature cycling shall be stopped after an even number of cycles 5 times during the first 18 cycles, and the capacitor shall be alloweed to stabilize at high humidity for 1 to 4 hours. 13.1.5 After stabilization, capacitors shall be removed from the humidity chamber and shall be conditioned for 3 hours at - 10°C ± 2°C. 13.1.6 After cold conditioning, capacitors shall be subjected to vibration cycling consisting of a simple harmonic vibration having an amplitude of 0.03” [0.76] and a maximum total excursion of 0.06” [1.52] varied uniformly from 10Hz to 55Hz to 10Hz over a period of 1 minute, for 15 cycles. 13.1.7 Capacitors shall then be returned to temperature/ humidity cycling. 13.2 After completion of temperature cycling, capacitors shall be removed from the test chamber and stabilized at room temperature for 2 to 6 hours. 13.3 Capacitors shall show no evidence of harmful or extensive corrosion, obliteration or marking or other visible damage. 13.4 Following the moisture resistance test, capacitors shall meet the original limits for capacitance, dissipation factor and leakage current. 14. Insulating Sleeves: 14.1 Capacitors with insulating sleeves shall withstand a 2000 volt DC potential applied for 1 minute between the case and a metal ‘V’ block in intimate contact with the insulating sleeve. 14.2 Capacitors with insulating sleeves shall have the insulation resistance measured between the case and a metal ‘V’ block in intimate contact with the insulating sleeve. The insulation resistance shall be at least 1000 megohms. 15. Thermal Shock And Immersion Cycling: 15.1 Capacitors shall be conditioned prior to temperature cycling for 15 minutes at + 25°C, at less than 50% relative humidity and a barometric pressure at 28 to 31 inches. 15.2 Capacitors shall be subjected to thermal shock in a cycle of exposure to ambient air at - 65°C (+ 0°C, - 5°C) for 30 minutes, then, + 25°C (+ 10°C, - 5°C) for 5 minutes, then + 125°C (+ 3°C, - 0°C) for 30 minutes, then + 25°C (+ 10°C, - 5°C) for 5 minutes, for 5 cycles. 15.3 Between 4 and 24 hours after temperature cycling, capacitors shall be subjected to immersion in a bath of fresh tap water with the non-corrosive dye Rhodamine B added, at + 65°C (+ 5°C, - 0°C) for 15 minutes, then, within 3 seconds, immersed in a saturated solution of sodium chloride and water with Rhodamine B added, at a temperature of + 25°C (+ 10°C, - 5°C) for 15 minutes, for 2 cycles. 15.3.1 Capacitors shall be thoroughly rinsed and wiped or air-blasted dry immediately upon removal from immersion cycling. 15.4 Capacitors shall show no evidence of harmful or extensive corrosion, obliteration of marking or other visable damage. 15.5 Following the thermal shock immersion cycling test, capacitors shall meet the original requirements for leakage current and dissipation factor; capacitance change shall not exceed ± 5% of the original measured value. 15.6 Capacitors shall be opened and examined. There shall be no evidence of dye penatration. 16. Reduced Pressure Test: 16.1 Capacitors shall be stabilized at a reduced pressure of 0.315” [8.0] of mercury, equivalent to an altitude of 100,000 feet [30,480 meters], for a period of 5 minutes. 16.2 Rated DC voltage shall be applied for 1 minute. 16.3 Capacitors shall not flash over nor shall end seals be damaged. 16.4 Following the reduced pressure test, the capacitance, equivalent series resistance and leakage current shall meet the original requirements. 17. Lead Pull Test: Leads shall withstand a tensile stress of 3 pounds (1.4 kilograms) applied in any direction for 30 seconds. 17. Marking: Capacitors shall be marked with Sprague® or (2); the type number 550D; rated capacitance and tolerance, rated DC working voltage and the standard EIA date code. 18.1 Capacitors shall be marked on one end with a plus sign (+) to identify the positive terminal. 18.2 Sprague® reserves the right to furnish capacitors of higher working voltages than those ordered, where the physical size of the higher voltage units is identical to that of the units ordered. |
Similar Part No. - 550D686X0020S2 |
|
Similar Description - 550D686X0020S2 |