Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXHL-BH03 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # LXHL-BH03
Description  Luxeon Emitter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LXHL-BH03 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  LXHL-BH03 Datasheet HTML 1Page - List of Unclassifed Manufacturers LXHL-BH03 Datasheet HTML 2Page - List of Unclassifed Manufacturers LXHL-BH03 Datasheet HTML 3Page - List of Unclassifed Manufacturers LXHL-BH03 Datasheet HTML 4Page - List of Unclassifed Manufacturers LXHL-BH03 Datasheet HTML 5Page - List of Unclassifed Manufacturers LXHL-BH03 Datasheet HTML 6Page - List of Unclassifed Manufacturers LXHL-BH03 Datasheet HTML 7Page - List of Unclassifed Manufacturers LXHL-BH03 Datasheet HTML 8Page - List of Unclassifed Manufacturers LXHL-BH03 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Luxeon Emitter DS25 (4/05)
5
Optical Characteristics at 350mA, Junction Temperature, TJ = 25ºC
Table 2.
T
Te
em
mp
pe
erra
attu
urre
e
D
Do
om
miin
na
an
ntt W
Wa
av
ve
elle
en
ng
gtth
h [1]
λλD
D,,
C
Co
oe
effffiic
ciie
en
ntt o
off
T
To
otta
all
P
Pe
ea
ak
k W
Wa
av
ve
elle
en
ng
gtth
h [2]
λλPP,,
S
Sp
pe
ec
cttrra
all
D
Do
om
miin
na
an
ntt
IIn
nc
cllu
ud
de
ed
d
V
Viie
ew
wiin
ng
g
o
orr C
Co
ollo
orr T
Te
em
mp
pe
erra
attu
urre
e [3]
H
Ha
allff w
wiid
dtth
h[4]
W
Wa
av
ve
elle
en
ng
gtth
h
A
An
ng
glle
e[5]
A
An
ng
glle
e[6]
R
Ra
ad
diia
attiio
on
n
C
CC
CT
T
((n
nm
m))
((n
nm
m//ooC
C))
((d
de
eg
grre
ee
es
s))
((d
de
eg
grre
ee
es
s))
P
Pa
atttte
errn
n
C
Co
ollo
orr
M
Miin
n..
T
Ty
yp
p..
M
Ma
ax
x..
∆∆λλ
1
1//2
2
∆∆λλ
D
D/
/
∆∆TT
J
J
θθ
0
0..9
90
0V
V
2
2
θθ 11//22
White
4500K
5500 K
10000 K
110
110
Warm White
2850K
3300K
3800K
110
110
Green
520 nm
530 nm
550 nm
35
0.04
110
110
Cyan
490 nm
505 nm
520 nm
30
0.04
110
110
Batwing
Blue
460 nm
470 nm
490 nm
25
0.04
110
110
Royal Blue
[2]
440 nm
455 nm
460 nm
20
0.04
110
110
Red
620.5 nm
625 nm
645 nm
20
0.05
110
110
RedOrange
613.5 nm
617 nm
620.5nm
20
0.06
110
110
Amber
584.5 nm
590 nm
597 nm
14
0.09
110
110
White
4500 K
5500 K
10000 K
160
140
Green
520 nm
530 nm
550 nm
35
0.04
160
140
Cyan
490 nm
505 nm
520 nm
30
0.04
160
140
Lambertian
Blue
460 nm
470 nm
490 nm
25
0.04
160
140
Royal Blue
[2]
440 nm
455 nm
460 nm
20
0.04
160
140
Red
620.5 nm
627 nm
645 nm
20
0.05
160
140
RedOrange
613.5 nm
617 nm
620.5 nm
20
0.06
160
140
Amber
584.5 nm
590 nm
597 nm
14
0.09
160
140
Optical Characteristics at 350mA, Junction Temperature, TJ = 25ºC, Cont.
Table 3.
T
Te
em
mp
pe
erra
attu
urre
e
T
Ty
yp
piic
ca
all
D
Do
om
miin
na
an
ntt W
Wa
av
ve
elle
en
ng
gtth
h [1]
λλD
D,,
C
Co
oe
effffiic
ciie
en
ntt o
off
T
To
otta
all F
Fllu
ux
x
T
Ty
yp
piic
ca
all
P
Pe
ea
ak
k W
Wa
av
ve
elle
en
ng
gtth
h [2]
λλPP,,
S
Sp
pe
ec
cttrra
all
D
Do
om
miin
na
an
ntt
P
Pe
errc
ce
en
ntt
A
An
ng
glle
e
o
orr C
Co
ollo
orr T
Te
em
mp
pe
erra
attu
urre
e [3]
H
Ha
allff w
wiid
dtth
h[4]
W
Wa
av
ve
elle
en
ng
gtth
h
w
wiitth
hiin
n
o
off P
Pe
ea
ak
k
R
Ra
ad
diia
attiio
on
n
C
CC
CT
T
((n
nm
m))
((n
nm
m//ooC
C))
ffiirrs
stt 4
45
5°°[7]
IIn
ntte
en
ns
siitty
y [8]
P
Pa
atttte
errn
n
C
Co
ollo
orr
M
Miin
n..
T
Ty
yp
p..
M
Ma
ax
x..
∆∆λλ
1
1//2
2
∆∆λλ
D
D/
/
∆∆TT
J
J
C
Cu
um
m
Φ
Φ
4
45
5°°
θθ
P
Pe
ea
ak
k
White
4500 K
5500 K
10000 K
<15%
75°
85°
Green
520 nm
530 nm
550 nm
35
0.04
<15%
75°
85°
Cyan
490 nm
505 nm
520 nm
30
0.04
<15%
75°
85°
Side Emitting
Blue
460 nm
470 nm
490 nm
25
0.04
<15%
75°
85°
Royal Blue
[2]
440 nm
455 nm
460 nm
20
0.04
<15%
75°
85°
Red
620.5 nm
627 nm
645 nm
20
0.05
<15%
75°
85°
RedOrange
613.5 nm
617 nm
620.5 nm
20
0.06
<15%
75°
85°
Amber
584.5 nm
590 nm
597 nm
14
0.09
<15%
75°
85°
Notes: (for Tables 2 & 3)
1. Dominant wavelength is derived from the CIE 1931 Chromaticity diagram and represents the perceived color. Lumileds
maintains a tolerance of ± 0.5nm for dominant wavelength measurements.
2. Royal Blue product is binned by radiometric power and peak wavelength rather than photometric lumens and dominant
wavelength. Lumileds maintains a tolerance of ± 2nm for peak wavelength measurements.
3. CCT ±5% tester tolerance.
4. Spectral width at ½ of the peak intensity.
5. Total angle at which 90% of total luminous flux is captured.
6.
θ½ is the off axis angle from lamp centerline where the luminous intensity is ½ of the peak value.
7. Cumulative flux percent within ± 45° from optical axis.
8. Off axis angle from lamp centerline where the luminous intensity reaches the peak value.


Similar Part No. - LXHL-BH03

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXHL-BH03 LUMILEDS-LXHL-BH03 Datasheet
956Kb / 19P
   power light source LUXEON짰 Emitter
More results

Similar Description - LXHL-BH03

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS34 LUMILEDS-DS34 Datasheet
493Kb / 9P
   power light source Luxeon V Emitter
DS25A LUMILEDS-DS25A Datasheet
98Kb / 4P
   power light source Luxeon Emitter Option Code Selections
logo
List of Unclassifed Man...
LXZ2-4070 ETC2-LXZ2-4070_14 Datasheet
2Mb / 23P
   LUXEON Z LUXEON Z ES
logo
Lumileds Lighting Compa...
LXML-PR02 LUMILEDS-LXML-PR02 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES
LXML-PX02-0000 LUMILEDS-LXML-PX02-0000 Datasheet
2Mb / 31P
   LUXEON Rebel and LUXEON Rebel ES
LHUV-0380-0150 LUMILEDS-LHUV-0380-0150 Datasheet
1Mb / 15P
   LUXEON UV
DS68 LUMILEDS-DS68 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES Color Portfolio
logo
List of Unclassifed Man...
LXHL-LB3C ETC-LXHL-LB3C Datasheet
242Kb / 14P
   Luxeon III Star
LXZ1-PM01 ETC2-LXZ1-PM01_14 Datasheet
3Mb / 28P
   LUXEON Z Color Protfolio
logo
Lumileds Lighting Compa...
DS24 LUMILEDS-DS24 Datasheet
215Kb / 8P
   power light source Luxeon Flood
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com