Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXHL-LE3C Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LXHL-LE3C
Description  Luxeon III Star
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LXHL-LE3C Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LXHL-LE3C Datasheet HTML 1Page - List of Unclassifed Manufacturers LXHL-LE3C Datasheet HTML 2Page - List of Unclassifed Manufacturers LXHL-LE3C Datasheet HTML 3Page - List of Unclassifed Manufacturers LXHL-LE3C Datasheet HTML 4Page - List of Unclassifed Manufacturers LXHL-LE3C Datasheet HTML 5Page - List of Unclassifed Manufacturers LXHL-LE3C Datasheet HTML 6Page - List of Unclassifed Manufacturers LXHL-LE3C Datasheet HTML 7Page - List of Unclassifed Manufacturers LXHL-LE3C Datasheet HTML 8Page - List of Unclassifed Manufacturers LXHL-LE3C Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Mechanical Dimensions
Luxeon III Star
Notes:
1. Slots in aluminumcore PCB for M3 or #4 mounting screw.
2. Electrical interconnection pads labeled on the aluminumcore PCB with "+" and "" to denote positive and negative, respectively.
All positive pads are interconnected, as are all negative pads, allowing for flexibility in array interconnection.
3. Electrical insulation between neighboring Stars is required —aluminum board is not electrically neutral.
4. Drawings not to scale.
5. All dimensions are in millimeters.
Flux Characteristics at 700mA, Junction Temperature, TJ = 25ºC
Table 1.
M
Miin
niim
mu
um
m L
Lu
um
miin
no
ou
us
s
T
Ty
yp
piic
ca
all L
Lu
um
miin
no
ou
us
s
F
Fllu
ux
x ((llm
m)) o
orr
F
Fllu
ux
x ((llm
m)) o
orr
R
Ra
ad
diio
om
me
ettrriic
c P
Po
ow
we
err
R
Ra
ad
diio
om
me
ettrriic
c P
Po
ow
we
err
L
Lu
ux
xe
eo
on
n
((m
mW
W))
((m
mW
W))
R
Ra
ad
diia
attiio
on
n
C
Co
ollo
orr
E
Em
miitttte
err
ΦV [1,2]
ΦV [2]
P
Pa
atttte
errn
n
White
LXHLLW3C
60.0
65
Green
LXHLLM3C
51.7
64
Lambertian
Cyan
LXHLLE3C
51.7
64
Blue
[3]
LXHLLB3C
13.9
23
Royal Blue
[4]
LXHLLR3C
275 mW
340 mW
White
LXHLFW3C
51.7
58
Green
LXHLFM3C
51.7
58
Side Emitting
Blue
[3]
LXHLFB3C
13.9
21
Luxeon III Star DS46 (3/05)
2
Side Emitting


Similar Part No. - LXHL-LE3C

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXHL-LE3C LUMILEDS-LXHL-LE3C Datasheet
368Kb / 15P
   power light source LUXEON짰 III Star
More results

Similar Description - LXHL-LE3C

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS30 LUMILEDS-DS30 Datasheet
342Kb / 7P
   power light source Luxeon V Star
DS23A LUMILEDS-DS23A Datasheet
89Kb / 4P
   power light source Luxeon Star Option Code Selections
logo
Zetex Semiconductors
DN71 ZETEX-DN71 Datasheet
87Kb / 2P
   ZXSC400 Solution for Luxeon V Star high powered LED
logo
Lumileds Lighting Compa...
DS46 LUMILEDS-DS46 Datasheet
368Kb / 15P
   power light source LUXEON짰 III Star
logo
List of Unclassifed Man...
MG-S01SP ETC2-MG-S01SP Datasheet
319Kb / 12P
   SiRF Star III LowPower GPS Module
LXZ2-4070 ETC2-LXZ2-4070_14 Datasheet
2Mb / 23P
   LUXEON Z LUXEON Z ES
logo
Lumileds Lighting Compa...
LXML-PR02 LUMILEDS-LXML-PR02 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES
LXML-PX02-0000 LUMILEDS-LXML-PX02-0000 Datasheet
2Mb / 31P
   LUXEON Rebel and LUXEON Rebel ES
LHUV-0380-0150 LUMILEDS-LHUV-0380-0150 Datasheet
1Mb / 15P
   LUXEON UV
logo
List of Unclassifed Man...
LXHL-BW02 ETC-LXHL-BW02 Datasheet
579Kb / 18P
   Luxeon Emitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com