Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LL2012-FHL56NJ Datasheet(PDF) 4 Page - TOKO, Inc

Part # LL2012-FHL56NJ
Description  Multilayer Chip Inductors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

LL2012-FHL56NJ Datasheet(HTML) 4 Page - TOKO, Inc

  LL2012-FHL56NJ Datasheet HTML 1Page - TOKO, Inc LL2012-FHL56NJ Datasheet HTML 2Page - TOKO, Inc LL2012-FHL56NJ Datasheet HTML 3Page - TOKO, Inc LL2012-FHL56NJ Datasheet HTML 4Page - TOKO, Inc LL2012-FHL56NJ Datasheet HTML 5Page - TOKO, Inc LL2012-FHL56NJ Datasheet HTML 6Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Multilayer and Thick FilmChip Inductors 積層・厚膜チップインダクタ
3
Tolerance
± 0.1nH
± 0.2nH
± 0.3nH
± 2%
± 3%
± 5%
± 10%
± 20%
Mark
B
C
S
G
T
J
K
M
REEL PACKAGING/リールパッケージ
PART NUMBERING SYSTEM/品番構成
Example /例
L L
1608
F S
Tolerance/インダクタンスの許容差記号
Inductance/インダクタンス記号
Material/材料記号
Physical Dimensions/寸法
TOKO's Type name/東光製品名
Unit is nH and 3 digits are used.
The value is indicated as shown below.
3文字で示される。単位はnH
Example /例: 4N7…4.7nH
33N…33nH
R27…270nH
Inductance
Tolerance for the Inductance
インダクタンスの許容差記号
ABC
T1
T2
T3
Material (Tape)
QTY (Ø180)
Type
LL2012
LL1608
LL1005
LLP1005
LLV0603
(1) Chip's placing
Chip Inductors are packaged into 8mm width, 4 or 2mm
pitch plastic or paper tape then enclosed by cover tape.
(2) Carriage hole position
Carriage hole position is right side of tape when sealing tape
is up side.
• Tape dimensions (Unit: mm)/テープ寸法 (単位:mm)
• Reel dimensions (Unit: mm)/リール寸法 (単位:mm)
(1) チップ装置
チップインダクタは、8mm幅・4または2mmピッチのプラスチッ
クテープまたは紙テープ中に収納され、カバーテープを貼り付
けることにより保持されています。
(2) 送り穴位置
テープの送り穴は、テープを手前に引き出したとき、右側と
なります。
4
2
1.5
1.0
0.62
0.67
0.35
2.3
1.8
1.12
1.15
0.65
0.3
0.2
Max. 2.0
Max. 1.4
Max. 0.8
Max. 0.8
Max. 0.8
~39nH:4000, 47nH~3000PCS/reel
4000PCS/reel
10,000PCS/reel
10,000PCS/reel
15,000PCS/reel
Plastic
プラスチック
Paper
• Label: Customer's P/N, Q'ty, TOKO P/N, TOKO, INC.
ラベル:客先部品番号、数量、当社品番および当社名が表示されています。
9.0 (9.5)
11.4 (13.5)
P=4.0±0.1
2.0±0.05
φ1.55±0.05
φ13
φ21
T1
T3
製品挿入方向
T2
B
A
2
Label
ラベル
*()は ø330リールの場合


Similar Part No. - LL2012-FHL56NJ

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LL2012-FHL56NJ TOKO-LL2012-FHL56NJ Datasheet
378Kb / 2P
   Multilayer Chip Inductors
More results

Similar Description - LL2012-FHL56NJ

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LL1608FS TOKO-LL1608FS Datasheet
378Kb / 2P
   Multilayer Chip Inductors
LL1608FSL TOKO-LL1608FSL Datasheet
377Kb / 2P
   Multilayer Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
CKS21252R2M-T TAIYO-YUDEN-CKS21252R2M-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors
CKS21254R7M-T TAIYO-YUDEN-CKS21254R7M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
CK2125R68M-T TAIYO-YUDEN-CK2125R68M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
CK21253R3M-T TAIYO-YUDEN-CK21253R3M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
logo
Allied Components Inter...
MLC05-R01M-RC ALLIED-MLC05-R01M-RC Datasheet
781Kb / 1P
   Multilayer Chip Inductors
MLC20 ALLIED-MLC20 Datasheet
524Kb / 1P
   Multilayer Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
CK2125R47M-T TAIYO-YUDEN-CK2125R47M-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors
logo
Allied Components Inter...
MLC20-R047M-RC ALLIED-MLC20-R047M-RC Datasheet
773Kb / 1P
   Multilayer Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
CK21251R0M-T TAIYO-YUDEN-CK21251R0M-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com