Electronic Components Datasheet Search |
|
BFG310XR Datasheet(PDF) 9 Page - NXP Semiconductors |
|
BFG310XR Datasheet(HTML) 9 Page - NXP Semiconductors |
9 / 12 page 9397 750 14245 © Koninklijke Philips Electronics N.V. 2005. All rights reserved. Product data sheet Rev. 01 — 2 February 2005 9 of 12 Philips Semiconductors BFG310W/XR NPN 14 GHz wideband transistor 9. Package outline Fig 10. Package outline SOT343R REFERENCES OUTLINE VERSION EUROPEAN PROJECTION ISSUE DATE IEC JEDEC EIAJ SOT343R D A A1 Lp Q detail X c HE E v M A A B 0 1 2 mm scale X 21 4 3 Plastic surface mounted package; reverse pinning; 4 leads SOT343R w M B 97-05-21 bp UNIT A1 max bp cD E b1 HE Lp Qw v mm 0.1 1.1 0.8 0.4 0.3 0.25 0.10 0.7 0.5 2.2 1.8 1.35 1.15 e 2.2 2.0 1.3 e1 0.2 y 0.1 0.2 1.15 DIMENSIONS (mm are the original dimensions) 0.45 0.15 0.23 0.13 e1 A e y b1 |
Similar Part No. - BFG310XR |
|
Similar Description - BFG310XR |