Electronic Components Datasheet Search |
|
GM123210SMEYB-01 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers |
|
GM123210SMEYB-01 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers |
8 / 20 page Confidential Document Page: 8 /20 7. TIMING CHARACTERISTICS AC Characteristics MPU Bus Read/Write (68 – family MPU) tCYC6 E tEW tAW6 tDS6 R/W tAH6 A0,CS tDH6 D0 to D7 (WRITE) tACC6 tOH6 D0 to D7 (READ) Ta = -20 to 75° C, VSS = -5.0V ± 10% unless stated otherwise Rating Parameter Symbol Condition min max Unit Signal System cycle time tCYC6 1000 -- ns Address setup time tAW6 20 -- ns Address hold time tAH6 10 -- ns A0,CS, R/W Data setup time tDS6 80 -- ns Data hold time tDH6 10 -- ns Output disable time tOH6 10 60 ns Access time tACC6 CL = 100 PF -- 90 ns Read 100 ns D0 to D7 Enable Pulse width Write tEW 8 ns E Rise and fall time tr, tf 15 ns (VSS=-2.7 to -4.5V Ta = -20 to 75 ° C Rating Parameter Symbol Condition min max Unit Signal System cycle time tCYC6 2000 -- ns Address setup time tAW6 40 -- ns Address hold time tAH6 20 -- ns A0,CS, R/W Data setup time tDS6 160 -- ns Data hold time tDH6 20 -- ns Output disable time tOH6 20 120 ns Access time tACC6 CL = 100 PF -- 180 ns D0 to D7 Read 200 -- ns Enable Pulse width Write tEW 160 -- ns E Rise and fall time tr, tf 15 ns Notes : 1. tCYC6 is the cycle time of CS. E = H, not the cycle time of E. |
Similar Part No. - GM123210SMEYB-01 |
|
Similar Description - GM123210SMEYB-01 |