Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6101 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC6101
Description  High Voltage, High-Side Current Sense Amplifier in SOT-23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6101 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC6101 Datasheet HTML 6Page - Linear Technology LTC6101 Datasheet HTML 7Page - Linear Technology LTC6101 Datasheet HTML 8Page - Linear Technology LTC6101 Datasheet HTML 9Page - Linear Technology LTC6101 Datasheet HTML 10Page - Linear Technology LTC6101 Datasheet HTML 11Page - Linear Technology LTC6101 Datasheet HTML 12Page - Linear Technology LTC6101 Datasheet HTML 13Page - Linear Technology LTC6101 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTC6101/LTC6101HV
10
6101fa
6101 F03b
+
+
+
R5
7.5k
VIN
301
301
VOUT
ILOAD
5
1
3
LTC6101
2
4
RSENSE LO
100m
M1
Si4465
10k
CMPZ4697
7.5k
VIN
1.74M
4.7k
Q1
CMPT5551
40.2k
3
4
5
6
1
2
8
7
619k
HIGH
RANGE
INDICATOR
(ILOAD > 1.2A)
VLOGIC
(3.3V TO 5V)
LOW CURRENT RANGE OUT
2.5V/A
(V
LOGIC +5V) ≤ VIN ≤ 60V
0
≤ ILOAD ≤ 10A
HIGH CURRENT RANGE OUT
250mV/A
301
301
5
1
3
LTC6101
2
4
RSENSE HI
10m
VLOGIC
BAT54C
LTC1540
Selection of External Input Resistor, RIN
The external input resistor, RIN, controls the transcon-
ductance of the current sense circuit. Since IOUT = VSENSE/
RIN, transconductance gm = 1/RIN. For example, if RIN =
100, then IOUT = VSENSE/100 or IOUT = 1mA for VSENSE =
100mV.
RIN should be chosen to allow the required resolution while
limiting the output current. At low supply voltage, IOUT may
be as much as 1mA. By setting RIN such that the largest
expected sense voltage gives IOUT = 1mA, then the maxi-
mum output dynamic range is available. Output dynamic
range is limited by both the maximum allowed output
current and the maximum allowed output voltage, as well
as the minimum practical output signal. If less dynamic
range is required, then RIN can be increased accordingly,
reducing the max output current and power dissipation.
If low sense currents must be resolved accurately in a
system that has very wide dynamic range, a smaller RINthan
the max current spec allows may be used if the max
current is limited in another way, such as with a Schottky
diode across RSENSE (Figure 3a). This will reduce the high
current measurement accuracy by limiting the result, while
increasing the low current measurement resolution.
Figure 3b. Dual LTC6101s Allow High-Low Current Ranging
APPLICATIO S I FOR ATIO
V+
LOAD
DSENSE
6101 F03a
RSENSE
Figure 3a. Shunt Diode Limits Maximum Input Voltage to Allow
Better Low Input Resolution Without Overranging
This approach can be helpful in cases where occasional
large burst currents may be ignored. It can also be used in
a multirange configuration where a low current circuit is
added to a high current circuit (Figure 3b). Note that a
comparator (LTC1540) is used to select the range, and
transistor M1 limits the voltage across RSENSE LO.
Care should be taken when designing the board layout for
RIN, especially for small RIN values. All trace and intercon-
nect impedances will increase the effective RIN value,
causing a gain error. In addition, internal device resistance
will add approximately 0.2
Ω to RIN.


Similar Part No. - LTC6101

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6101 LINER-LTC6101 Datasheet
244Kb / 12P
   36V Low Cost High Side Current Sense in a SOT-23
LTC6101 LINER-LTC6101 Datasheet
940Kb / 24P
   High Voltage, Bidirectional Current Sense Amplifier Low Power Shutdown <10關A
LTC6101 LINER-LTC6101 Datasheet
258Kb / 22P
   High Voltage, High-Side Current Sense
logo
Analog Devices
LTC6101 AD-LTC6101 Datasheet
286Kb / 22P
   High Voltage High-Side Current Sense Amplifier
logo
Linear Technology
LTC6101ACMS8 LINER-LTC6101ACMS8 Datasheet
258Kb / 22P
   High Voltage, High-Side Current Sense
More results

Similar Description - LTC6101

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LTC6101ACMS8TRPBF LINEAR_DIMENSIONS-LTC6101ACMS8TRPBF Datasheet
258Kb / 22P
   High Voltage, High-Side Current Sense Amplifi er in SOT-23
logo
Linear Technology
LTC6101 LINER-LTC6101_15 Datasheet
258Kb / 22P
   High Voltage, High-Side Current Sense Amplifi er in SOT-23
LTC6101HV LINER-LTC6101HV_15 Datasheet
258Kb / 22P
   High Voltage, High-Side Current Sense Amplifi er in SOT-23
LT6107 LINER-LT6107_15 Datasheet
289Kb / 12P
   High Temperature High Side Current Sense Amp in SOT-23
LT6107 LINER-LT6107 Datasheet
284Kb / 12P
   High Temperature High Side Current Sense Amp in SOT-23
LT6106 LINER-LT6106 Datasheet
244Kb / 12P
   36V Low Cost High Side Current Sense in a SOT-23
LT6106 LINER-LT6106_15 Datasheet
250Kb / 12P
   36V Low Cost High Side Current Sense in a SOT-23
logo
STMicroelectronics
TSC1031 STMICROELECTRONICS-TSC1031 Datasheet
534Kb / 26P
   High-voltage, high-side current sense amplifier
TSC103 STMICROELECTRONICS-TSC103 Datasheet
370Kb / 23P
   High-voltage, high-side current sense amplifier
logo
Analog Devices
LTC6101 AD-LTC6101 Datasheet
286Kb / 22P
   High Voltage High-Side Current Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com