Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MG74P Datasheet(PDF) 11 Page - OKI electronic componets

Part # MG74P
Description  0.25關m Sea of Gates and Customer Structured Arrays
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MG74P Datasheet(HTML) 11 Page - OKI electronic componets

Back Button MG74P Datasheet HTML 7Page - OKI electronic componets MG74P Datasheet HTML 8Page - OKI electronic componets MG74P Datasheet HTML 9Page - OKI electronic componets MG74P Datasheet HTML 10Page - OKI electronic componets MG74P Datasheet HTML 11Page - OKI electronic componets MG74P Datasheet HTML 12Page - OKI electronic componets MG74P Datasheet HTML 13Page - OKI electronic componets MG74P Datasheet HTML 14Page - OKI electronic componets MG74P Datasheet HTML 15Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– s MG113P/114P/115P/73P/74P/75P s
9
Oki Semiconductor
DC Characteristics (VDD Core = 2.25 to 2.75 V, VDD I/O = 2.25 to 2.75 V, VSS = 0 V, Tj = -40° to +125°C)
Parameter
Symbol
Conditions
Rated Value
Unit
Min.
Typ. [1]
1.
Typical condition is VDD I/O = 2.5 V, VDD Core = 2.5 V, and Tj = 25°C for a typical process.
Max.
High-level input voltage
VIH
TTL input (normal), VDD=VDD I/O
1.7
-
VDD + 0.3
V
Low-level input voltage
VIL
TTL input (normal)
-0.3
-
0.7
TTL- level Schmitt
Trigger input buffer
Threshold voltage
Vt+
TTL input (normal)
-
-
1.7
Vt-
0.6
-
-
∆V
t
Vt+ - Vt-
-
0.4
-
High-level output voltage (Output buffer)
VOH
IOH = -100 µA, VDD=VDD I/O
VDD - 0.2
-
-
IOH = -0.5, -1, -2, -3, -4, -6, -12 mA
1.95
-
-
Low-level output voltage (Output buffer)
VOL
IOL = 100 µA
-
-
0.2
IOL = -0.5, 1, 2, 3, 4, 6, 12 mA
-
-
0.45
High-level input current (Input buffer)
IIH
VIH = VDD
-50
-
50
µA
Low-level input current (Normal input buffer)
IIL
VIL = VSS
-50
-
50
VIL = VSS (3-kΩ pull-up)
-
-0.8
-
mA
3-state output leakage current
(Normal input buffer)
IOZH
VOH = VDD
-50
-
50
µA
IOZL
VOL = VSS
-50
-
50
VOL = VSS (3-kΩ pull-up)
-
-0.8
-
mA
Stand-by current [2]
2.
RAM/ROM should be in powerdown mode.
IDDQ
Output open, VIH = VDD, VIL = VSS
Design Dependent
µA


Similar Part No. - MG74P

ManufacturerPart #DatasheetDescription
logo
Megawin Technology Co.,...
MG74PG1A08 MEGAWIN-MG74PG1A08 Datasheet
1Mb / 127P
   Interrupt controller
MG74PG1B08 MEGAWIN-MG74PG1B08 Datasheet
1Mb / 128P
   Keypad Interrupt function on all GPIO
More results

Similar Description - MG74P

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM13Q OKI-MSM13Q Datasheet
227Kb / 20P
   0.35 關m Sea of Gates Arrays
MG63P OKI-MG63P Datasheet
267Kb / 22P
   0.25關m Embedded DRAM/ Customer Structured Arrays
logo
List of Unclassifed Man...
MSM38S0000 ETC1-MSM38S0000 Datasheet
96Kb / 23P
   0.8m Mixed 3-V/5-V Sea of Gates and Customer Structured Arrays
logo
ATMEL Corporation
MG2 ATMEL-MG2 Datasheet
208Kb / 13P
   350K Used Gates 0.5 關m CMOS Sea of Gates
MG2RT ATMEL-MG2RT Datasheet
211Kb / 13P
   Rad Tolerant 350K Used Gates 0.5 關m CMOS Sea of Gates
MH1 ATMEL-MH1 Datasheet
259Kb / 17P
   1.6M Used Gates 0.35 關m CMOS Sea of Gates/ Embedded Array
MG2RTP ATMEL-MG2RTP Datasheet
162Kb / 14P
   Rad Hard 190K Used Gates 0.5 關m CMOS Sea of Gates
MH1RT ATMEL-MH1RT_07 Datasheet
239Kb / 20P
   Rad Hard 1.6M Used Gates 0.35 關m CMOS Sea of Gates/ Embedded Array
logo
AMI SEMICONDUCTOR
X2P360 AMI-X2P360 Datasheet
157Kb / 2P
   0.15關m Structured ASIC
logo
BeRex Corporation
BCP030C-70 BEREX-BCP030C-70 Datasheet
633Kb / 7P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET (0.25關m x 300關m gate)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com