Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K73-17 Datasheet(PDF) 64 Page - List of Unclassifed Manufacturers

Part # K73-17
Description  FILM AND PAPER-FILM CAPACITORS
Download  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

K73-17 Datasheet(HTML) 64 Page - List of Unclassifed Manufacturers

Back Button K73-17 Datasheet HTML 60Page - List of Unclassifed Manufacturers K73-17 Datasheet HTML 61Page - List of Unclassifed Manufacturers K73-17 Datasheet HTML 62Page - List of Unclassifed Manufacturers K73-17 Datasheet HTML 63Page - List of Unclassifed Manufacturers K73-17 Datasheet HTML 64Page - List of Unclassifed Manufacturers K73-17 Datasheet HTML 65Page - List of Unclassifed Manufacturers K73-17 Datasheet HTML 66Page - List of Unclassifed Manufacturers K73-17 Datasheet HTML 67Page - List of Unclassifed Manufacturers K73-17 Datasheet HTML 68Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 176 page
background image
ЭЛКОД
ЭЛКОД
64
K73-57
МЕТАЛЛОПЛЕНОЧНЫЕ ПОЛИЭТИЛЕНТЕРЕФТАЛАТНЫЕ
ПОМЕХОПОДАВЛЯЮЩИЕ КОНДЕНСАТОРЫ КЛАССА X
_____________________________________________________ METALLIZED POLYESTER EMI SUPPRESSION CAPACITORS, CLASS X
Технические условия: РАЯЦ. 673633.007 ТУ
Предназначены
для
подавления
индустриальных радиопомех в диапазоне
частот 0,15 … 100 МГц.
Могут применяться взамен К75П-4, К3.
Конструкция:
цилиндрическая
форма,
в
изоляционной оболочке с заливкой торцов
эпоксидным компаундом.
Крепежный элемент может быть выполнен в
виде фланца (варианты "а", "б") или шпильки
(вариант "в" и "г"). Вывод резьбовой только для
конденсаторов диаметром ≥ 22 мм.
Specifications: РАЯЦ. 673633.007 ТУ
Designed for man-made radio interference
suppression at frequency 0,15...100 MHz.
Can be used instead of К75П-4, К3.
Design: cylindrical housing made of insulating
materials, ероху resin sealed on the face
ends.
Joining member сап bе realized as flange
(design "а","б") or as joining pin (design "в" и
"г"). For capacitors with diameter ≥ 22 mm
terminations аre threaded.
Вариант "а"
Design "а"
Вариант "б"
Design "б"
Вариант "в"
Design "в"
Вариант "г"
Design "г"
M5
M5
1+0,1
D max
D max
M6
M6
1+0,1
A
Б
4,2
2 отв.
4,2
2 отв.
A
Б
Вид A
A
Вид A
A
*
*)Возможна поставка конденсаторов вар. “а” и “г” со вставкой плавкой (“ВП”) на максимальный ток 20 А,
при этом длина проволочного вывода 16
+4 мм.
*)Delivery of a capacitors of design “a” and “г” provided with a fuse for maximal current 20 A is possible and length
wire outlet 16
+4 mm.
Обозначение при заказе:
Конденсатор К73-57 - 500_ / 250~ В - 2,2мкФ
±20% - вар. “а” - “ВП”
Ordering example:
Capacitor K73-57 - 500_ / 250~ V – 2,2µF
±20% - design “а” – with a fuse


Similar Part No. - K73-17

ManufacturerPart #DatasheetDescription
logo
KATHREIN Solutions GmbH
K733147 KATHREIN-K733147 Datasheet
28Mb / 152P
   Information about KATHREIN Broadcast
More results

Similar Description - K73-17

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
T6P5NR-F CDE-T6P5NR-F_15 Datasheet
114Kb / 2P
   High Voltage Paper-Film/Foil Capacitors
T6P5NR-F CDE-T6P5NR-F Datasheet
134Kb / 2P
   High Voltage Paper-Film/Foil Capacitors
logo
Exxelia Group
118P EXXELIA-118P Datasheet
801Kb / 6P
   Metal-Case Metalized Paper / Polyester FILM Capacitors
logo
Cornell Dubilier Electr...
SCRN201R-F CDE-SCRN201R-F Datasheet
169Kb / 3P
   Commutating Capacitors Film-Paper/Extended Foil Commutating Capacitor
logo
EPCOS
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com