Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML2201 Datasheet(PDF) 9 Page - OKI electronic componets

Part # ML2201
Description  Speech Synthesizer LSI with on-chip 384K Mask ROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2201 Datasheet(HTML) 9 Page - OKI electronic componets

Back Button ML2201 Datasheet HTML 5Page - OKI electronic componets ML2201 Datasheet HTML 6Page - OKI electronic componets ML2201 Datasheet HTML 7Page - OKI electronic componets ML2201 Datasheet HTML 8Page - OKI electronic componets ML2201 Datasheet HTML 9Page - OKI electronic componets ML2201 Datasheet HTML 10Page - OKI electronic componets ML2201 Datasheet HTML 11Page - OKI electronic componets ML2201 Datasheet HTML 12Page - OKI electronic componets ML2201 Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
FEDL2201-01
1Semiconductor
ML2201–XXX
9/20
FUNCTIONAL DESCRIPTION
Sampling Frequency
You can select a sampling frequency for each phrase address from the following list while you are working on
sound data. Select a sampling frequency that satisfies f
SAM = 3.9 to 28.0 kHz from the values obtained with the
dividing factors as shown in the Table 1 below.
Table 1 Sampling Frequency
Sampling Frequency
At f
EXTCLK = 4.096 MHz
Dividing Factor
4.0 kHz
f
EXTCLK/1024
5.3 kHz
f
EXTCLK/768
6.4 kHz
f
EXTCLK/640
8.0 kHz
f
EXTCLK/512
10.6 kHz
f
EXTCLK/384
12.8 kHz
f
EXTCLK/320
16.0 kHz
f
EXTCLK/256
Memory Allocation and Playback Time Length
As shown in the Figure 1, the on-chip Mask ROM of ML2201 is partitioned into four areas, Phrase Control Table,
Address Control Table, Test Data area and User’s Data area. The actual data area where user’s sound data can be
stored is 378 Kbit, that is the total on-chip Mask ROM capacity minus 6 Kbit.
Phrase Control Table Area
Address Control Table Area
Test Data Area
User’s Sound Data Area
2 Kbit
2 Kbit
2 Kbit
378 Kbit
Figure 1 On-chip Mask ROM (384 Kbit) Memory Allocation


Similar Part No. - ML2201

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML2201-XXX OKI-ML2201-XXX Datasheet
159Kb / 20P
   Speech Synthesizer LSI with on-chip 384K Mask ROM
More results

Similar Description - ML2201

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML2201-XXX OKI-ML2201-XXX Datasheet
159Kb / 20P
   Speech Synthesizer LSI with on-chip 384K Mask ROM
ML2213 OKI-ML2213 Datasheet
197Kb / 26P
   Speech Synthesizer plus Music LSI with On-Chip 1.5 Mbit Mask ROM
ML2215 OKI-ML2215 Datasheet
197Kb / 26P
   Speech Synthesizer plus Music LSI with On-Chip 3 Mbit Mask ROM
MSM9831 OKI-MSM9831 Datasheet
152Kb / 23P
   VOICE SYNTHESIS LSI with on-chip 384Kbit MASK ROM
logo
List of Unclassifed Man...
FEDL2256X-08 ETC2-FEDL2256X-08 Datasheet
1Mb / 67P
   4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM
FEDL22594-04 ETC2-FEDL22594-04 Datasheet
895Kb / 73P
   4-Channel Mixing Speech Synthesis LSI with Built-in MASK ROM for Automotive
FEDL2257X-07 ETC2-FEDL2257X-07 Datasheet
1Mb / 67P
   4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM for Automotive
logo
EM Microelectronic - MA...
EM65XX EMMICRO-EM65XX Datasheet
274Kb / 28P
   Mask Rom
logo
Generalplus Technology ...
GPCH4384A GENERALPLUS-GPCH4384A Datasheet
500Kb / 20P
   4-channel Sound Controller with 384K Bytes ROM
logo
Sanyo Semicon Device
LC895194 SANYO-LC895194 Datasheet
85Kb / 7P
   CD-ROM Error Correction LSI with On-Chip ATA-PI (IDE) Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com