Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM7630SIP10T Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # GM7630SIP10T
Description  FIXED MULTI - OUTPUT REGULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GM7630SIP10T Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  GM7630SIP10T Datasheet HTML 1Page - List of Unclassifed Manufacturers GM7630SIP10T Datasheet HTML 2Page - List of Unclassifed Manufacturers GM7630SIP10T Datasheet HTML 3Page - List of Unclassifed Manufacturers GM7630SIP10T Datasheet HTML 4Page - List of Unclassifed Manufacturers GM7630SIP10T Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
C
10-SIP H/ S PACKAGE OUTLINE DIMENSIONS
0.984 (TYP)
25.00 (TYP)
0.472 (TYP)
12.00 (TYP)
0.325 - 0.337
8.250 - 8.550
0.461 - 0.484
11.70 - 12.30
0.020 - 0.028
0.500 - 0.700
0.236 (MIN)
6.000 (MIN)
0.585 - 0.596
14.850 - 15.150
0.100 (TYP)
2.540 (TYP)
0.016 - 0.024
0.400 - 0.600
0.047 (TYP)
1.200 (TYP)
Inches
mm
(
)
0.152 - 0.163
3.850 - 4.150
0.014 - 0.022
0.350 - 0.550
1.008 - 1.024
25.60 - 26.00
ORDERING NUMBER
GM 7630 SIP10 T
Gamma Micro.
Circuit Type
Package
SIP10: 10- SIP H/ S
Shipping
T: Tube
A
A
MICROELECTRONICS
GM7630
Power Management
FIXED MULTI - OUTPUT REGULATOR


Similar Part No. - GM7630SIP10T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM7630SIP10T GAMMA-GM7630SIP10T Datasheet
177Kb / 6P
   FIXED MULTI-OUTPUT REGULATOR
More results

Similar Description - GM7630SIP10T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7630 FAIRCHILD-KA7630 Datasheet
71Kb / 6P
   Fixed Multi-Output Regulator
logo
Gamma Microelectronics ...
GM7630 GAMMA-GM7630_05 Datasheet
177Kb / 6P
   FIXED MULTI-OUTPUT REGULATOR
GM7631 GAMMA-GM7631 Datasheet
176Kb / 6P
   FIXED MULTI-OUTPUT REGULATOR
logo
Fairchild Semiconductor
KA7630TS FAIRCHILD-KA7630TS Datasheet
76Kb / 6P
   Fixed Multi-Output Regulator
logo
Gamma Microelectronics ...
GM7632 GAMMA-GM7632 Datasheet
147Kb / 8P
   FIXED MULTI - OUTPUT REGULATOR
logo
Fairchild Semiconductor
KA7632 FAIRCHILD-KA7632 Datasheet
102Kb / 8P
   Fixed Multi-output Regulator
logo
First Components Intern...
FMR7632 FCI-FMR7632 Datasheet
1Mb / 6P
   500mA 20V Fixed Multi-Output Regulator
F7632 FCI-F7632 Datasheet
104Kb / 6P
   Fixed Multi-output Positive Voltage Regulator
F7630 FCI-F7630 Datasheet
544Kb / 5P
   Fixed Multi-output Positive Voltage Regulator
F7631 FCI-F7631 Datasheet
223Kb / 5P
   0.5Amp Fixed Multi-output Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com