Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K6F2016V4E-EF70 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # K6F2016V4E-EF70
Description  128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6F2016V4E-EF70 Datasheet(HTML) 3 Page - Samsung semiconductor

  K6F2016V4E-EF70 Datasheet HTML 1Page - Samsung semiconductor K6F2016V4E-EF70 Datasheet HTML 2Page - Samsung semiconductor K6F2016V4E-EF70 Datasheet HTML 3Page - Samsung semiconductor K6F2016V4E-EF70 Datasheet HTML 4Page - Samsung semiconductor K6F2016V4E-EF70 Datasheet HTML 5Page - Samsung semiconductor K6F2016V4E-EF70 Datasheet HTML 6Page - Samsung semiconductor K6F2016V4E-EF70 Datasheet HTML 7Page - Samsung semiconductor K6F2016V4E-EF70 Datasheet HTML 8Page - Samsung semiconductor K6F2016V4E-EF70 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CMOS SRAM
K6F2016V4E Family
- 3 -
Revision 1.0
March 2002
ABSOLUTE MAXIMUM RATINGS1)
1. Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. Functional operation should be
restricted to recommended operating condition. Exposure to absolute maximum rating conditions longer than 1seconds may affect reliability.
Item
Symbol
Ratings
Unit
Voltage on any pin relative to Vss
VIN, VOUT
-0.2 to VCC+0.3V
V
Voltage on Vcc supply relative to Vss
VCC
-0.2 to 4.0V
V
Power Dissipation
PD
1.0
W
Storage temperature
TSTG
-65 to 150
°C
Operating Temperature
TA
-40 to 85
°C
FUNCTIONAL DESCRIPTION
1. X means don
′t care.(Must be low or high state.)
CS
OE
WE
LB
UB
I/O1~8
I/O9~16
Mode
Power
H
X1)
X1)
X1)
X1)
High-Z
High-Z
Deselected
Standby
X1)
X1)
X1)
H
H
High-Z
High-Z
Deselected
Standby
L
H
H
L
X1)
High-Z
High-Z
Output Disabled
Active
L
H
H
X1)
L
High-Z
High-Z
Output Disabled
Active
L
L
H
L
H
Dout
High-Z
Lower Byte Read
Active
L
L
H
H
L
High-Z
Dout
Upper Byte Read
Active
L
L
H
L
L
Dout
Dout
Word Read
Active
L
X1)
L
L
H
Din
High-Z
Lower Byte Write
Active
L
X1)
L
H
L
High-Z
Din
Upper Byte Write
Active
L
X1)
L
L
L
Din
Din
Word Write
Active
PRODUCT LIST
Industrial Temperature Products(-40~85
°C)
Part Name
Function
K6F2016V4E-EF55
K6F2016V4E-EF70
48-TBGA, 55ns, 3.3V
48-TBGA, 70ns, 3.3V


Similar Part No. - K6F2016V4E-EF70

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6F2016R4G SAMSUNG-K6F2016R4G Datasheet
163Kb / 10P
   2Mb(128K x 16 bit) Low Power SRAM
K6F2016R4G-F SAMSUNG-K6F2016R4G-F Datasheet
163Kb / 10P
   2Mb(128K x 16 bit) Low Power SRAM
K6F2016R4G-FF70 SAMSUNG-K6F2016R4G-FF70 Datasheet
163Kb / 10P
   2Mb(128K x 16 bit) Low Power SRAM
K6F2016R4G-FF85 SAMSUNG-K6F2016R4G-FF85 Datasheet
163Kb / 10P
   2Mb(128K x 16 bit) Low Power SRAM
K6F2016R4G-XF70 SAMSUNG-K6F2016R4G-XF70 Datasheet
163Kb / 10P
   2Mb(128K x 16 bit) Low Power SRAM
More results

Similar Description - K6F2016V4E-EF70

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM621FU16 EMLSI-EM621FU16 Datasheet
72Kb / 11P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
DS_K6F2016U4E SAMSUNG-DS_K6F2016U4E Datasheet
158Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM620FU16 EMLSI-EM620FU16 Datasheet
74Kb / 11P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F2016U4D SAMSUNG-K6F2016U4D Datasheet
117Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2016U4E SAMSUNG-K6F2016U4E Datasheet
158Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM620FV16B EMLSI-EM620FV16B Datasheet
434Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM621FU16BU EMLSI-EM621FU16BU Datasheet
362Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU16B EMLSI-EM620FU16B Datasheet
390Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
List of Unclassifed Man...
EM620FV16B ETC2-EM620FV16B Datasheet
434Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM621FV16BU EMLSI-EM621FV16BU Datasheet
379Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com