Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8ETU04 Datasheet(PDF) 7 Page - International Rectifier

Part # 8ETU04
Description  Ultrafast Rectifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

8ETU04 Datasheet(HTML) 7 Page - International Rectifier

  8ETU04 Datasheet HTML 1Page - International Rectifier 8ETU04 Datasheet HTML 2Page - International Rectifier 8ETU04 Datasheet HTML 3Page - International Rectifier 8ETU04 Datasheet HTML 4Page - International Rectifier 8ETU04 Datasheet HTML 5Page - International Rectifier 8ETU04 Datasheet HTML 6Page - International Rectifier 8ETU04 Datasheet HTML 7Page - International Rectifier 8ETU04 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Bulletin PD-20751 rev. A 11/01
7
8ETU04, 8ETU04S, 8ETU04-1
www.irf.com
Ordering Information Table
Device Code
1
5
24
3
1
-
Current Rating
(8 = 8A)
2
-
Single Diode
3
-
TO-220/ D2Pak
4
-
Ultrafast Recovery
5
-
Voltage Rating
(04 = 400V)
6
-
Suffix for SMD type
-1: TO-262 Option
S: TO-220 SMD (D2Pak)
8E
T
U
04
- 1
Outline Table
6
Conforms to JEDEC Outline TO-262
Dimensions in millimeters and (inches)
Anode
1
3
2
N/C
N/C


Similar Part No. - 8ETU04

ManufacturerPart #DatasheetDescription
logo
International Rectifier
8ETU04 IRF-8ETU04 Datasheet
208Kb / 8P
   Ultrafast Rectifier
logo
Vishay Siliconix
8ETU04 VISHAY-8ETU04 Datasheet
104Kb / 7P
   Ultrafast Rectifier, 8 A FRED PtTM
Revision: 23-Jun-08
logo
International Rectifier
8ETU04-1 IRF-8ETU04-1 Datasheet
290Kb / 9P
   Ultrafast Rectifier
logo
Vishay Siliconix
8ETU04-1 VISHAY-8ETU04-1 Datasheet
123Kb / 7P
   Ultrafast Rectifier, 8 A FRED PtTM
Revision: 08-Sep-08
logo
International Rectifier
8ETU04-1PBF IRF-8ETU04-1PBF Datasheet
290Kb / 9P
   Ultrafast Rectifier
More results

Similar Description - 8ETU04

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16CTU04PBF IRF-16CTU04PBF Datasheet
194Kb / 8P
   Ultrafast Rectifier
MUR1520 IRF-MUR1520_06 Datasheet
191Kb / 8P
   Ultrafast Rectifier
logo
Microsemi Corporation
MSARW80G20A MICROSEMI-MSARW80G20A Datasheet
68Kb / 2P
   ULTRAFAST RECTIFIER
logo
International Rectifier
30EPH03 IRF-30EPH03 Datasheet
175Kb / 7P
   Ultrafast Rectifier
70CRU04 IRF-70CRU04 Datasheet
111Kb / 6P
   Ultrafast Rectifier
logo
Solid States Devices, I...
RC0090 SSDI-RC0090 Datasheet
170Kb / 2P
   Ultrafast Rectifier
logo
Lucky Light Electronic
VS-MUR1620CTPBF LUCKY-LIGHT-VS-MUR1620CTPBF Datasheet
2Mb / 6P
   Ultrafast Rectifier
logo
Kersemi Electronic Co.,...
MUR3020WTPBF KERSEMI-MUR3020WTPBF Datasheet
2Mb / 6P
   Ultrafast Rectifier
logo
Microsemi Corporation
1N6705 MICROSEMI-1N6705 Datasheet
57Kb / 2P
   ULTRAFAST RECTIFIER
logo
Chongqing Pingwei Enter...
UF5400G CHONGQING-UF5400G Datasheet
39Kb / 1P
   ULTRAFAST RECTIFIER
US1A CHONGQING-US1A Datasheet
41Kb / 1P
   ULTRAFAST RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com