Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4D553238F Datasheet(PDF) 9 Page - Samsung semiconductor

Part # K4D553238F
Description  256Mbit GDDR SDRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4D553238F Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button K4D553238F Datasheet HTML 5Page - Samsung semiconductor K4D553238F Datasheet HTML 6Page - Samsung semiconductor K4D553238F Datasheet HTML 7Page - Samsung semiconductor K4D553238F Datasheet HTML 8Page - Samsung semiconductor K4D553238F Datasheet HTML 9Page - Samsung semiconductor K4D553238F Datasheet HTML 10Page - Samsung semiconductor K4D553238F Datasheet HTML 11Page - Samsung semiconductor K4D553238F Datasheet HTML 12Page - Samsung semiconductor K4D553238F Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
256M GDDR SDRAM
K4D553238F-GC
- 9 -
Rev 1.3 (Mar. 2005)
The extended mode register stores the data for enabling or disabling DLL and selecting output driver
strength. The default value of the extended mode register is not defined, therefore the extened mode register
must be written after power up for enabling or disabling DLL. The extended mode register is written by assert-
ing low on CS, RAS, CAS, WE and high on BA0(The DDR SDRAM should be in all bank precharge with CKE
already high prior to writing into the extended mode register). The state of address pins A0, A2 ~ A5, A7 ~ A11
and BA1 in the same cycle as CS, RAS, CAS and WE going low are written in the extended mode register. A1
and A6 are used for setting driver strength to normal, weak or matched impedance. Two clock cycles are
required to complete the write operation in the extended mode register. The mode register contents can be
changed using the same command and clock cycle requirements during operation as long as all banks are in
the idle state. A0 is used for DLL enable or disable. "High" on BA0 is used for EMRS. All the other address
pins except A0,A1,A6 and BA0 must be set to low for proper EMRS operation. Refer to the table for specific
codes.
A0
DLL Enable
0
Enable
1
Disable
BA0
An ~ A0
0MRS
1EMRS
Figure 7. Extended Mode Register set
EXTENDED MODE REGISTER SET(EMRS)
Address Bus
Extended
*1 : RFU(Reserved for future use) should stay "0" during EMRS cycle.
A6
A1
Output Driver Impedence Control
00
N/A
Do not use
01
Weak
60%
10
N/A
Do not use
11
Full
100%
RFU
1
RFU
D.I.C
RFU
D.I.C
DLL
BA1
BA0
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Mode Register


Similar Part No. - K4D553238F

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4D553238F-JC SAMSUNG-K4D553238F-JC Datasheet
297Kb / 17P
   256Mbit GDDR SDRAM
K4D553238F-JC2A SAMSUNG-K4D553238F-JC2A Datasheet
297Kb / 17P
   256Mbit GDDR SDRAM
K4D553238F-JC33 SAMSUNG-K4D553238F-JC33 Datasheet
297Kb / 17P
   256Mbit GDDR SDRAM
K4D553238F-JC36 SAMSUNG-K4D553238F-JC36 Datasheet
297Kb / 17P
   256Mbit GDDR SDRAM
K4D553238F-JC40 SAMSUNG-K4D553238F-JC40 Datasheet
297Kb / 17P
   256Mbit GDDR SDRAM
More results

Similar Description - K4D553238F

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4D551638D SAMSUNG-K4D551638D Datasheet
230Kb / 18P
   256Mbit GDDR SDRAM
K4D551638F-TC SAMSUNG-K4D551638F-TC Datasheet
206Kb / 16P
   256Mbit GDDR SDRAM
K4D553238F-JC SAMSUNG-K4D553238F-JC Datasheet
297Kb / 17P
   256Mbit GDDR SDRAM
K4J55323QF-GC SAMSUNG-K4J55323QF-GC Datasheet
1Mb / 49P
   256Mbit GDDR3 SDRAM
K4D553235F-GC SAMSUNG-K4D553235F-GC Datasheet
386Kb / 18P
   256M GDDR SDRAM
K4N56163QF SAMSUNG-K4N56163QF Datasheet
1Mb / 73P
   256Mbit gDDR2 SDRAM
K4D263238G-GC SAMSUNG-K4D263238G-GC Datasheet
325Kb / 20P
   128Mbit GDDR SDRAM
K4D261638F SAMSUNG-K4D261638F Datasheet
225Kb / 18P
   128Mbit GDDR SDRAM
K4D26323QG SAMSUNG-K4D26323QG Datasheet
315Kb / 18P
   128Mbit GDDR SDRAM
logo
Hynix Semiconductor
HY5DU113222FM-2 HYNIX-HY5DU113222FM-2 Datasheet
299Kb / 30P
   512M(16Mx32) GDDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com