Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRUD360CW40 Datasheet(PDF) 3 Page - International Rectifier

Part # IRUD360CW40
Description  ULTRAFAST SOFT RECOVERY DIODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRUD360CW40 Datasheet(HTML) 3 Page - International Rectifier

  IRUD360CW40 Datasheet HTML 1Page - International Rectifier IRUD360CW40 Datasheet HTML 2Page - International Rectifier IRUD360CW40 Datasheet HTML 3Page - International Rectifier IRUD360CW40 Datasheet HTML 4Page - International Rectifier IRUD360CW40 Datasheet HTML 5Page - International Rectifier IRUD360CW40 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Bulletin PD-20013 Rev.B 10/03
3
IRUD360CW40
Fig. 2 - Typical Reverse Current vs. Reverse
Voltage (per Leg)
Fig. 1 - Typical Forward Voltage Drop
vs. Instantaneous Forward Current (per Leg)
Forward Voltage Drop - V
FM (V)
Reverse Voltage - V
R (V)
0.1
1
10
100
1000
0
100
200
300
400
25˚C
Tj = 150˚C
1
10
100
1000
0
0.5
1
1.5
2
Tj = 150˚C
Tj = 25˚C
100
110
120
130
140
150
0
50
100
150
200
IRUD360CW40
RthJC = 0.24 K/W
DC
D = 0.5
Fig. 3 - Max. Current Rating Capability
(per Module)
Current Rating - I
DC (A)


Similar Part No. - IRUD360CW40

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRUD400CW60 IRF-IRUD400CW60 Datasheet
119Kb / 6P
   Ultrafast, Soft Recovery Diode
More results

Similar Description - IRUD360CW40

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA25TB60 IRF-HFA25TB60 Datasheet
263Kb / 6P
   Ultrafast, Soft Recovery Diode
HFA80NC40C IRF-HFA80NC40C Datasheet
192Kb / 5P
   Ultrafast, Soft Recovery Diode
150EBU04 IRF-150EBU04 Datasheet
150Kb / 6P
   Ultrafast Soft Recovery Diode
80EBU04 IRF-80EBU04 Datasheet
147Kb / 7P
   Ultrafast Soft Recovery Diode
HFA120MD40C IRF-HFA120MD40C Datasheet
298Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA15TB60 IRF-HFA15TB60 Datasheet
205Kb / 6P
   Ultrafast, Soft Recovery Diode
HFA70NH60 IRF-HFA70NH60 Datasheet
325Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA40HF120C IRF-HFA40HF120C_15 Datasheet
142Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA45HI60C IRF-HFA45HI60C_15 Datasheet
137Kb / 3P
   Ultrafast, Soft Recovery Diode
HFB50HC20C IRF-HFB50HC20C_15 Datasheet
137Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA140NJ60D IRF-HFA140NJ60D Datasheet
319Kb / 5P
   Ultrafast, Soft Recovery Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com