Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GMS77C1000 Datasheet(PDF) 9 Page - Hynix Semiconductor

Part # GMS77C1000
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS77C1000 Datasheet(HTML) 9 Page - Hynix Semiconductor

Back Button GMS77C1000 Datasheet HTML 5Page - Hynix Semiconductor GMS77C1000 Datasheet HTML 6Page - Hynix Semiconductor GMS77C1000 Datasheet HTML 7Page - Hynix Semiconductor GMS77C1000 Datasheet HTML 8Page - Hynix Semiconductor GMS77C1000 Datasheet HTML 9Page - Hynix Semiconductor GMS77C1000 Datasheet HTML 10Page - Hynix Semiconductor GMS77C1000 Datasheet HTML 11Page - Hynix Semiconductor GMS77C1000 Datasheet HTML 12Page - Hynix Semiconductor GMS77C1000 Datasheet HTML 13Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
GMS77C1000/GMS77C1001
6
July. 2001 Ver. 1.1
5. PIN FUNCTION
VDD: Supply voltage.
VSS: Circuit ground.
RESET: Reset the MCU.
XIN: Input to the inverting oscillator amplifier and input to
the internal main clock operating circuit.
XOUT: Output from the inverting oscillator amplifier.
RA0~RA3: RA is an 4-bit, CMOS, bidirectional I/O port.
RA pins can be used as outputs or inputs according to “0”
or “1” written the their Port Direction Register(TRISA).
RB0~RB7: RB is a 8-bit, CMOS, bidirectional I/O port.
RB pins can be used as outputs or inputs according to “0”
or “1” written the their Port Direction Register(TRISB).
EC0: EC0 is an external clock input to Timer0. It should
be tied to VSS or VDD, if not in use, to reduce current con-
sumption.
Legend : I =input, O = output, I/O = input/output, P = power, - = Not used, TTL = TTL input, ST = Schmitt Trigger input
PIN NAME
DIP, SOP
Pin No.
SSOP
Pin No.
In/Out
Input
Levels
Function
VDD
14
15,16
P-
Supply voltage
VSS
55,6
P-
Circuit ground
RESET
44
IST
Reset signal input/programming voltage input. This pin is an active low
reset to the device. Voltage on the RESET pin must not exceed VDD to
avoid unintended entering of programming mode.
XIN
16
18
IST
Oscillator crystal input/external clock source input
XOUT
15
17
O-
Oscillator crystal output. Connects to crystal or resonator in crystal oscilla-
tor mode. In RC mode, XOUT pin outputs CLKOUT which has 1/4 the fre-
quency of XIN, and denotes the instruction cycle rate.
RA0
17
19
I/O
TTL
4-bit bi-directional I/O ports
RA1
18
20
I/O
TTL
RA2
1
1
I/O
TTL
RA3
2
2
I/O
TTL
RB0
6
7
I/O
TTL
8-bit bi-directional I/O ports
RB1
7
8
I/O
TTL
RB2
8
9
I/O
TTL
RB3
9
10
I/O
TTL
RB4
10
11
I/O
TTL
RB5
11
12
I/O
TTL
RB6
12
13
I/O
TTL
RB7
13
14
I/O
TTL
EC0
3
3
IST
Clock input to Timer0. Must be tied to VDD or VSS, if not in use, to reduce
current consumption.
TABLE 5-1 PINOUT DESCRIPTION


Similar Part No. - GMS77C1000

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS77C1000 HYNIX-GMS77C1000 Datasheet
271Kb / 11P
   EPROM Programming/Verfify Specification
More results

Similar Description - GMS77C1000

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com