Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM25L16 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # FM25L16
Description  16Kb FRAM Serial 3V Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FM25L16 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button FM25L16 Datasheet HTML 6Page - List of Unclassifed Manufacturers FM25L16 Datasheet HTML 7Page - List of Unclassifed Manufacturers FM25L16 Datasheet HTML 8Page - List of Unclassifed Manufacturers FM25L16 Datasheet HTML 9Page - List of Unclassifed Manufacturers FM25L16 Datasheet HTML 10Page - List of Unclassifed Manufacturers FM25L16 Datasheet HTML 11Page - List of Unclassifed Manufacturers FM25L16 Datasheet HTML 12Page - List of Unclassifed Manufacturers FM25L16 Datasheet HTML 13Page - List of Unclassifed Manufacturers FM25L16 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
FM25L16
Rev. 2.0
Mar. 2005
Page 10 of 14
AC Parameters (TA = -40° C to + 85° C, CL = 30pF)
VDD 2.7 to 3.0V
VDD 3.0 to 3.6V
Symbol
Parameter
Min
Max
Min
Max
Units
Notes
fCK
SCK Clock Frequency
0
18
0
20
MHz
tCH
Clock High Time
25
22
ns
1
tCL
Clock Low Time
25
22
ns
1
tCSU
Chip Select Setup
10
10
ns
tCSH
Chip Select Hold
10
10
ns
tOD
Output Disable Time
20
20
ns
2
tODV
Output Data Valid Time
25
20
ns
tOH
Output Hold Time
0
0
ns
tD
Deselect Time
60
60
ns
tR
Data In Rise Time
50
50
ns
1,3
tF
Data In Fall Time
50
50
ns
1,3
tSU
Data Setup Time
5
5
ns
tH
Data Hold Time
5
5
ns
tHS
/Hold Setup Time
10
10
ns
tHH
/Hold Hold Time
10
10
ns
tHZ
/Hold Low to Hi-Z
20
20
ns
2
tLZ
/Hold High to Data Active
20
20
ns
2
Notes
1.
tCH + tCL = 1/fCK.
2.
Characterized but not 100% tested in production.
3.
Rise and fall times measured between 10% and 90% of waveform.
Power Cycle Timing (TA = -40° C to + 85° C, VDD = 2.7V to 3.6V)
Symbol
Parameter
Min
Max
Units
Notes
tPU
Power Up (VDD min) to First Access (/CS low)
1
-
ms
tPD
Last Access (/CS high) to Power Down (VDD min)
0
-
µs
tVR
VDD Rise Time
50
-
µs/V
1,2
tVF
VDD Fall Time
100
-
µs/V
1,2
Capacitance (TA = 25° C, f=1.0 MHz, VDD = 3.3V)
Symbol
Parameter
Min
Max
Units
Notes
CO
Output Capacitance (SO)
-
8
pF
1
CI
Input Capacitance
-
6
pF
1
Notes
1.
This parameter is periodically sampled and not 100% tested.
2.
Slope measured at any point on VDD waveform.
AC Test Conditions
Input Pulse Levels
10% and 90% of VDD
Input rise and fall times
5 ns
Input and output timing levels
0.5 VDD
Output Load Capacitance
30 pF


Similar Part No. - FM25L16

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25L16 RAMTRON-FM25L16 Datasheet
146Kb / 14P
   16Kb FRAM Serial 3V Memory
FM25L16-DG RAMTRON-FM25L16-DG Datasheet
146Kb / 14P
   16Kb FRAM Serial 3V Memory
FM25L16-G RAMTRON-FM25L16-G Datasheet
146Kb / 14P
   16Kb FRAM Serial 3V Memory
FM25L16B RAMTRON-FM25L16B Datasheet
150Kb / 14P
   16Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25L16B CYPRESS-FM25L16B Datasheet
473Kb / 14P
   16Kb Serial 3V F-RAM Memory
More results

Similar Description - FM25L16

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FM24CL16 ETC-FM24CL16 Datasheet
90Kb / 13P
   16Kb FRAM Serial 3V Memory
logo
Ramtron International C...
FM25L16 RAMTRON-FM25L16_06 Datasheet
146Kb / 14P
   16Kb FRAM Serial 3V Memory
logo
List of Unclassifed Man...
FM25160 ETC-FM25160 Datasheet
638Kb / 14P
   16Kb FRAM Serial Memory
FM24C16A ETC1-FM24C16A Datasheet
93Kb / 13P
   16Kb FRAM Serial Memory
FM25C160 ETC1-FM25C160 Datasheet
154Kb / 14P
   16Kb FRAM Serial Memory
logo
Ramtron International C...
FM24C16A RAMTRON-FM24C16A_05 Datasheet
93Kb / 12P
   16Kb FRAM Serial Memory
FM25C160 RAMTRON-FM25C160 Datasheet
149Kb / 13P
   16Kb FRAM Serial Memory
FM24CL16 RAMTRON-FM24CL16_05 Datasheet
107Kb / 13P
   16Kb FRAM Se rial 3V Memory
FM25L512 RAMTRON-FM25L512 Datasheet
163Kb / 13P
   512Kb FRAM Serial 3V Memory
FM25CL64 RAMTRON-FM25CL64 Datasheet
131Kb / 13P
   64Kb FRAM Serial 3V Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com