Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FC7113 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FC7113
Description  Power Amplifier Module for CDMA/AMPS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FC7113 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FC7113 Datasheet HTML 1Page - List of Unclassifed Manufacturers FC7113 Datasheet HTML 2Page - List of Unclassifed Manufacturers FC7113 Datasheet HTML 3Page - List of Unclassifed Manufacturers FC7113 Datasheet HTML 4Page - List of Unclassifed Manufacturers FC7113 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FC7113
Power Amplifier Module for CDMA/AMPS
Preliminary
2 / 5
Last Update 12/30/04
Future
Communications
Integrated circuit Inc.
ABSOLUTE MAXIMUM RATINGS
Parameter
Unit
Min
Max
Supply Voltage (Vcc)
V
-
+5
Mode Control Voltage (VMODE)
V
-
+3.2
Reference Voltage (VREF)
V
-
+3.2
RF Input Power (RF IN)
dBm
-
+7
Storage Temperature (Tstg)
°C
-55
+125
Stress in excess of the absolute ratings may cause permanent damage. Functional operation is not implied under these
conditions. Exposure to absolute ratings for extended periods of time may adversely affect reliability.
RECOMMENDED OPERATING CONDITIONS
Parameter
Unit
Min
Typ
Max
Note
Operating Frequency(f)
MHz
824
836.5
849
Supply Voltage(Vcc)
V
+3.2
+3.4
+4.2
Reference Voltage (VREF)
V
+2.8
0
+2.85
0
+2.9
+0.5
PA “on”
PA “shut down”
Mode Control Voltage(VMODE)
V
+2.5
0
+2.85
0
+3.0
0.5
Low Mode
High Mode
RF Output Power
(RF OUT)
dBm
-
-
+31
+28
-
-
AMPS, Vcc=+3.4V
CDMA, Vcc=+3.4V
The device may be operated safely over these conditions.
BIAS CONTROL
Power Mode
VREF
VMODE
Range
Low Mode
2.85V
2.5~2.85V
< -20dBm
CDMA Mode
High Mode
2.85V
0~0.5V
-20 ~ 28dBm
AMPS Mode
2.85V
0~0.5V
<31dBm
Shut Down
0.0V
0.0V
-


Similar Part No. - FC7113

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FC7103 ETC1-FC7103 Datasheet
193Kb / 6P
   Power Amplifier Module for CDMA/AMPS
More results

Similar Description - FC7113

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FC7103 ETC1-FC7103 Datasheet
193Kb / 6P
   Power Amplifier Module for CDMA/AMPS
logo
Agilent(Hewlett-Packard...
ACPM-7813 HP-ACPM-7813 Datasheet
183Kb / 21P
   CDMA/AMPS Power Amplifier Module
logo
Broadcom Corporation.
ACPM-7813 BOARDCOM-ACPM-7813 Datasheet
205Kb / 20P
   CDMA/AMPS Power Amplifier Module
logo
Skyworks Solutions Inc.
CX77105 SKYWORKS-CX77105 Datasheet
563Kb / 17P
   Power Amplifier Module for CDMA/AMPS (824-849 MHz)
logo
ANADIGICS, Inc
AWT6111 ANADIGICS-AWT6111 Datasheet
79Kb / 4P
   CDMA/AMPS Power Amplifier
logo
List of Unclassifed Man...
RMPA0913C-58 ETC-RMPA0913C-58 Datasheet
257Kb / 6P
   3.5V AMPS/CDMA Power Amplifier
logo
Skyworks Solutions Inc.
SKY77162 SKYWORKS-SKY77162 Datasheet
212Kb / 13P
   System Smart Power Amplifier Module for CDMA / AMPS (824-849 MHz)
logo
AVAGO TECHNOLOGIES LIMI...
WS1102-TR1 AVAGO-WS1102-TR1 Datasheet
476Kb / 16P
   3 x 3 Power Amplifier Module for CDMA/AMPS (824??49 MHz)
logo
ANADIGICS, Inc
AWT6130 ANADIGICS-AWT6130 Datasheet
195Kb / 8P
   Cellular Dual Mode AMPS/CDMA 3.5V 29dBm Power Amplifier Module
AWT6112 ANADIGICS-AWT6112 Datasheet
361Kb / 12P
   Cellular Dual Mode AMPS/CDMA 3.4V/28dBm Linear Power Amplifier Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com