Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GD16521-D Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # GD16521-D
Description  2.5 GBIT/S RE TIMING LASER DRIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GD16521-D Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button GD16521-D Datasheet HTML 2Page - List of Unclassifed Manufacturers GD16521-D Datasheet HTML 3Page - List of Unclassifed Manufacturers GD16521-D Datasheet HTML 4Page - List of Unclassifed Manufacturers GD16521-D Datasheet HTML 5Page - List of Unclassifed Manufacturers GD16521-D Datasheet HTML 6Page - List of Unclassifed Manufacturers GD16521-D Datasheet HTML 7Page - List of Unclassifed Manufacturers GD16521-D Datasheet HTML 8Page - List of Unclassifed Manufacturers GD16521-D Datasheet HTML 9Page - List of Unclassifed Manufacturers GD16521-D Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Pin List
Mnemonic:
Pad and Pin No.:
Pin Type:
Description:
SDIP
SDIN
4
5
CML IN
Data inputs. Internally terminated with 50 W to TDIP/TDIN.
TDIP
TDIN
3
6
CML IN
Loop through termination pins for SDIP and SDIN respectively.
SCIP
SCIN
9
10
CML IN
Clock inputs. Internally terminated with 50 W to TCIP/TCIN.
TCIP
TCIN
8
11
CML IN
Loop through termination pins for SDIP and SDIN respectively.
IM
29, 30
OPEN
COLLECTOR
Laser Driver Output (2.5 Gbit/s). IM sinks a modulation current,
which is controlled by the pin IMSET. A logic HI on SDIP corre-
sponds to IM sinking current.
IMB
31, 32
OPEN
COLLECTOR
Laser Driver inverted Output (2.5 Gbit/s). IMB sinks a modulation
current, which is controlled by the pin IMSET. Connect to VCC
through 20 to 25 W.
IB
27
OPEN
COLLECTOR
Pre-bias current output. IB sinks a current, which is controlled by
the pin IMC.
IMSET
40
ANL OUT
Modulation current control monitor output. This pin is the output of
the modulation current control loop OP-amp. For stability a capa-
citor may be added between this pin and the IMC pin.
IBSET
22
ANL OUT
Pre-bias current control monitor output. This pin is the output of
the optical power control loop OP-amp. For stability a capacitor
may be added between this pin and the OPSET pin.
IBM
23
ANL OUT
Pre-bias current mirror output. The sink current into the IBM pin is
1/20 of the pre-bias current.
IMM
39
ANL OUT
Modulation current mirror output. The sink current into the IMM
pin is 1/20 of the modulation current. Internally IMM is connected
to the positive input of the modulation current control loop
OP-amp.
AR
25
ANL OUT
Anti-rush current sink. AR sinksa1mA current when SHDW is
high. Typically connected together with PD to the monitor diode.
MARKP
MARKN
35
36
ANL OUT
Mark-space monitor outputs. High impedance CML outputs.
MTJ
38
ANL OUT
Temperature monitor.
IMC
41
ANL IN
Modulation current setting. The modulation current will automati-
cally be adjusted to this value if the internal modulation control
loop is used. The IMC pin is the negative input of the modulation
current control loop OP-amp.
PD
26
ANL IN
Positive input of the automatic optical power control loop OP-amp,
used to control the pre-bias current. Typically connected to the
monitor diode photo detector of the laser diode.
OPSET
19
ANL IN
Negative input of the automatic optical power control loop
OP-amp, used to control the pre-bias current. Typically connected
to an external reference voltage.
FFSET
15
LVTTL IN
When FFSET is low data is re-timed. When high data re-timing is
bypassed.
SHDW
16
LVTTL IN
Modulation and pre-bias current shutdown input.
Set high for shutdown, low for normal operation.
DUTY
48
ANL IN
Input for control of the mark-space ratio of the output. Decreasing
the voltage of the DUTY pin increases the pulse width of a current
high into the IM pin. Typically connected to VEE through resistor.
VCC
14, 18, 20, 28, 33,
42, 46
PWR
Positive supply pins for laser driver part.
VCCCONT
44
PWR
Positive supply pin for modulation current control system.
Data Sheet Rev.: 11
GD16521
Page 6 of 13


Similar Part No. - GD16521-D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GD16571 ETC-GD16571 Datasheet
115Kb / 7P
   2.5 GBIT/S RETIMING LASER DRIVER
GD16571-32BA ETC-GD16571-32BA Datasheet
115Kb / 7P
   2.5 GBIT/S RETIMING LASER DRIVER
More results

Similar Description - GD16521-D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GD16571 ETC-GD16571 Datasheet
115Kb / 7P
   2.5 GBIT/S RETIMING LASER DRIVER
logo
Semtech Corporation
GS3281 SEMTECH-GS3281 Datasheet
3Mb / 97P
   3G-SDI Re-timing Cable Driver
logo
Infineon Technologies A...
FOA1252A1 INFINEON-FOA1252A1 Datasheet
197Kb / 16P
   2.5 Gbit/s Transimpedance Amplifier
July 1998
logo
Semtech Corporation
GS12281 SEMTECH-GS12281 Datasheet
3Mb / 97P
   12G UHD-SDI Re-timing Cable Driver
logo
PMC-Sierra, Inc
PM5310 PMC-PM5310 Datasheet
58Kb / 2P
   TelecomBus Serializer for 2.5 Gbit/s Interconnect
logo
Semtech Corporation
GS3590 SEMTECH-GS3590 Datasheet
4Mb / 118P
   Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
GS12090 SEMTECH-GS12090 Datasheet
4Mb / 121P
   Bidirectional 12G UHD-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
logo
List of Unclassifed Man...
CX60077 ETC-CX60077 Datasheet
154Kb / 14P
   2.5 Gbps Long Haul Laser Driver
Rev. 2d, 10/26/00.
logo
Semtech Corporation
GS3241 SEMTECH-GS3241 Datasheet
4Mb / 108P
   3G-SDI Re-timing Adaptive Cable Equalizer
logo
Eudyna Devices Inc
F0532506Q EUDYNA-F0532506Q Datasheet
501Kb / 15P
   3.3 V 2.5 Gb/s NRZ Data Rate Laser Diode Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com