Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES1371 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ES1371
Description  ENSONIQ AudioPCI 97 digital controller
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ES1371 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ES1371 Datasheet HTML 2Page - List of Unclassifed Manufacturers ES1371 Datasheet HTML 3Page - List of Unclassifed Manufacturers ES1371 Datasheet HTML 4Page - List of Unclassifed Manufacturers ES1371 Datasheet HTML 5Page - List of Unclassifed Manufacturers ES1371 Datasheet HTML 6Page - List of Unclassifed Manufacturers ES1371 Datasheet HTML 7Page - List of Unclassifed Manufacturers ES1371 Datasheet HTML 8Page - List of Unclassifed Manufacturers ES1371 Datasheet HTML 9Page - List of Unclassifed Manufacturers ES1371 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
ENSONIQ Proprietary Information
ENSONIQ Proprietary Information
ENSONIQ AudioPCI 97 Specification Rev 1.1
Oct 1, 1997
6
4.11. Internal Memory
There are two separate sections of memory in AudioPCI 97. One section is allocated as a cache for the
playback and record channels and also as a FIFO for the UART. The other section is allocated to the
Sample Rate Converter module and is used as a cache for sample rate conversion and also as control
register space for the playback and record channels in the sample rate converter.
The internal memory for the sound cache in AudioPCI 97 is organized as 4 blocks of 64 bytes each. Each
block is divided into 4 pages of 16 bytes each (4 longwords). Memory can be accessed as longwords only.
In order to access a specific page of memory the memory page register must first be setup for the specific
page to be accessed. The first three blocks of memory contain the 3 circular buffers for the 2 playback
channels and the record channel. The last block contains the frame information for the playback and record
channels and also includes the UART FIFO. The memory block and page organization is shown below :
Block
Page
Higher
Address
Lower
0 - DAC 1
0000
DAC1 sample bytes 15 - 0
Lower half buffer
0001
DAC1 sample bytes 31 - 16
0010
DAC1 sample bytes 47 - 32
Upper half buffer
0011
DAC1 sample bytes 63 - 48
1 - DAC2
0100
DAC2 sample bytes 15 - 0
Lower half buffer
0101
DAC2 sample bytes 31 - 16
0110
DAC2 sample bytes 47 - 32
Upper half buffer
0111
DAC2 sample bytes 63 - 48
2 - ADC
1000
ADC sample bytes 15 - 0
Lower half buffer
1001
ADC sample bytes 31 - 16
1010
ADC sample bytes 47 - 32
Upper half buffer
1011
ADC sample bytes 63 - 48
3 - Frame/UART
1100
DAC1, DAC2 frame information (see register descriptions)
1101
ADC frame information (plus 2 open longwords)
1110
UART fifo (only bits 8 - 0 of each longword are used)
1111
UART fifo


Similar Part No. - ES1371

ManufacturerPart #DatasheetDescription
logo
Power-One
ES1301-7R POWER-ONE-ES1301-7R Datasheet
147Kb / 4P
   100 Watt DC-DC Converters
logo
SeCoS Halbleitertechnol...
ES13M SECOS-ES13M Datasheet
87Kb / 2P
   1.0 Amp Surface Mount Efficient Fast Rectifiers
ES13M SECOS-ES13M Datasheet
213Kb / 2P
   50V ~ 600V 1.0 Amp Surface Mount Efficient Fast Rectifiers
More results

Similar Description - ES1371

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4294 CIRRUS-CS4294 Datasheet
856Kb / 42P
   SoundFusion Audio/Docking Codec 97 (AMC 97)
CS4298 CIRRUS-CS4298 Datasheet
457Kb / 52P
   SoundFusion Audio/Modem Codec 97 (AMC 97)
logo
List of Unclassifed Man...
10-40450-18S ETC2-10-40450-18S Datasheet
45Kb / 1P
   97 series accessories
logo
Texas Instruments
DLPC410 TI1-DLPC410 Datasheet
1Mb / 63P
[Old version datasheet]   Digital Controller
logo
Omron Electronics LLC
E5AK OMRON-E5AK Datasheet
694Kb / 36P
   Digital Controller
logo
Analog Devices
AD1888 AD-AD1888_05 Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1885 AD-AD1885_15 Datasheet
292Kb / 27P
   AC 97 SoundMAX Codec
REV. 0
AD1887 AD-AD1887_15 Datasheet
160Kb / 16P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL Datasheet
969Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1980JST-REEL AD-AD1980JST-REEL Datasheet
524Kb / 32P
   AC 97 SoundMAX Codec
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com