Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL6202 Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL6202
Description  Laser Driver Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL6202 Datasheet(HTML) 6 Page - Intersil Corporation

  EL6202 Datasheet HTML 1Page - Intersil Corporation EL6202 Datasheet HTML 2Page - Intersil Corporation EL6202 Datasheet HTML 3Page - Intersil Corporation EL6202 Datasheet HTML 4Page - Intersil Corporation EL6202 Datasheet HTML 5Page - Intersil Corporation EL6202 Datasheet HTML 6Page - Intersil Corporation EL6202 Datasheet HTML 7Page - Intersil Corporation EL6202 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Typical Application Circuit
Applications Information
Product Description
The EL6202 is a solid state, low-power, high-speed laser
modulation oscillator with external resistor-adjustable
operating frequency. It is designed to interface easily to laser
diodes to break up optical feedback resonant modes and
thereby reduce laser noise. The output of the EL6202 is
composed of a push current source switched at the oscillator
frequency. The output and oscillator are automatically
disabled for power saving when the average input current
drops to less than 100µA. The EL6202 has the operating
frequency from 60MHz to 600MHz and the output current
from 10mAP-P to 100mAP-P. The supply current is only
30mA (includes laser current) for the output current of
50mAP-P at the operating frequency of 350MHz.
1
2
3
5
4
VDD1
RFREQ
GND
IOUT
IIN
CONTROLLER
LOOP
COMPENSATION-
NOISE
REDUCTION
CAPACITOR
FREQUENCY
SETTING
RESISTOR
EMI
REDUCTION
SUPPLY
FILTER
GAIN
SETTING
RESISTOR
TYPICAL
ROM LASER
DRIVER
LASER DIODE
PHOTO DIODE
BEAD
+5V
FLEX
GND
0.1µF
4.7µF
EMI
BLOCKING
RESISTOR
Either the high current controller resistor can be
reduced to 2mA full scale, or the transistor and resistor
can be replaced with a resistor from the controller DAC.
DAC
LASER OUTPUT
POWER
LASER CURRENT
0mW
~10mW
0mA
~60mA
OSCILLATOR CURRENT
LASER OUTPUT POWER
THRESHOLD
CURRENT
optional
EL6202


Similar Part No. - EL6202

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6202C ELANTEC-EL6202C Datasheet
133Kb / 2P
   Laser Driver Oscillator
EL6202CW ELANTEC-EL6202CW Datasheet
133Kb / 2P
   Laser Driver Oscillator
More results

Similar Description - EL6202

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6203C ELANTEC-EL6203C Datasheet
155Kb / 2P
   Laser Driver Oscillator
EL6205C ELANTEC-EL6205C Datasheet
133Kb / 2P
   Laser Driver Oscillator
logo
Intersil Corporation
EL6204 INTERSIL-EL6204 Datasheet
154Kb / 10P
   Laser Driver Oscillator
EL6203 INTERSIL-EL6203 Datasheet
169Kb / 10P
   Laser Driver Oscillator
EL6205 INTERSIL-EL6205 Datasheet
129Kb / 8P
   Laser Driver Oscillator
logo
Renesas Technology Corp
EL6203 RENESAS-EL6203 Datasheet
616Kb / 11P
   Laser Driver Oscillator
August 8, 2007
logo
Intersil Corporation
EL6203 INTERSIL-EL6203_07 Datasheet
199Kb / 11P
   Laser Driver Oscillator
logo
Elantec Semiconductor
EL6204C ELANTEC-EL6204C Datasheet
133Kb / 2P
   Laser Driver Oscillator
logo
Intersil Corporation
EL6206 INTERSIL-EL6206 Datasheet
136Kb / 7P
   Laser Driver Oscillator
EL6204 INTERSIL-EL6204_07 Datasheet
228Kb / 11P
   Laser Driver Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com