Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDR2518ABSE-AE Datasheet(PDF) 4 Page - Elpida Memory

Part # EDR2518ABSE-AE
Description  288M bits Direct Rambus DRAM
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDR2518ABSE-AE Datasheet(HTML) 4 Page - Elpida Memory

  EDR2518ABSE-AE Datasheet HTML 1Page - Elpida Memory EDR2518ABSE-AE Datasheet HTML 2Page - Elpida Memory EDR2518ABSE-AE Datasheet HTML 3Page - Elpida Memory EDR2518ABSE-AE Datasheet HTML 4Page - Elpida Memory EDR2518ABSE-AE Datasheet HTML 5Page - Elpida Memory EDR2518ABSE-AE Datasheet HTML 6Page - Elpida Memory EDR2518ABSE-AE Datasheet HTML 7Page - Elpida Memory EDR2518ABSE-AE Datasheet HTML 8Page - Elpida Memory EDR2518ABSE-AE Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 79 page
background image
Preliminary Data Sheet
E0260E40 (Ver. 4.0)
4
EDR2518ABSE
Pin Description
Signal
Input / Output
Type
#pins
Description
SIO0, SIO1
Input / Output CMOS
Note1
2
Serial input/output. Pins for reading from and writing to the control registers using
a serial access protocol. Also used for power management.
CMD
Input
CMOS
Note1
1
Command input. Pins used in conjunction with SIO0 and SIO1 for reading from
and writing to the control registers. Also used for power management.
SCK
Input
CMOS
Note1
1
Serial clock input. Clock source used for reading from and writing to the control
registers.
VDD
18
Supply voltage for the RDRAM core and interface logic.
VDDa
1
Supply voltage for the RDRAM analog circuitry.
VCMOS
2
Supply voltage for CMOS input/output pins.
GND
22
Ground reference for RDRAM core and interface.
GNDa
2
Ground reference for RDRAM analog circuitry.
DQA8..DQA0
Input / Output
RSL
Note2
9
Data byte A. Nine pins which carry a byte of read or write data between the
Channel and the RDRAM.
CFM
Input
RSL
Note2
1
Clock from master. Interface clock used for receiving RSL signals from the
Channel. Positive polarity.
CFMN
Input
RSL
Note2
1
Clock from master. Interface clock used for receiving RSL signals from the
Channel. Negative polarity.
VREF
1
Logic threshold reference voltage for RSL signals.
CTMN
Input
RSL
Note2
1
Clock to master. Interface clock used for transmitting RSL signals to the Channel.
Negative polarity.
CTM
Input
RSL
Note2
1
Clock to master. Interface clock used for transmitting RSL signals to the Channel.
Positive polarity.
ROW2..ROW0
Input
RSL
Note2
3
Row access control. Three pins containing control and address information for
row accesses.
COL4..COL0
Input
RSL
Note2
5
Column access control. Five pins containing control and address information for
column accesses.
DQB8..DQB0
Input / Output
RSL
Note2
9
Data byte B. Nine pins which carry a byte of read or write data between the
Channel and the RDRAM.
Total pin count per package
80
Notes 1. All CMOS signals are high-true ; a high voltage is a logic one and a low voltage is logic zero.
2. All RSL signals are low-true ; a low voltage is a logic one and a high voltage is logic zero.


Similar Part No. - EDR2518ABSE-AE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EDR201A0500Z ETC1-EDR201A0500Z Datasheet
158Kb / 5P
   Miniature,cost-effective switching solution
EDR201A1200Z ETC1-EDR201A1200Z Datasheet
158Kb / 5P
   Miniature,cost-effective switching solution
EDR201A2400Z ETC1-EDR201A2400Z Datasheet
158Kb / 5P
   Miniature,cost-effective switching solution
EDR201B0500Z ETC1-EDR201B0500Z Datasheet
158Kb / 5P
   Miniature,cost-effective switching solution
EDR201B1200Z ETC1-EDR201B1200Z Datasheet
158Kb / 5P
   Miniature,cost-effective switching solution
More results

Similar Description - EDR2518ABSE-AE

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
PD488588 ELPIDA-PD488588 Datasheet
1Mb / 79P
   288M bits Direct Rambus DRAM
PD488588FF ELPIDA-PD488588FF Datasheet
1Mb / 79P
   288M bits Direct Rambus DRAM for High Performance Solution
MC-4R64FKE8S-840 ELPIDA-MC-4R64FKE8S-840 Datasheet
124Kb / 14P
   Direct Rambus DRAM SO-RIMM Module
logo
NEC
UPD488448 NEC-UPD488448 Datasheet
1Mb / 30P
   128 M-bit Direct Rambus??DRAM
logo
Elpida Memory
EBR12UC8ABFD ELPIDA-EBR12UC8ABFD Datasheet
110Kb / 12P
   128MB Direct Rambus DRAM RIMM Module
EBR51EC8ABFD ELPIDA-EBR51EC8ABFD Datasheet
114Kb / 12P
   512MB Direct Rambus??DRAM RIMM??Module
MC-4R64FKE8S ELPIDA-MC-4R64FKE8S Datasheet
124Kb / 14P
   Direct Rambus DRAM SO-RIMM Module
EBR25UC8ABFD ELPIDA-EBR25UC8ABFD Datasheet
114Kb / 12P
   256MB Direct Rambus??DRAM RIMM??Module
EBR12EC8ABFD ELPIDA-EBR12EC8ABFD Datasheet
110Kb / 12P
   128MB Direct Rambus DRAM RIMM Module
EBR25EC8ABFD ELPIDA-EBR25EC8ABFD Datasheet
114Kb / 12P
   256MB Direct Rambus??DRAM RIMM??Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com