Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDE5104AESK Datasheet(PDF) 7 Page - Elpida Memory

Part # EDE5104AESK
Description  512M bits DDR2 SDRAM
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDE5104AESK Datasheet(HTML) 7 Page - Elpida Memory

Back Button EDE5104AESK Datasheet HTML 3Page - Elpida Memory EDE5104AESK Datasheet HTML 4Page - Elpida Memory EDE5104AESK Datasheet HTML 5Page - Elpida Memory EDE5104AESK Datasheet HTML 6Page - Elpida Memory EDE5104AESK Datasheet HTML 7Page - Elpida Memory EDE5104AESK Datasheet HTML 8Page - Elpida Memory EDE5104AESK Datasheet HTML 9Page - Elpida Memory EDE5104AESK Datasheet HTML 10Page - Elpida Memory EDE5104AESK Datasheet HTML 11Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 65 page
background image
EDE5104AESK, EDE5108AESK
Data Sheet E0562E50 (Ver. 5.0)
7
DC Characteristics 1 (TC = 0
°C to +85°C, VDD, VDDQ = 1.8V ± 0.1V)
max.
Parameter
Symbol
Grade
× 4
× 8
Unit
Test condition
-6E
110
115
-5C
105
110
Operating current
(ACT-PRE)
IDD0
-4A
90
95
mA
one bank; tCK = tCK (IDD), tRC = tRC (IDD),
tRAS = tRAS min.(IDD);
CKE is H, /CS is H between valid commands;
Address bus inputs are SWITCHING;
Data bus inputs are SWITCHING
-6E
125
130
-5C
120
125
Operating current
(ACT-READ-PRE)
IDD1
-4A
105
110
mA
one bank; IOUT = 0mA;
BL = 4, CL = CL(IDD), AL = 0;
tCK = tCK (IDD), tRC = tRC (IDD),
tRAS = tRAS min.(IDD); tRCD = tRCD (IDD);
CKE is H, /CS is H between valid commands;
Address bus inputs are SWITCHING;
Data pattern is same as IDD4W
-6E
10
10
-5C
10
10
Precharge power-
down standby current
IDD2P
-4A
8
8
mA
all banks idle;
tCK = tCK (IDD);
CKE is L;
Other control and address bus inputs are STABLE;
Data bus inputs are FLOATING
-6E
25
25
-5C
25
25
Precharge quiet
standby current
IDD2Q
-4A
20
20
mA
all banks idle;
tCK = tCK (IDD);
CKE is H, /CS is H;
Other control and address bus inputs are STABLE;
Data bus inputs are FLOATING
-6E
35
35
-5C
30
30
Idle standby current
IDD2N
-4A
25
25
mA
all banks idle;
tCK = tCK (IDD);
CKE is H, /CS is H;
Other control and address bus inputs are SWITCHING;
Data bus inputs are SWITCHING
-6E
40
40
-5C
40
40
IDD3P-F
-4A
35
35
mA
Fast PDN Exit
MRS(12) = 0
-6E
25
25
-5C
25
25
Active power-down
standby current
IDD3P-S
-4A
20
20
mA
all banks open;
tCK = tCK (IDD);
CKE is L;
Other control and
address bus inputs
are STABLE;
Data bus inputs are
FLOATING
Slow PDN Exit
MRS(12) = 1
-6E
70
70
-5C
65
65
Active standby
current
IDD3N
-4A
60
60
mA
all banks open;
tCK = tCK (IDD), tRAS = tRAS max.(IDD),
tRP = tRP (IDD);
CKE is H, /CS is H between valid commands;
Other control and address bus inputs are SWITCHING;
Data bus inputs are SWITCHING
-6E
200
230
-5C
170
190
Operating current
(Burst read operating)
IDD4R
-4A
140
150
mA
all banks open, continuous burst reads, IOUT = 0mA;
BL = 4, CL = CL(IDD), AL = 0;
tCK = tCK (IDD),
tRAS = tRAS max.(IDD), tRP = tRP (IDD);
CKE is H, /CS is H between valid commands;
Address bus inputs are SWITCHING;
Data pattern is same as IDD4W
-6E
190
220
-5C
170
190
Operating current
(Burst write
operating)
IDD4W
-4A
140
150
mA
all banks open, continuous burst writes;
BL = 4, CL = CL(IDD), AL = 0;
tCK = tCK (IDD),
tRAS = tRAS max.(IDD), tRP = tRP (IDD);
CKE is H, /CS is H between valid commands;
Address bus inputs are SWITCHING;
Data bus inputs are SWITCHING


Similar Part No. - EDE5104AESK

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE5104ABSE ELPIDA-EDE5104ABSE Datasheet
697Kb / 66P
   512M bits DDR2 SDRAM
EDE5104ABSE-4A-E ELPIDA-EDE5104ABSE-4A-E Datasheet
697Kb / 66P
   512M bits DDR2 SDRAM
EDE5104ABSE-5C-E ELPIDA-EDE5104ABSE-5C-E Datasheet
697Kb / 66P
   512M bits DDR2 SDRAM
EDE5104AGSE ELPIDA-EDE5104AGSE Datasheet
684Kb / 65P
   512M bits DDR2 SDRAM
EDE5104AGSE-4A-E ELPIDA-EDE5104AGSE-4A-E Datasheet
684Kb / 65P
   512M bits DDR2 SDRAM
More results

Similar Description - EDE5104AESK

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE5104AJSE ELPIDA-EDE5104AJSE Datasheet
754Kb / 77P
   512M bits DDR2 SDRAM
EDE5108AHBG ELPIDA-EDE5108AHBG Datasheet
788Kb / 75P
   512M bits DDR2 SDRAM
EDE5104AGSE ELPIDA-EDE5104AGSE_1 Datasheet
592Kb / 74P
   512M bits DDR2 SDRAM
EDE5108AJBG ELPIDA-EDE5108AJBG Datasheet
620Kb / 77P
   512M bits DDR2 SDRAM
EDE5104AHSE ELPIDA-EDE5104AHSE Datasheet
562Kb / 69P
   512M bits DDR2 SDRAM
EDE5104ABSE ELPIDA-EDE5104ABSE Datasheet
697Kb / 66P
   512M bits DDR2 SDRAM
EDE5108AHSE ELPIDA-EDE5108AHSE Datasheet
880Kb / 81P
   512M bits DDR2 SDRAM
EDE5104AJBG ELPIDA-EDE5104AJBG Datasheet
814Kb / 77P
   512M bits DDR2 SDRAM
EDE5132BABG ELPIDA-EDE5132BABG Datasheet
756Kb / 74P
   512M bits DDR2 SDRAM
EDE5132AABG ELPIDA-EDE5132AABG Datasheet
735Kb / 74P
   512M bits DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com