Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDE5108AESK Datasheet(PDF) 9 Page - Elpida Memory

Part # EDE5108AESK
Description  512M bits DDR2 SDRAM
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDE5108AESK Datasheet(HTML) 9 Page - Elpida Memory

Back Button EDE5108AESK Datasheet HTML 5Page - Elpida Memory EDE5108AESK Datasheet HTML 6Page - Elpida Memory EDE5108AESK Datasheet HTML 7Page - Elpida Memory EDE5108AESK Datasheet HTML 8Page - Elpida Memory EDE5108AESK Datasheet HTML 9Page - Elpida Memory EDE5108AESK Datasheet HTML 10Page - Elpida Memory EDE5108AESK Datasheet HTML 11Page - Elpida Memory EDE5108AESK Datasheet HTML 12Page - Elpida Memory EDE5108AESK Datasheet HTML 13Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 65 page
background image
EDE5104AESK, EDE5108AESK
Data Sheet E0562E50 (Ver. 5.0)
9
DC Characteristics 2 (TC = 0
°C to +85°C, VDD, VDDQ = 1.8V ± 0.1V)
Parameter
Symbol
Value
Unit
Notes
Input leakage current
ILI
2
µA
VDD
≥ VIN ≥ VSS
Output leakage current
ILO
5
µA
VDDQ
≥ VOUT ≥ VSS
Minimum required output pull-up under AC
test load
VOH
VTT + 0.603
V
5
Maximum required output pull-down under
AC test load
VOL
VTT
− 0.603
V
5
Output timing measurement reference level VOTR
0.5
× VDDQ
V
1
Output minimum sink DC current
IOL
+13.4
mA
3, 4, 5
Output minimum source DC current
IOH
−13.4
mA
2, 4, 5
Notes: 1. The VDDQ of the device under test is referenced.
2. VDDQ = 1.7V; VOUT = 1.42V.
3. VDDQ = 1.7V; VOUT = 0.28V.
4. The DC value of VREF applied to the receiving device is expected to be set to VTT.
5. After OCD calibration to 18
Ω at TC = 25°C, VDD = VDDQ = 1.8V.
DC Characteristics 3 (TC = 0
°C to +85°C, VDD, VDDQ = 1.8V ± 0.1V)
Parameter
Symbol
min.
max.
Unit
Notes
AC differential input voltage
VID (AC)
0.5
VDDQ
+ 0.6
V
1, 2
AC differential cross point voltage
VIX (AC)
0.5
× VDDQ − 0.175
0.5
× VDDQ + 0.175
V
2
AC differential cross point voltage
VOX (AC)
0.5
× VDDQ − 0.125
0.5
× VDDQ + 0.125
V
3
Notes: 1. VID(AC) specifies the input differential voltage |VTR -VCP| required for switching, where VTR is the true
input signal (such as CK, DQS) and VCP is the complementary input signal (such as /CK, /DQS). The
minimum value is equal to VIH(AC)
− VIL(AC).
2. The typical value of VIX(AC) is expected to be about 0.5
× VDDQ of the transmitting device and VIX(AC)
is expected to track variations in VDDQ . VIX(AC) indicates the voltage at which differential input signals
must cross.
3. The typical value of VOX(AC) is expected to be about 0.5
× VDDQ of the transmitting device and
VOX(AC) is expected to track variations in VDDQ . VOX(AC) indicates the voltage at which differential
output signals must cross.
Crossing point
VSSQ
VTR
VCP
VID
VIX or VOX
VDDQ
Differential Signal Levels*
1, 2


Similar Part No. - EDE5108AESK

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE5108ABSE ELPIDA-EDE5108ABSE Datasheet
697Kb / 66P
   512M bits DDR2 SDRAM
EDE5108ABSE-4A-E ELPIDA-EDE5108ABSE-4A-E Datasheet
697Kb / 66P
   512M bits DDR2 SDRAM
EDE5108ABSE-5C-E ELPIDA-EDE5108ABSE-5C-E Datasheet
697Kb / 66P
   512M bits DDR2 SDRAM
EDE5108ABSE-AE ELPIDA-EDE5108ABSE-AE Datasheet
700Kb / 65P
   512M bits DDR2 SDRAM for HYPER DIMM
EDE5108ABSE-AE-E ELPIDA-EDE5108ABSE-AE-E Datasheet
700Kb / 65P
   512M bits DDR2 SDRAM for HYPER DIMM
More results

Similar Description - EDE5108AESK

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE5104AJSE ELPIDA-EDE5104AJSE Datasheet
754Kb / 77P
   512M bits DDR2 SDRAM
EDE5108AHBG ELPIDA-EDE5108AHBG Datasheet
788Kb / 75P
   512M bits DDR2 SDRAM
EDE5104AGSE ELPIDA-EDE5104AGSE_1 Datasheet
592Kb / 74P
   512M bits DDR2 SDRAM
EDE5108AJBG ELPIDA-EDE5108AJBG Datasheet
620Kb / 77P
   512M bits DDR2 SDRAM
EDE5104AHSE ELPIDA-EDE5104AHSE Datasheet
562Kb / 69P
   512M bits DDR2 SDRAM
EDE5104ABSE ELPIDA-EDE5104ABSE Datasheet
697Kb / 66P
   512M bits DDR2 SDRAM
EDE5108AHSE ELPIDA-EDE5108AHSE Datasheet
880Kb / 81P
   512M bits DDR2 SDRAM
EDE5104AJBG ELPIDA-EDE5104AJBG Datasheet
814Kb / 77P
   512M bits DDR2 SDRAM
EDE5132BABG ELPIDA-EDE5132BABG Datasheet
756Kb / 74P
   512M bits DDR2 SDRAM
EDE5132AABG ELPIDA-EDE5132AABG Datasheet
735Kb / 74P
   512M bits DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com