Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM3019-00ST Datasheet(PDF) 5 Page - California Micro Devices Corp

Part # CM3019-00ST
Description  Micropower, 500mA Low Noise CMOS LDO Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3019-00ST Datasheet(HTML) 5 Page - California Micro Devices Corp

  CM3019-00ST Datasheet HTML 1Page - California Micro Devices Corp CM3019-00ST Datasheet HTML 2Page - California Micro Devices Corp CM3019-00ST Datasheet HTML 3Page - California Micro Devices Corp CM3019-00ST Datasheet HTML 4Page - California Micro Devices Corp CM3019-00ST Datasheet HTML 5Page - California Micro Devices Corp CM3019-00ST Datasheet HTML 6Page - California Micro Devices Corp CM3019-00ST Datasheet HTML 7Page - California Micro Devices Corp CM3019-00ST Datasheet HTML 8Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CALIFORNIA MICRO DEVICES
Preliminary
CM3019
© 2004 California Micro Devices Corp. All rights reserved
02/20/04
430 N. McCarthy Blvd, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
5
Input Supply Current vs. Voltage
0
500
1000
1500
2000
2500
01
234
56
INPUT SUPPLY VOLTAGE [V]
Vout = 0V, EN = 0V
Input Supply Current vs. Voltage
0
500
1000
1500
2000
2500
012
345
6
INPUT SUPPLY VOLTAGE [V]
Vout = 3V, EN = 0V
Output Supply Current vs. Voltage
0
1
10
100
1000
10000
01
2
3
4
5
6
OUTPUT SUPPLY VOLTAGE [V]
Vin = 3V,
EN = 0V
Clamp to GND
Protect
Transient Characteristics (nominal conditions unless specified otherwise)
Nominal Conditions: CIN = 1µF, COUT = 2.2µF, No CBYP, VIN = 4.0V, Load = 5mA (all plots measured with 3.0V VOUT)
10% to 90% Load Step (tr=1
µs)
10% to 90% Load Step (tr=1
µs)
10% to 90% Load Step (tr=1
µs)
3.5V – 4.5V Line Step (tr=1
µs)
3.5V – 4.5V Line Step (tr=1
µs)
3.5V – 4.5V Line Step (tr=1
µs)
Enable Response
Enable Response
Disable Response


Similar Part No. - CM3019-00ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM3010 ETC1-CM3010 Datasheet
253Kb / 12P
   LoRaWAN??ACM
logo
Chicago Miniature Lamp,...
CM3011 CML-CM3011 Datasheet
220Kb / 1P
   S-8 Double Contact Bayonet Base
logo
Visual Communications C...
CM3011 VCC-CM3011 Datasheet
33Kb / 1P
   Contact Bayonet Base
logo
California Micro Device...
CM3014 CALMIRCO-CM3014 Datasheet
250Kb / 10P
   MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
CM3014-15ST CALMIRCO-CM3014-15ST Datasheet
250Kb / 10P
   MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
More results

Similar Description - CM3019-00ST

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM3016-48 CALMIRCO-CM3016-48 Datasheet
216Kb / 10P
   Micropower, 4.75V/500mA Low Noise CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE3335 SEAWARD-SE3335 Datasheet
167Kb / 5P
   500mA Low Noise CMOS LDO Regulator
logo
Linear Technology
LT1763 LINER-LT1763 Datasheet
278Kb / 16P
   500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763_1 Datasheet
275Kb / 20P
   500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763_10 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763_15 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
logo
BCD Semiconductor Manuf...
AP2213 BCDSEMI-AP2213_09 Datasheet
754Kb / 22P
   500mA LOW NOISE LDO REGULATOR
AP2213 BCDSEMI-AP2213 Datasheet
292Kb / 21P
   500mA LOW NOISE LDO REGULATOR
logo
Micrel Semiconductor
MIC5209YM-TR MICREL-MIC5209YM-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
MIC5209 MICREL-MIC5209 Datasheet
91Kb / 13P
   500mA Low-Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com