Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM3511 Datasheet(PDF) 11 Page - California Micro Devices Corp

Part # CM3511
Description  Dual USB Overcurrent Switch 1.2A (VCC) / 200mA (VSBY)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3511 Datasheet(HTML) 11 Page - California Micro Devices Corp

Back Button CM3511 Datasheet HTML 5Page - California Micro Devices Corp CM3511 Datasheet HTML 6Page - California Micro Devices Corp CM3511 Datasheet HTML 7Page - California Micro Devices Corp CM3511 Datasheet HTML 8Page - California Micro Devices Corp CM3511 Datasheet HTML 9Page - California Micro Devices Corp CM3511 Datasheet HTML 10Page - California Micro Devices Corp CM3511 Datasheet HTML 11Page - California Micro Devices Corp CM3511 Datasheet HTML 12Page - California Micro Devices Corp CM3511 Datasheet HTML 13Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
CALIFORNIA MICRO DEVICES
PRELIMINARY
CM3511
© 2003 California Micro Devices Corp. All rights reserved
11/10/03
430 N. McCarthy Blvd, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
11
Turn-off time vs. VCC
0
5
10
15
20
25
30
44.5
55.5
V
CC [V ]
Cout=0.1u
Cout=1u
Turn-off time vs. VSBY
0
50
100
150
200
250
300
44.5
55.5
V
SBY [V ]
Cout=0.1u
Cout=1u


Similar Part No. - CM3511

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM3512 CALMIRCO-CM3512 Datasheet
137Kb / 11P
   Dual USB Overcurrent 1.2A Switches with Independent Controls
CM3512-04SN CALMIRCO-CM3512-04SN Datasheet
137Kb / 11P
   Dual USB Overcurrent 1.2A Switches with Independent Controls
CM3513 CALMIRCO-CM3513 Datasheet
141Kb / 10P
   USB 2.4A Overcurrent Switch
CM3513-04SN CALMIRCO-CM3513-04SN Datasheet
141Kb / 10P
   USB 2.4A Overcurrent Switch
logo
Chicago Miniature Lamp,...
CM3518 CML-CM3518 Datasheet
224Kb / 1P
   T-1 1/4 Special Midget Flange Base
More results

Similar Description - CM3511

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM3501 CALMIRCO-CM3501 Datasheet
226Kb / 7P
   Dual USB Overcurrent Switch 750mA (VCC) / 100mA (VSBY)
CM3512 CALMIRCO-CM3512 Datasheet
137Kb / 11P
   Dual USB Overcurrent 1.2A Switches with Independent Controls
logo
E-CMOS Corporation
ELPW5208 E-CMOS-ELPW5208 Datasheet
995Kb / 8P
   1.2A Dual USB Power Loading Switch
logo
California Micro Device...
CM3513 CALMIRCO-CM3513 Datasheet
141Kb / 10P
   USB 2.4A Overcurrent Switch
logo
Linear Technology
LTC4362-1 LINER-LTC4362-1 Datasheet
295Kb / 12P
   1.2A Overvoltage/ Overcurrent Protector
LTC4362-1 LINER-LTC4362-1_15 Datasheet
296Kb / 14P
   1.2A Overvoltage/ Overcurrent Protector
LTC4362-2 LINER-LTC4362-2_15 Datasheet
296Kb / 14P
   1.2A Overvoltage/ Overcurrent Protector
logo
California Micro Device...
CM3503 CALMIRCO-CM3503 Datasheet
216Kb / 6P
   USB 5V Single 1.4A Overcurrent Switch
logo
Maxim Integrated Produc...
MAX8586 MAXIM-MAX8586_09 Datasheet
298Kb / 13P
   Single 1.2A USB Switch in 3mm x 3mm TDFN
Rev 1; 1/09
MAX8586 MAXIM-MAX8586 Datasheet
245Kb / 11P
   Single 1.2A USB Switch in 3mm x 3mm TDFN
Rev 0; 11/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com