Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28400OCT Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY28400OCT
Description  100-MHz Differential Buffer for PCI Express and SATA
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28400OCT Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY28400OCT Datasheet HTML 4Page - Cypress Semiconductor CY28400OCT Datasheet HTML 5Page - Cypress Semiconductor CY28400OCT Datasheet HTML 6Page - Cypress Semiconductor CY28400OCT Datasheet HTML 7Page - Cypress Semiconductor CY28400OCT Datasheet HTML 8Page - Cypress Semiconductor CY28400OCT Datasheet HTML 9Page - Cypress Semiconductor CY28400OCT Datasheet HTML 10Page - Cypress Semiconductor CY28400OCT Datasheet HTML 11Page - Cypress Semiconductor CY28400OCT Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
CY28400
Document #: 38-07591 Rev. **
Page 8 of 14
Output Enable Clarification
The outputs may be disabled in two ways, via writing a ‘0’ to
SMBus register bit corresponding to output of interest or by
asserting an OE input pin low. In both methods, if SMBus
registered bit has been written low or the OE pin is low or both,
the output of interest will be three-stated. The assertion and
deassertion of this signal is asynchronous.
OE Assertion (Transition from ‘0’ to ‘1’)
All differential outputs that were three-stated will resume
normal operation in a glitch-free manner. The maximum
latency from the assertion to active outputs is between 2–6 DIF
clock periods. In addition, DIFT clocks will be driven high within
10 ns of OE assertion to a voltage greater than 200 mV.
OE Deassertion (Transition from ‘1’ to ‘0’)
The impact of de- asserting OE is each corresponding output
will transition from normal operation to three-state in a
glitch-free manner. The maximum latency from the
deassertion to three-stated outputs is between 2–6 DIF clock
periods.
SRC_DIV2# Clarification
The SRC_DIV2# feature is used to configure the DIF output
mode to be equal to the SRCT_IN input frequency or half the
input frequency in a glitch-free manner. The SRC_DIV2#
function may be implemented by writing a ‘0’ to SMBus register
bit.
SRC_DIV2# Assertion
The impact of writing a ‘0’ to the SRC_DIV/2 register bit is all
DIF outputs will transition cleanly in a glitch-free manner from
normal operation (output frequency equal to input) to half the
input frequency within 2–6 DIF clock periods.
DIFC (Stoppable)
DIFC(Free Running
DIFT(Free Running
PWRDWN#
1mS
SRC_STOP#
DIFT (Stoppable)
Figure 6. SRC_STOP# = Three-state, PWRDWN# = Driven
DIFC(Free Running
DIFT(Free Running
DIFT (Stoppable)
DIFC (Stoppable)
PWRDWN#
1mS
SRC_STOP#
Figure 7. SRC_STOP# = Three-state, PWRDWN# = Three-state
Table 6. OE Functionality
OE (Pin)
OE (SMBus Bit)
DIFT
DIFC
1
1
Normal
Normal
1
0
Three-state
Three-state
0
1
Three-state
Three-state
0
0
Three-state
Three-state


Similar Part No. - CY28400OCT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28400OCT SPECTRALINEAR-CY28400OCT Datasheet
163Kb / 12P
   100 MHz Differential Buffer for PCI Express and SATA
logo
Cypress Semiconductor
CY28400OCT CYPRESS-CY28400OCT Datasheet
220Kb / 13P
   100-MHz Differential Buffer for PCI Express and SATA
More results

Similar Description - CY28400OCT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28400 SPECTRALINEAR-CY28400 Datasheet
163Kb / 12P
   100 MHz Differential Buffer for PCI Express and SATA
logo
Cypress Semiconductor
CY28400 CYPRESS-CY28400_05 Datasheet
220Kb / 13P
   100-MHz Differential Buffer for PCI Express and SATA
CY28401 CYPRESS-CY28401 Datasheet
235Kb / 14P
   100-MHz Differential Buffer for PCI Express and SATA
logo
SpectraLinear Inc
CY28400-2 SPECTRALINEAR-CY28400-2 Datasheet
237Kb / 15P
   100 MHz Differential Buffer for PCI Express and SATA
logo
Cypress Semiconductor
CY28401 CYPRESS-CY28401_05 Datasheet
233Kb / 14P
   100-MHz Differential Buffer for PCI Express and SATA
logo
Silicon Laboratories
SL28DB200 SILABS-SL28DB200 Datasheet
127Kb / 8P
   100 MHz Differential Buffer for PCI Express and SATA
logo
SpectraLinear Inc
CY28800 SPECTRALINEAR-CY28800 Datasheet
210Kb / 15P
   100-MHz Differential Buffer for PCI Express and SATA
CY28401 SPECTRALINEAR-CY28401 Datasheet
180Kb / 13P
   100 MHz Differential Buffer for PCI Express and SATA
logo
Cypress Semiconductor
CY28400-2 CYPRESS-CY28400-2 Datasheet
371Kb / 16P
   100-MHz Differential Buffer for PCI Express and SATA
CY28800 CYPRESS-CY28800 Datasheet
328Kb / 16P
   100-MHz Differential Buffer for PCI Express and SATA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com