Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28400 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY28400
Description  100-MHz Differential Buffer for PCI Express and SATA
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28400 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY28400 Datasheet HTML 1Page - Cypress Semiconductor CY28400 Datasheet HTML 2Page - Cypress Semiconductor CY28400 Datasheet HTML 3Page - Cypress Semiconductor CY28400 Datasheet HTML 4Page - Cypress Semiconductor CY28400 Datasheet HTML 5Page - Cypress Semiconductor CY28400 Datasheet HTML 6Page - Cypress Semiconductor CY28400 Datasheet HTML 7Page - Cypress Semiconductor CY28400 Datasheet HTML 8Page - Cypress Semiconductor CY28400 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CY28400
Document #: 38-07591 Rev. **
Page 4 of 14
1
1
PLL/Bypass#
PLL/Bypass#
0 = Fanout buffer, 1 = PLL mode
0
1
SRC_DIV/2
0 = Divided by 2 mode,1 = Normal (output = input)
Byte 1: Control Register 1
Bit
@Pup
Name
Description
71
Reserved
6
1
DIFT/C6
DIFT/C6 Output Enable
0 = Disabled (three-state), 1 = Enabled
5
1
DIFT/C5
DIFT/C5 Output Enable
0 = Disabled (three-state), 1 = Enabled
41
Reserved
31
Reserved
2
1
DIFT/C2
DIFT/C2 Output Enable
0 = Disabled (three-state), 1 = Enabled
1
1
DIFT/C1
DIFT/C1 Output Enable
0 = Disabled (three-state), 1 = Enabled
01
Reserved
Byte 2: Control Register 2
Bit
@Pup
Name
Description
70
Reserved
6
0
Allow Control DIFT/C6 with assertion of SRC_STOP#
0 = Free-running, 1 = Stopped with SRC_STOP#
5
0
Allow Control DIFT/C5 with assertion of SRC_STOP#
0 = Free-running, 1 = Stopped with SRC_STOP#
40
Reserved
30
Reserved
2
0
Allow Control DIFT/C2 with assertion of SRC_STOP#
0 = Free-running, 1 = Stopped with SRC_STOP#
1
0
Allow Control DIFT/C1 with assertion of SRC_STOP#
0 = Free-running, 1 = Stopped with SRC_STOP#
00
Reserved
Byte 3: Control Register 3
Bit
@Pup
Name
Description
70
Reserved
60
Reserved
50
Reserved
40
Reserved
30
Reserved
20
Reserved
10
Reserved
00
Reserved
Byte 0: Control Register 0 (continued)
Bit
@Pup
Name
Description


Similar Part No. - CY28400

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28400 SPECTRALINEAR-CY28400 Datasheet
163Kb / 12P
   100 MHz Differential Buffer for PCI Express and SATA
logo
Cypress Semiconductor
CY28400 CYPRESS-CY28400 Datasheet
220Kb / 13P
   100-MHz Differential Buffer for PCI Express and SATA
logo
SpectraLinear Inc
CY28400-2 SPECTRALINEAR-CY28400-2 Datasheet
237Kb / 15P
   100 MHz Differential Buffer for PCI Express and SATA
logo
Cypress Semiconductor
CY28400-2 CYPRESS-CY28400-2 Datasheet
371Kb / 16P
   100-MHz Differential Buffer for PCI Express and SATA
logo
SpectraLinear Inc
CY28400OC SPECTRALINEAR-CY28400OC Datasheet
163Kb / 12P
   100 MHz Differential Buffer for PCI Express and SATA
More results

Similar Description - CY28400

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28400 SPECTRALINEAR-CY28400 Datasheet
163Kb / 12P
   100 MHz Differential Buffer for PCI Express and SATA
logo
Cypress Semiconductor
CY28400 CYPRESS-CY28400_05 Datasheet
220Kb / 13P
   100-MHz Differential Buffer for PCI Express and SATA
CY28401 CYPRESS-CY28401 Datasheet
235Kb / 14P
   100-MHz Differential Buffer for PCI Express and SATA
logo
SpectraLinear Inc
CY28400-2 SPECTRALINEAR-CY28400-2 Datasheet
237Kb / 15P
   100 MHz Differential Buffer for PCI Express and SATA
logo
Cypress Semiconductor
CY28401 CYPRESS-CY28401_05 Datasheet
233Kb / 14P
   100-MHz Differential Buffer for PCI Express and SATA
logo
Silicon Laboratories
SL28DB200 SILABS-SL28DB200 Datasheet
127Kb / 8P
   100 MHz Differential Buffer for PCI Express and SATA
logo
SpectraLinear Inc
CY28800 SPECTRALINEAR-CY28800 Datasheet
210Kb / 15P
   100-MHz Differential Buffer for PCI Express and SATA
CY28401 SPECTRALINEAR-CY28401 Datasheet
180Kb / 13P
   100 MHz Differential Buffer for PCI Express and SATA
logo
Cypress Semiconductor
CY28400-2 CYPRESS-CY28400-2 Datasheet
371Kb / 16P
   100-MHz Differential Buffer for PCI Express and SATA
CY28800 CYPRESS-CY28800 Datasheet
328Kb / 16P
   100-MHz Differential Buffer for PCI Express and SATA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com