Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOD405 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AOD405
Description  P-Channel Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AOD405 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AOD405 Datasheet HTML 1Page - List of Unclassifed Manufacturers AOD405 Datasheet HTML 2Page - List of Unclassifed Manufacturers AOD405 Datasheet HTML 3Page - List of Unclassifed Manufacturers AOD405 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Symbol
VDS
VGS
IDM
IAR
EAR
TJ, TSTG
Symbol
Typ
Max
16.7
25
40
50
RθJL
1.9
2.5
°C
V
V
±20
30
A
-18
40
60
Gate-Source Voltage
Drain-Source Voltage
-30
Pulsed Drain Current
-18
-18
-40
Avalanche Current
C
Continuous Drain
Current
B,G
Maximum
Units
Parameter
TA=25°C
G
TA=100°C
G
Absolute Maximum Ratings TA=25°C unless otherwise noted
ID
PDSM
2.5
A
Repetitive avalanche energy L=0.1mH
C
mJ
Power Dissipation
B
TC=25°C
PD
W
TC=100°C
Maximum Junction-to-Ambient
A
Steady-State
°C/W
W
TA=70°C
1.6
Junction and Storage Temperature Range
-55 to 175
Power Dissipation
A
TA=25°C
Maximum Junction-to-Case
C
Steady-State
°C/W
Thermal Characteristics
Parameter
Units
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
°C/W
AOD405, AOD405L (Green Product)
P-Channel Enhancement Mode Field Effect Transistor
Rev 3: Sept 2004
Features
VDS (V) = -30V
ID = -18A
RDS(ON) < 32mΩ (VGS = -10V)
RDS(ON) < 60mΩ (VGS = -4.5V)
General Description
The AOD405 uses advanced trench technology to
provide excellent RDS(ON), low gate charge and low
gate resistance. With the excellent thermal resistance
of the DPAK package, this device is well suited for
high current load applications. AOD405L (Green
Product) is offered in a lead-free package.
G
D
S
TO-252
D-PAK
Top View
Drain Connected to
Tab
G
D
S
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AOD405

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AOD405 VBSEMI-AOD405 Datasheet
1,014Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Inchange Semiconductor ...
AOD405 ISC-AOD405 Datasheet
341Kb / 2P
   isc P-Channel MOSFET Transistor
More results

Similar Description - AOD405

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
logo
Alpha & Omega Semicondu...
AO6403 AOSMD-AO6403 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO6419 AOSMD-AO6419 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO7413 AOSMD-AO7413 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AOU403 AOSMD-AOU403 Datasheet
72Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com