Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74AC32 Datasheet(PDF) 4 Page - Integral Corp.

Part # IN74AC32
Description  QUAD 2-INPUT OR GATE High-Speed Silicon-Gate CMOS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74AC32 Datasheet(HTML) 4 Page - Integral Corp.

  IN74AC32 Datasheet HTML 1Page - Integral Corp. IN74AC32 Datasheet HTML 2Page - Integral Corp. IN74AC32 Datasheet HTML 3Page - Integral Corp. IN74AC32 Datasheet HTML 4Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IN74AC32
4
AC ELECTRICAL CHARACTERISTICS(CL=50pF,Input tr=tf=3.0 ns)
VCC
*
Guaranteed Limits
Symbol
Parameter
V
25
°C
-40
°C to
85
°C
Unit
Min
Max
Min
Max
tPLH
Propagation Delay, Input A or B to
Output Y (Figure 1)
3.3
5.0
1.5
1.5
9.0
7.5
1.5
1.0
10.0
8.5
ns
tPHL
Propagation Delay, Input A or B to
Output Y (Figure 1)
3.3
5.0
1.5
1.5
8.5
7.0
1.0
1.0
9.0
7.5
ns
CIN
Maximum Input Capacitance
5.0
4.5
4.5
pF
Typical @25
°C,VCC=5.0 V
CPD
Power Dissipation Capacitance
20
pF
*Voltage Range 3.3 V is 3.3 V ±0.3 V
Voltage Range 5.0 V is 5.0 V
±0.5 V
Figure 1. Switching Waveforms


Similar Part No. - IN74AC32

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74AC32 IKSEMICON-IN74AC32 Datasheet
157Kb / 5P
   Quad 2-Input OR Gate High-Speed Silicon-Gate CMOS
IN74AC323 IKSEMICON-IN74AC323 Datasheet
322Kb / 9P
   8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Speed Silicon-Gate CMOS
IN74AC323DW IKSEMICON-IN74AC323DW Datasheet
322Kb / 9P
   8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Speed Silicon-Gate CMOS
IN74AC323N IKSEMICON-IN74AC323N Datasheet
322Kb / 9P
   8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Speed Silicon-Gate CMOS
IN74AC32D IKSEMICON-IN74AC32D Datasheet
157Kb / 5P
   Quad 2-Input OR Gate High-Speed Silicon-Gate CMOS
More results

Similar Description - IN74AC32

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74ACT32 KODENSHI-KK74ACT32 Datasheet
221Kb / 5P
   Quad 2-Input OR Gate High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC32 IKSEMICON-IN74AC32 Datasheet
157Kb / 5P
   Quad 2-Input OR Gate High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC32 KODENSHI-KK74AC32 Datasheet
222Kb / 5P
   Quad 2-Input OR Gate High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74ACT32 IKSEMICON-IN74ACT32 Datasheet
157Kb / 5P
   Quad 2-Input OR Gate High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC86 INTEGRAL-IN74AC86 Datasheet
84Kb / 4P
   Quad 2-Input Exclusive OR Gate High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT86 KODENSHI-KK74ACT86 Datasheet
209Kb / 5P
   Quad 2-Input Exclusive OR Gate High-Speed Silicon-Gate CMOS
KK74AC86 KODENSHI-KK74AC86 Datasheet
210Kb / 5P
   Quad 2-Input Exclusive OR Gate High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74ACT86 IKSEMICON-IN74ACT86 Datasheet
149Kb / 5P
   Quad 2-Input Exclusive OR Gate High-Speed Silicon-Gate CMOS
IN74AC86 IKSEMICON-IN74AC86 Datasheet
149Kb / 5P
   Quad 2-Input Exclusive OR Gate High-Speed Silicon-Gate CMOS
logo
List of Unclassifed Man...
IW4071B ETC1-IW4071B Datasheet
102Kb / 4P
   Quad 2-Input OR Gate High-Voltage Silicon-Gate CMOS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com