Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL50023QCC Datasheet(PDF) 1 Page - Zarlink Semiconductor Inc

Part # ZL50023QCC
Description  Enhanced 4 K Digital Switch
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50023QCC Datasheet(HTML) 1 Page - Zarlink Semiconductor Inc

  ZL50023QCC Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL50023QCC Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL50023QCC Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL50023QCC Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL50023QCC Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL50023QCC Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL50023QCC Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL50023QCC Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL50023QCC Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
1
Zarlink Semiconductor Inc.
Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc.
Copyright 2004, Zarlink Semiconductor Inc. All Rights Reserved.
Features
• 4096 channel x 4096 channel non-blocking digital
Time Division Multiplex (TDM) switch at
8.192 Mbps and 16.384 Mbps or using a
combination of ports running at 2.048 Mbps,
4.096 Mbps, 8.192 Mbps and 16.384 Mbps
• 32 serial TDM input, 32 serial TDM output
streams
• Output streams can be configured as bi-
directional for connection to backplanes
• Exceptional input clock cycle to cycle variation
tolerance (20 ns for all rates)
• Per-stream input and output data rate conversion
selection at 2.048 Mbps, 4.096 Mbps 8.192 Mbps
or 16.384 Mbps. Input and output data rates can
differ
• Per-stream high impedance control outputs
(STOHZ) for 16 output streams
• Per-stream input bit delay with flexible sampling
point selection
• Per-stream output bit and fractional bit
advancement
• Per-channel ITU-T G.711 PCM A-Law/
µ-Law
Translation
• Four frame pulse and four reference clock outputs
• Three programmable delayed frame pulse outputs
• Input clock: 4.096 MHz, 8.192 MHz, 16.384 MHz
• Input frame pulses: 61 ns, 122 ns, 244 ns
• Per-channel constant or variable throughput delay
for frame integrity and low latency applications
October 2004
Ordering Information
ZL50023GAC 256-ball PBGA
ZL50023QCC 256-lead LQFP
-40
°C to +85°C
ZL50023
Enhanced 4 K Digital Switch
Data Sheet
Figure 1 - ZL50023 Functional Block Diagram
Data Memory
Internal Registers &
Microprocessor Interface
Output HiZ
Test Port
Control
S/P Converter
STOHZ[15:0]
FPo[3:0]
CKo[3:0]
STio[31:0]
Connection Memory
Output Timing
STi[31:0]
FPo_OFF[2:0]
P/S Converter
Input Timing
FPi
CKi
MODE_4M0
MODE_4M1
ODE
RESET
VSS
VDD_IO
VDD_CORE
VDD_IOA
VDD_COREA


Similar Part No. - ZL50023QCC

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50023QCC ZARLINK-ZL50023QCC Datasheet
612Kb / 83P
   Enhanced 4 K Digital Switch
More results

Similar Description - ZL50023QCC

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50023 ZARLINK-ZL50023_06 Datasheet
612Kb / 83P
   Enhanced 4 K Digital Switch
ZL50016 ZARLINK-ZL50016 Datasheet
678Kb / 81P
   Enhanced 1 K Digital Switch
ZL50020 ZARLINK-ZL50020 Datasheet
682Kb / 83P
   Enhanced 2 K Digital Switch
ZL50016 ZARLINK-ZL50016_06 Datasheet
673Kb / 81P
   Enhanced 1 K Digital Switch
ZL50022 ZARLINK-ZL50022_06 Datasheet
929Kb / 121P
   Enhanced 4 K Digital Switch with Stratum 4E DPLL
ZL50021_0611 ZARLINK-ZL50021_0611 Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
ZL50021 ZARLINK-ZL50021 Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
ZL50022 ZARLINK-ZL50022 Datasheet
939Kb / 121P
   Enhanced 4 K Digital Switch with Stratum 4E DPLL
ZL50019 ZARLINK-ZL50019 Datasheet
866Kb / 115P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
ZL50015 ZARLINK-ZL50015_06 Datasheet
916Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com