Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC283D Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74HC283D
Description  4-bit binary full adder with fast carry
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC283D Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74HC283D Datasheet HTML 2Page - NXP Semiconductors 74HC283D Datasheet HTML 3Page - NXP Semiconductors 74HC283D Datasheet HTML 4Page - NXP Semiconductors 74HC283D Datasheet HTML 5Page - NXP Semiconductors 74HC283D Datasheet HTML 6Page - NXP Semiconductors 74HC283D Datasheet HTML 7Page - NXP Semiconductors 74HC283D Datasheet HTML 8Page - NXP Semiconductors 74HC283D Datasheet HTML 9Page - NXP Semiconductors 74HC283D Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
9397 750 13811
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 11 November 2004
6 of 20
Philips Semiconductors
74HC283
4-bit binary full adder with fast carry
8.
Limiting values
[1]
Above 70
°C: P
tot derates linearly with 12 mW/K.
[2]
Above 70
°C: P
tot derates linearly with 8 mW/K.
9.
Recommended operating conditions
Table 5:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to
GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+7
V
IIK
input diode current
VI < −0.5 V or VI >VCC + 0.5 V
-
±20
mA
IOK
output diode current
VO < −0.5 V or
VO >VCC + 0.5 V
-
±20
mA
IO
output source or sink
current
VO = −0.5 V to VCC + 0.5 V
-
±25
mA
ICC, IGND
VCC or GND current
-
±50
mA
Tstg
storage temperature
−65
+150
°C
Ptot
power dissipation
DIP16 package
[1] -
750
mW
SO16, SSOP16 and
TSSOP16 packages
[2] -
500
mW
Table 6:
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
2.0
5.0
6.0
V
VI
input voltage
0
-
VCC
V
VO
output voltage
0
-
VCC
V
tr, tf
input rise and fall times
VCC = 2.0 V
-
-
1000
ns
VCC = 4.5 V
-
6.0
500
ns
VCC = 6.0 V
-
-
400
ns
Tamb
ambient temperature
−40
-
+125
°C


Similar Part No. - 74HC283D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC283 PHILIPS-74HC283 Datasheet
61Kb / 8P
   4-bit binary full adder with fast carry
December 1990
More results

Similar Description - 74HC283D

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74AC283 HITACHI-HD74AC283 Datasheet
63Kb / 12P
   4-bit Binary Full Adder with Fast Carry
logo
National Semiconductor ...
54F283DM NSC-54F283DM Datasheet
184Kb / 10P
   4-Bit Binary Full Adder with Fast Carry
logo
Fairchild Semiconductor
74F283 FAIRCHILD-74F283_04 Datasheet
74Kb / 6P
   4-Bit Binary Full Adder with Fast Carry
logo
Renesas Technology Corp
HD74HC83 RENESAS-HD74HC83 Datasheet
102Kb / 7P
   4-bit Binary Full Adder (with Fast Carry)
logo
Motorola, Inc
SN54LS283 MOTOROLA-SN54LS283 Datasheet
97Kb / 4P
   4-BIT BINARY FULL ADDER WITH FAST CARRY
SN54LS83A MOTOROLA-SN54LS83A Datasheet
94Kb / 3P
   4-BIT BINARY FULL ADDER WITH FAST CARRY
logo
NXP Semiconductors
74HC283 PHILIPS-74HC283 Datasheet
61Kb / 8P
   4-bit binary full adder with fast carry
December 1990
logo
Intersil Corporation
CD54AC283 INTERSIL-CD54AC283 Datasheet
9Kb / 1P
   4-Bit Binary Full Adder with Fast Carry
June 1997
logo
Fairchild Semiconductor
74F283 FAIRCHILD-74F283 Datasheet
66Kb / 6P
   4-Bit Binary Full Adder with Fast Carry
logo
Renesas Technology Corp
HD74AC283 RENESAS-HD74AC283 Datasheet
233Kb / 10P
   4-bit Binary Full Adder with Fast Carry
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com