Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8XC51RA Datasheet(PDF) 1 Page - Intel Corporation

Part # 8XC51RA
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8XC51RA Datasheet(HTML) 1 Page - Intel Corporation

  8XC51RA Datasheet HTML 1Page - Intel Corporation 8XC51RA Datasheet HTML 2Page - Intel Corporation 8XC51RA Datasheet HTML 3Page - Intel Corporation 8XC51RA Datasheet HTML 4Page - Intel Corporation 8XC51RA Datasheet HTML 5Page - Intel Corporation 8XC51RA Datasheet HTML 6Page - Intel Corporation 8XC51RA Datasheet HTML 7Page - Intel Corporation 8XC51RA Datasheet HTML 8Page - Intel Corporation 8XC51RA Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Other brands and names are the property of their respective owners
Information in this document is provided in connection with Intel products Intel assumes no liability whatsoever including infringement of any patent or
copyright for sale and use of Intel products except as provided in Intel’s Terms and Conditions of Sale for such products Intel retains the right to make
changes to these specifications at any time without notice Microcomputer Products may have minor variations to this specification known as errata
December 1995
COPYRIGHT
INTEL CORPORATION 1995
Order Number 272659-002
8XC51RARBRC
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
CommercialExpress
87C51RA83C51RA80C51RA87C51RB83C51RB87C51RC83C51RC
See Table 1 for Proliferation Options
Y
High Performance CHMOS EPROM
ROMCPU
Y
24 MHz Operation
Y
512 Bytes of On-Chip Data RAM
Y
Dedicated Hardware Watchdog Timer
(One-Time Enabled with Reset-Out)
Y
Three 16-Bit TimerCounters
Y
Programmable Clock Out
Y
UpDown TimerCounter
Y
Three Level Program Lock System
Y
8K16K32K On-Chip Program Memory
Y
Improved Quick Pulse Programming
Algorithm
Y
Boolean Processor
Y
32 Programmable IO Lines
Y
6 Interrupt Sources
Y
Programmable Serial Channel with
Framing Error Detection
Automatic Address Recognition
Y
TTL and CMOS Compatible Logic
Levels
Y
64K External Program Memory Space
Y
64K External Data Memory Space
Y
MCS
51 Compatible Instruction Set
Y
Power Saving Idle and Power Down
Modes
Y
ONCE (On-Circuit Emulation) Mode
Y
Four-Level Interrupt Priority
Y
Extended Temperature Range
(b40 Cto a85 C)
MEMORY ORGANIZATION
ROMless
ROM
EPROM
ROMEPROM
RAM
Device
Device
Version
Bytes
Bytes
80C51RA
83C51RA
87C51RA
8K
512
80C51RA
83C51RB
87C51RB
16K
512
80C51RA
83C51RC
87C51RC
32K
512
These devices can address up to 64 Kbytes of external programdata memory
The Intel 8XC51RA8XC51RB8XC51RC is a single-chip control-oriented microcontroller which is fabricated
on Intel’s reliable CHMOS III-E technology Being a member of the MCS 51 family of controllers the
8XC51RA8XC51RB8XC51RC uses the same powerful instruction set has the same architecture and is pin-
for-pin compatible with the existing MCS 51 family of products The 8XC51RA8XC51RB8XC51RC is an
enhanced version of the 8XC528XC548XC58 The added features make it an even more powerful microcon-
troller for applications that require 512 bytes of on-chip data RAM and dedicated hardware WatchDog Timer
with reset-out features
Throughout this document 8XC51RX will refer to the 8XC51RA 8XC51RB and 8XC51RC unless information
applies to a specific device
For a detailed description of 8XC51RARBRC refer to the 8XC51RARBRC Hardware Description order
number 272668


Similar Part No. - 8XC51RA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
8XC51RA PHILIPS-8XC51RA Datasheet
348Kb / 55P
   8-bit CMOS (low voltage, low power and high speed) microcontroller families
1999 Apr 01
8XC51RA++ PHILIPS-8XC51RA+ Datasheet
355Kb / 56P
   80C51 8-bit microcontroller family 8K-4K/256-1K OTP/ROM/ROMless, low voltage (2.7V-5.5V), low power, high speed (33 MHz)
2000 Aug 07
8XC51RA++ NXP-8XC51RA+ Datasheet
238Kb / 32P
   80C51 8-bit microcontroller family 128/256 byte RAM ROMless low voltage (2.7 V–5.5 V), low power, high speed (33 MHz)
2000 Aug 07
More results

Similar Description - 8XC51RA

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC51GB INTEL-8XC51GB Datasheet
311Kb / 22P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C31BH INTEL-80C31BH Datasheet
229Kb / 16P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C52 INTEL-80C52 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
TD87C54 INTEL-TD87C54 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EN80C321SF88 INTEL-EN80C321SF88 Datasheet
1Mb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
M80C51FB INTEL-M80C51FB Datasheet
184Kb / 12P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EE87C51FB1SF76 INTEL-EE87C51FB1SF76 Datasheet
256Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com