Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLK4250IGPV Datasheet(PDF) 11 Page - Texas Instruments

Part # TLK4250IGPV
Description  QUAD 1.0 to 2.5 Gbpss TRANSCEIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK4250IGPV Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLK4250IGPV Datasheet HTML 7Page - Texas Instruments TLK4250IGPV Datasheet HTML 8Page - Texas Instruments TLK4250IGPV Datasheet HTML 9Page - Texas Instruments TLK4250IGPV Datasheet HTML 10Page - Texas Instruments TLK4250IGPV Datasheet HTML 11Page - Texas Instruments TLK4250IGPV Datasheet HTML 12Page - Texas Instruments TLK4250IGPV Datasheet HTML 13Page - Texas Instruments TLK4250IGPV Datasheet HTML 14Page - Texas Instruments TLK4250IGPV Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
TLK4250
QUAD 1.0 to 2.5 Gbps TRANSCEIVER
SWRS025 − APRIL 2004
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
reference clock input
The reference clock (GTx_CLK) is an external input clock that synchronizes the transmitter interface. The
reference clock is then multiplied in frequency 10 times to produce the internal serialization bit clock. The internal
serialization bit clock is frequency locked to the reference clock and clocks out the serial transmit data on both
its rising and falling edges, providing a serial data rate that is 20 times the reference clock.
operating frequency range
The transceiver may operate at a serial data rate between 1.0 Gbps to 2.5 Gbps. GTx_CLK must be within
±100 PPM of the desired parallel data rate clock. Each individual channel may operate at a different rate.
testability
The transceiver has a comprehensive suite of built-in self-tests. The loopback function provides for at-speed
testing of the transmit/receive portions of the circuitry. The ENABLEx terminal allows for all circuitry to be
disabled so that a quiescent current test can be performed.
loop-back testing
The transceiver can provide a self-test function by enabling (LOOPENx) the internal loop-back path. Enabling
this terminal causes serial transmitted data to be routed internally to the receiver. The parallel data output can
be compared to the parallel input data for functional verification. (The external differential output is held in a
high-impedance state during the loop-back testing.)
power-on reset
On application of minimum valid power, the transceiver generates a power-on reset. During the power-on reset,
the RDx terminals are 3-stated and Rx_CLK is held low. The length of the power-on reset cycle depends on the
GTx_CLK frequency, but is less than 1 ms in duration.


Similar Part No. - TLK4250IGPV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK4201EA TI-TLK4201EA Datasheet
736Kb / 17P
[Old version datasheet]   4.25-GBPS CABLE AND PC BOARD EQUALIZER
TLK4201EARGTR TI-TLK4201EARGTR Datasheet
736Kb / 17P
[Old version datasheet]   4.25-GBPS CABLE AND PC BOARD EQUALIZER
TLK4201EARGTRG4 TI-TLK4201EARGTRG4 Datasheet
736Kb / 17P
[Old version datasheet]   4.25-GBPS CABLE AND PC BOARD EQUALIZER
TLK4201EARGTT TI-TLK4201EARGTT Datasheet
736Kb / 17P
[Old version datasheet]   4.25-GBPS CABLE AND PC BOARD EQUALIZER
TLK4201EARGTTG4 TI-TLK4201EARGTTG4 Datasheet
736Kb / 17P
[Old version datasheet]   4.25-GBPS CABLE AND PC BOARD EQUALIZER
More results

Similar Description - TLK4250IGPV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK2501 TI-TLK2501 Datasheet
387Kb / 25P
[Old version datasheet]   1.5 TO 2.5 GBPS TRANSCEIVER
TLK2521 TI-TLK2521 Datasheet
317Kb / 19P
[Old version datasheet]   1 to 2.5 Gbps TRANSCEIVER
TLK2501IRCPRG4 TI1-TLK2501IRCPRG4 Datasheet
1,002Kb / 31P
[Old version datasheet]   1.5 TO 2.5 GBPS TRANSCEIVER
TLK2521IPAP TI1-TLK2521IPAP Datasheet
488Kb / 22P
[Old version datasheet]   1.0 to 2.5 Gbps 18-BIT SERDES
TLK3101 TI1-TLK3101_16 Datasheet
612Kb / 28P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
TLK2500 TI1-TLK2500 Datasheet
297Kb / 10P
[Old version datasheet]   1.6 Gbps to 2.5 Gbps TRANSCEIVER
TLK2500IRCP TI-TLK2500IRCP Datasheet
268Kb / 20P
[Old version datasheet]   1.6 Gbps to 2.5 Gbps TRANSCEIVER
TLK3101 TI-TLK3101 Datasheet
322Kb / 24P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
logo
National Semiconductor ...
SCAN50C400A NSC-SCAN50C400A Datasheet
1Mb / 30P
   1.25/2.5/5.0 Gbps Quad Multi-Rate Backplane Transceiver
logo
Texas Instruments
TLK4120 TI-TLK4120 Datasheet
346Kb / 19P
[Old version datasheet]   QUAD 0.5 to 1.3 Gbps TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com