Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LBC176ADR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LBC176ADR
Description  DIFFERENTIAL BUS TRANSCEIVERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC176ADR Datasheet(HTML) 3 Page - Texas Instruments

  SN75LBC176ADR Datasheet HTML 1Page - Texas Instruments SN75LBC176ADR Datasheet HTML 2Page - Texas Instruments SN75LBC176ADR Datasheet HTML 3Page - Texas Instruments SN75LBC176ADR Datasheet HTML 4Page - Texas Instruments SN75LBC176ADR Datasheet HTML 5Page - Texas Instruments SN75LBC176ADR Datasheet HTML 6Page - Texas Instruments SN75LBC176ADR Datasheet HTML 7Page - Texas Instruments SN75LBC176ADR Datasheet HTML 8Page - Texas Instruments SN75LBC176ADR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
SN65LBC176A, SN75LBC176A
DIFFERENTIAL BUS TRANSCEIVERS
SLLS376C− MAY 2000 − REVISED DECEMBER 2000
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings
Supply voltage, VCC (see Note 1)
−0.3 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range at any bus terminal (A or B)
−10 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI (D, DE, R, or RE)
−0.3 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrostatic discharge: Bus terminals and GND, Class 3, A: (see Note 2)
12 kV
. . . . . . . . . . . . . . . . . . . . . . . .
Bus terminals and GND, Class 3, B: (see Note 2)
400 V
. . . . . . . . . . . . . . . . . . . . . . . .
All terminals, Class 3, A:
3 kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
All terminals, Class 3, B:
400 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation (see Note 3)
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values, except differential I/O bus voltage, are with respect to network ground terminal.
2. The maximum operating junction temperature is internally limited. Use the dissipation rating table to operate below this temperature.
3. Tested in accordance with MIL−STD−883C, Method 3015.7
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR‡
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
TA = 125°C
POWER RATING
D
725 mW
5.8 mW/
°C
464 mW
377 mW
145 mW
P
1000 mW
8.0 mW/
°C
640 mW
520 mW
‡ This is the inverse of the junction-to-ambient thermal resistance when board-mounted and with no air flow.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.75
5
5.25
V
Voltage at any bus terminal (separately or common mode), VI or VIC
12
V
Voltage at any bus terminal (separately or common mode), VI or VIC
−7
V
High-level input voltage, VIH (output recessive)
D, DE, and RE
2
VCC
V
Low-level input voltage, VIL (output dominant)
D, DE, and RE
0
0.8
V
Differential input voltage, VID (see Note 4)
−12§
12
V
High-level output current, IOH
Driver
−60
mA
High-level output current, IOH
Receiver
−8
mA
Low-level output current, IOL
Driver
60
mA
Low-level output current, IOL
Receiver
8
mA
SN65LBC176AQ
−40
125
Operating free-air temperature, TA
SN65LBC176A
−40
85
°C
Operating free-air temperature, TA
SN75LBC176A
0
70
C
§ The algebraic convention, in which the least positive (most negative) limit is designated as minimum, is used in this data sheet.
NOTE 4: Differential input /output bus voltage is measured at the noninverting terminal A with respect to the inverting terminal B.


Similar Part No. - SN75LBC176ADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC176ADR TI-SN75LBC176ADR Datasheet
489Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN75LBC176ADR TI-SN75LBC176ADR Datasheet
519Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN75LBC176ADRG4 TI-SN75LBC176ADRG4 Datasheet
489Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN75LBC176ADRG4 TI-SN75LBC176ADRG4 Datasheet
519Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
More results

Similar Description - SN75LBC176ADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS176 TI-SN65ALS176 Datasheet
212Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
logo
National Semiconductor ...
LMS75LBC176 NSC-LMS75LBC176 Datasheet
161Kb / 10P
   Differential Bus Transceivers
logo
Texas Instruments
SN65ALS176 TI-SN65ALS176_08 Datasheet
515Kb / 22P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN55LBC176 TI-SN55LBC176_08 Datasheet
584Kb / 24P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176_10 Datasheet
802Kb / 29P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC176A TI-SN65LBC176A_07 Datasheet
489Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65176B TI-SN65176B_07 Datasheet
397Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65176B TI-SN65176B_10 Datasheet
576Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN55LBC176 TI-SN55LBC176_07 Datasheet
553Kb / 24P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN75076B TI1-SN75076B Datasheet
157Kb / 10P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com