Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AVCH8T245PWE4 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74AVCH8T245PWE4
Description  8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VILTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AVCH8T245PWE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74AVCH8T245PWE4 Datasheet HTML 2Page - Texas Instruments SN74AVCH8T245PWE4 Datasheet HTML 3Page - Texas Instruments SN74AVCH8T245PWE4 Datasheet HTML 4Page - Texas Instruments SN74AVCH8T245PWE4 Datasheet HTML 5Page - Texas Instruments SN74AVCH8T245PWE4 Datasheet HTML 6Page - Texas Instruments SN74AVCH8T245PWE4 Datasheet HTML 7Page - Texas Instruments SN74AVCH8T245PWE4 Datasheet HTML 8Page - Texas Instruments SN74AVCH8T245PWE4 Datasheet HTML 9Page - Texas Instruments SN74AVCH8T245PWE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
SN74AVCH8T245
8BIT DUALSUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3STATE OUTPUTS
SCES565F − APRIL 2004 − REVISED APRIL 2005
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Notes 8 and 9) (continued)
PARAMETER
TEST CONDITIONS
VCCA
VCCB
TA = 25°C
−40
°C to 85°C
UNIT
PARAMETER
TEST CONDITIONS
VCCA
VCCB
MIN
TYP
MAX
MIN
MAX
UNIT
Ioff
A port
VI or VO = 0 to 3.6 V
0 V
0 to 3.6 V
±0.1
±1
±5
A
Ioff
B port
VI or VO = 0 to 3.6 V
0 to 3.6 V
0 V
±0.1
±1
±5
µA
I
A or B
port
VO = VCCO or GND,
VI = VCCI or GND
OE = VIH
3.6 V
3.6 V
±0.5
±2.5
±5
µA
IOZ†
B port
VO = VCCO or GND, OE = don’t
0 V
3.6 V
±5
µA
A port
VO = VCCO or GND,
VI = VCCI or GND
OE = don’t
care
3.6 V
0 V
±5
µA
1.2 V to 3.6 V
1.2 V to 3.6 V
15
ICCA
VI = VCCI or GND
IO = 0
0 V
3.6 V
−2
µA
ICCA
VI = VCCI or GND
IO = 0
3.6 V
0 V
15
µA
1.2 V to 3.6 V
1.2 V to 3.6 V
15
ICCB
VI = VCCI or GND
IO = 0
0 V
3.6 V
15
µA
ICCB
VI = VCCI or GND
IO = 0
3.6 V
0 V
−2
µA
ICCA + ICCB
VI = VCCI or GND
IO = 0
1.2 V to 3.6 V
1.2 V to 3.6 V
25
µA
Ci
Control
inputs
VI = 3.3 V or GND
3.3 V
3.3 V
3.5
4.5
pF
Cio
A or B
port
VO = 3.3 V or GND
3.3 V
3.3 V
6
7
pF
† For I/O ports, the parameter IOZ includes the input leakage current.
NOTES:
8. VCCO is the VCC associated with the output port.
9. VCCI is the VCC associated with the input port.
switching characteristics over recommended operating free-air temperature range,
VCCA = 1.2 V (see Figure 10)
PARAMETER
FROM
TO
VCCB = 1.2 V
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TYP
TYP
TYP
TYP
TYP
UNIT
tPLH
A
B
3.1
2.6
2.5
3
3.5
ns
tPHL
A
B
3.1
2.6
2.5
3
3.5
ns
tPLH
B
A
3.1
2.7
2.5
2.4
2.3
ns
tPHL
B
A
3.1
2.7
2.5
2.4
2.3
ns
tPZH
OE
A
5.3
5.3
5.3
5.3
5.3
ns
tPZL
OE
A
5.3
5.3
5.3
5.3
5.3
ns
tPZH
OE
B
5.1
4
3.5
3.2
3.1
ns
tPZL
OE
B
5.1
4
3.5
3.2
3.1
ns
tPHZ
OE
A
4.8
4.8
4.8
4.8
4.8
ns
tPLZ
OE
A
4.8
4.8
4.8
4.8
4.8
ns
tPHZ
OE
B
4.7
4
4.1
4.3
5.1
ns
tPLZ
OE
B
4.7
4
4.1
4.3
5.1
ns


Similar Part No. - SN74AVCH8T245PWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCH8T245PWE4 TI-SN74AVCH8T245PWE4 Datasheet
570Kb / 20P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH8T245PWE4 TI-SN74AVCH8T245PWE4 Datasheet
656Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Similar Description - SN74AVCH8T245PWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC8T245_101 TI-SN74LVC8T245_101 Datasheet
905Kb / 23P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC16245DGGR TI-SN74LVC16245DGGR Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC138PW TI-SN74LVC138PW Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245 TI1-SN74AVC8T245_17 Datasheet
1Mb / 31P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and 3-State Outputs
SN74LVCH8T245 TI-SN74LVCH8T245_10 Datasheet
941Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1G02MDRLREP TI-SN74LVC1G02MDRLREP Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245 TI-SN74AVC8T245_10 Datasheet
670Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVCH8T245_101 TI-SN74LVCH8T245_101 Datasheet
875Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC8T245 TI-SN74LVC8T245_10 Datasheet
906Kb / 23P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245-Q1 TI1-SN74AVC8T245-Q1 Datasheet
681Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com