Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPI-8010A Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # SPI-8010A
Description  3 A, DC/DC Step-Down Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SPI-8010A Datasheet(HTML) 6 Page - Allegro MicroSystems

  SPI-8010A Datasheet HTML 1Page - Allegro MicroSystems SPI-8010A Datasheet HTML 2Page - Allegro MicroSystems SPI-8010A Datasheet HTML 3Page - Allegro MicroSystems SPI-8010A Datasheet HTML 4Page - Allegro MicroSystems SPI-8010A Datasheet HTML 5Page - Allegro MicroSystems SPI-8010A Datasheet HTML 6Page - Allegro MicroSystems SPI-8010A Datasheet HTML 7Page - Allegro MicroSystems SPI-8010A Datasheet HTML 8Page - Allegro MicroSystems SPI-8010A Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SPI-8010A
3 A, DC/DC
Step-Down Converter
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036
Switching
Regulators
6
APPLICATIONS INFORMATION (cont.)
Soft-Start Capcitor (C4). Soft start is enabled by
connecting a capacitor between terminal 4 and ground. The
device may be turned off (chip enable) by decreasing the
terminal 4 voltage below 0.5 V with either an npn small-
signal transistor or the output of open-collector TTL. If
both a large soft-start capacitor and chip on/off control are
desired, collector current limiting must be used to prevent
transistor damage. No external voltage can be applied to
terminal 4.
Overcurrent Protection. The SPI-8000A series has a
built-in fold-back type overcurrent protection circuit, which
limits the output current at a start-up mode. It thus cannot
be used in applications that require current at the start-up
mode such as:
(1) constant-current load,
(2) power supply with positive and negative outputs to
common load (a center-tap type power supply), or
(3) raising the output voltage by putting a diode or a
resistor between the device ground and system ground.
Parallel Operation. Parallel operation to increase load
current is not permitted.
Thermal Protection. Circuitry turns off the device
when the junction temperature rises above 170°C. It is
intended only to protect the device from failures due to
excessive junction temperatures and should not imply that
output short circuits or continuous overloads are permitted.
Heat Radiation and Reliability. The reliability of the
IC is directly related to the junction temperature (T
J) in its
operation. Accordingly, careful consideration should be
given to heat dissipation.
The inner frame on which the integrated circuit is mounted
is connected to the exposed pad. Therefore, it is very
effective for heat radiation to enlarge the copper area that is
connected to the pad. The graph on page 2 illustrates the
effect of the copper area on the junction-to-ambient thermal
resistance (RθJA).
The junction temperature (T
J) can be determined from
either of the following equations:
T
J = (PDR
θJA) + TA
or
T
J = (PDR
θJL) + TL
where P
D = VIII – VOIO – VFIO(1 – [VO/VI]),
V
F = the Schottky diode forward voltage, and
RθJL = 18°C/W.
Layout Guideline


Similar Part No. - SPI-8010A

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SPI-8010A SANKEN-SPI-8010A Datasheet
440Kb / 3P
   Surface Mount, Separate Excitation Step-down Switching Mode Regulator ICs
More results

Similar Description - SPI-8010A

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2785 ANALOGICTECH-AAT2785 Datasheet
635Kb / 22P
   3-Channel Step-Down DC/DC Converter
AAT2784 ANALOGICTECH-AAT2784 Datasheet
693Kb / 21P
   3-Channel Step-Down DC/DC Converter
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
logo
KODENSHI_AUK CORP.
PAM2301 KODENSHI-PAM2301 Datasheet
863Kb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Texas Instruments
LM3203 TI1-LM3203_16 Datasheet
3Mb / 22P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54040 TI1-TPS54040_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com