Electronic Components Datasheet Search |
|
SN74AVCH8T245RHLR Datasheet(PDF) 7 Page - Texas Instruments |
|
|
SN74AVCH8T245RHLR Datasheet(HTML) 7 Page - Texas Instruments |
7 / 19 page SN74AVCH8T245 8BIT DUALSUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3STATE OUTPUTS SCES565F − APRIL 2004 − REVISED APRIL 2005 7 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics over recommended operating free-air temperature range, VCCA = 1.5 V ± 0.1 V (see Figure 10) PARAMETER FROM (INPUT) TO (OUTPUT) VCCB = 1.2 V VCCB = 1.5 V ± 0.1 V VCCB = 1.8 V ± 0.15 V VCCB = 2.5 V ± 0.2 V VCCB = 3.3 V ± 0.3 V UNIT PARAMETER (INPUT) (OUTPUT) TYP MIN MAX MIN MAX MIN MAX MIN MAX UNIT tPLH A B 2.7 0.5 5.4 0.5 4.6 0.5 4.9 0.5 6.8 ns tPHL A B 2.7 0.5 5.4 0.5 4.6 0.5 4.9 0.5 6.8 ns tPLH B A 2.6 0.5 5.4 0.5 5.1 0.5 4.7 0.5 4.5 ns tPHL B A 2.6 0.5 5.4 0.5 5.1 0.5 4.7 0.5 4.5 ns tPZH OE A 3.7 1.1 8.7 1.1 8.7 1.1 8.7 1.1 8.7 ns tPZL OE A 3.7 1.1 8.7 1.1 8.7 1.1 8.7 1.1 8.7 ns tPZH OE B 4.8 1.1 7.6 1.1 7.1 1 5.6 1 5.2 ns tPZL OE B 4.8 1.1 7.6 1.1 7.1 1 5.6 1 5.2 ns tPHZ OE A 3.1 0.5 8.6 0.5 8.6 0.5 8.6 0.5 8.6 ns tPLZ OE A 3.1 0.5 8.6 0.5 8.6 0.5 8.6 0.5 8.6 ns tPHZ OE B 4.1 0.5 8.4 0.5 7.6 0.5 7.2 0.5 7.8 ns tPLZ OE B 4.1 0.5 8.4 0.5 7.6 0.5 7.2 0.5 7.8 ns switching characteristics over recommended operating free-air temperature range, VCCA = 1.8 V ± 0.15 V (see Figure 10) PARAMETER FROM (INPUT) TO (OUTPUT) VCCB = 1.2 V VCCB = 1.5 V ± 0.1 V VCCB = 1.8 V ± 0.15 V VCCB = 2.5 V ± 0.2 V VCCB = 3.3 V ± 0.3 V UNIT PARAMETER (INPUT) (OUTPUT) TYP MIN MAX MIN MAX MIN MAX MIN MAX UNIT tPLH A B 2.5 0.5 5.1 0.5 4.4 0.5 4 0.5 3.9 ns tPHL A B 2.5 0.5 5.1 0.5 4.4 0.5 4 0.5 3.9 ns tPLH B A 2.5 0.5 4.6 0.5 4.4 0.5 3.9 0.5 3.7 ns tPHL B A 2.5 0.5 4.6 0.5 4.4 0.5 3.9 0.5 3.7 ns tPZH OE A 3 1 6.8 1 6.8 1 6.8 1 6.8 ns tPZL OE A 3 1 6.8 1 6.8 1 6.8 1 6.8 ns tPZH OE B 4.6 1.1 8.2 1 6.7 0.5 5.1 0.5 4.5 ns tPZL OE B 4.6 1.1 8.2 1 6.7 0.5 5.1 0.5 4.5 ns tPHZ OE A 2.8 0.5 7.1 0.5 7.1 0.5 7.1 0.5 7.1 ns tPLZ OE A 2.8 0.5 7.1 0.5 7.1 0.5 7.1 0.5 7.1 ns tPHZ OE B 3.9 0.5 7.8 0.5 6.9 0.5 6 0.5 5.8 ns tPLZ OE B 3.9 0.5 7.8 0.5 6.9 0.5 6 0.5 5.8 ns |
Similar Part No. - SN74AVCH8T245RHLR |
|
Similar Description - SN74AVCH8T245RHLR |