Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KGF1262 Datasheet(PDF) 8 Page - OKI electronic componets

Part # KGF1262
Description  Medium-Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

KGF1262 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button KGF1262 Datasheet HTML 2Page - OKI electronic componets KGF1262 Datasheet HTML 3Page - OKI electronic componets KGF1262 Datasheet HTML 4Page - OKI electronic componets KGF1262 Datasheet HTML 5Page - OKI electronic componets KGF1262 Datasheet HTML 6Page - OKI electronic componets KGF1262 Datasheet HTML 7Page - OKI electronic componets KGF1262 Datasheet HTML 8Page - OKI electronic componets KGF1262 Datasheet HTML 9Page - OKI electronic componets KGF1262 Datasheet HTML 10Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8/10
KGF1262
¡ electronic components
Typical S Parameters
Freq(MHz)
500.0
MAG(S11) ANG(S11) MAG(S21) ANG(S21) MAG(S12) ANG(S12) MAG(S22) ANG(S22)
VDD = 3 V, VG = 0 V, ID = 48.5 mA
600.0
700.0
800.0
900.0
1000.0
1100.0
1200.0
1300.0
1400.0
1500.0
1600.0
1700.0
1800.0
1900.0
2000.0
2100.0
2200.0
2300.0
2400.0
2500.0
2600.0
2700.0
2800.0
2900.0
3000.0
0.916
0.927
0.964
0.993
1.005
0.987
0.967
0.920
0.876
0.836
0.797
0.763
0.733
0.706
0.691
0.669
0.661
0.651
0.643
0.648
0.638
0.646
0.650
0.651
0.659
0.667
–43.51
–48.23
–54.71
–63.63
–72.69
–82.39
–91.73
–99.80
–107.04
–113.69
–119.30
–124.95
–129.64
–134.46
–139.12
–143.06
–146.80
–149.92
–153.50
–157.16
–160.05
–164.22
–167.02
–170.84
–173.51
–177.55
6.335
5.762
5.580
5.892
5.909
6.026
5.982
5.754
5.571
5.299
5.086
4.821
4.628
4.421
4.262
4.068
3.913
3.747
3.620
3.475
3.359
3.210
3.130
3.000
2.930
2.809
140.34
139.83
136.14
126.70
117.94
111.07
101.93
95.56
88.68
82.78
77.21
71.96
67.14
56.47
51.74
47.17
43.20
38.19
34.18
30.03
26.08
21.96
18.10
13.75
0.027
0.039
0.042
0.043
0.048
0.047
0.051
0.053
0.055
0.059
0.060
0.065
0.071
0.076
0.083
0.089
0.100
0.112
0.123
0.136
0.146
0.164
0.176
0.193
0.211
0.225
98.55
83.96
75.40
69.15
69.44
65.48
67.55
67.95
70.09
72.60
73.94
76.41
78.66
80.42
84.73
83.56
83.44
83.94
86.10
84.08
84.76
81.24
80.05
78.05
76.90
74.08
0.457
0.498
0.502
0.515
0.483
0.493
0.477
0.490
0.495
0.498
0.501
0.507
0.514
0.524
0.540
0.562
0.562
0.576
0.578
0.579
0.598
0.591
0.618
0.607
0.634
0.638
–4.57
–8.99
–19.93
–24.18
–28.86
–33.12
–34.38
–39.74
–41.60
–45.70
–49.18
–52.17
–55.11
–58.04
–62.81
–66.89
–71.44
–76.90
–79.82
–85.80
–90.54
–96.30
–101.05
–104.47
–112.05
–117.04
61.28
132.31


Similar Part No. - KGF1262

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
KGF1265 OKI-KGF1265 Datasheet
328Kb / 9P
   Medium-Power Amplifier
More results

Similar Description - KGF1262

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
2SA1979U KODENSHI-2SA1979U Datasheet
277Kb / 4P
   Medium power amplifier
2SC5342U KODENSHI-2SC5342U Datasheet
194Kb / 4P
   Medium power amplifier
logo
BOWEI Integrated Circui...
HE167 BOWEI-HE167 Datasheet
61Kb / 1P
   Medium Power Amplifier
HE584 BOWEI-HE584 Datasheet
130Kb / 1P
   Medium Power Amplifier
HE641D BOWEI-HE641D Datasheet
94Kb / 1P
   Medium Power Amplifier
HE642 BOWEI-HE642 Datasheet
246Kb / 1P
   Medium Power Amplifier
logo
KODENSHI_AUK CORP.
2SC5342UF KODENSHI-2SC5342UF Datasheet
217Kb / 4P
   Medium power amplifier
logo
BOWEI Integrated Circui...
HE080 BOWEI-HE080 Datasheet
113Kb / 1P
   Medium Power Amplifier
HE572L BOWEI-HE572L Datasheet
106Kb / 1P
   Medium Power Amplifier
HE641B BOWEI-HE641B Datasheet
95Kb / 1P
   Medium Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com