Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OHS3150U Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # OHS3150U
Description  Ra ti omet ric Lin ear Hall Ef fect Sen sor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OHS3150U Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  OHS3150U Datasheet HTML 1Page - List of Unclassifed Manufacturers OHS3150U Datasheet HTML 2Page - List of Unclassifed Manufacturers OHS3150U Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Characteristics Definitions
Quiescent Voltage Output: With no magnetic field present the device is in the quiescent state
and the voltage output is approximately equal to one-half the supply voltage (VOQ
≈V
CC/2) over
the operating voltage and temperature range. The change in quiescent voltage output over
temperature gives the device’s equivalent accuracy and is specified in Gauss by the calculation.
Sensitivity: A magnetic south pole at and perpendicular to the device’s symbolized package
face will increase the voltage output above the quiescent value. Conversely a magnetic north pole
will decrease the voltage output below the quiescent value. This change in voltage output with
applied magnetic field is sensitivity and is specified in mV/G by the calculation.
The change in sensitivity over temperature is specified in percent by the calculation
Ratiometry: The quiescent voltage output and sensitivity of these ratiometric linear Hall effect
devices are proportional to the supply voltage. The change in quiescent voltage output with
supply voltage is specified in percent by the calculation.
The change in sensitivity with supply voltage is also specified in percent by the calculation
Linearity and Symmetry: The ability of the voltage output to vary in constant proportion to the
applied magnetic field is linearity and is specified in percent by the calculation
The output symmetry is also specified in percent by the calculation
Type OHS3150U, OHS3151U
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(972)323-2200
Fax (972)323-2396
∆VOQ(T) =
VOQ(TA) - VOQ(25
o
C)
Sens (25
o
C)
Sens =
VO(500G) - VO(-500G)
1000
∆VOQ(∆V) = VOQ(VCC) - VOQ(5 V) X 100%
VCC/5 V
∆Sens(∆V) =
Sens(VCC)/Sens(5 V) X 100%
VCC/5 V
∆Sens(∆T) =
Sens(TA) - Sens(25
o
C) X 100%
Sens(25
o
C)
+ Lin
=
VO(500G) - VOQ
X 100%
2(VO[250G] - VOQ)
- Lin =
VO(-500G) - VOQ
X 100%
2(VO[-250G] - VOQ)
Sym =
VO(500G) - VOQ
X 100%
VOQ - VO(-500G)
43


Similar Part No. - OHS3150U

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OHS3150U OPTEK-OHS3150U Datasheet
517Kb / 4P
   Ratiometric Linear Hall-effect Sensor
logo
TT Electronics.
OHS3150U TTELEC-OHS3150U Datasheet
195Kb / 4P
   Ratiometric Linear Hall-Effect Sensor
More results

Similar Description - OHS3150U

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1171 ALLEGRO-A1171_16 Datasheet
260Kb / 10P
   Micropower Ultrasensitive Hall Ef fect Switch
A3214ELHL ALLEGRO-A3214ELHL Datasheet
575Kb / 11P
   MICROPOWER, ULTRA-SENSITIVE HALL-EF FECT SWITCHES
A1172ECGLT ALLEGRO-A1172ECGLT Datasheet
246Kb / 11P
   Micropower Ultra-Sensitive Hall-Ef fect Switch
3240 ALLEGRO-3240_04 Datasheet
297Kb / 11P
   CHOPPER-STABILIZED, PRECISION HALL-EF FECT SWITCH
A1172 ALLEGRO-A1172_13 Datasheet
246Kb / 11P
   Micropower Ultra-Sensitive Hall-Ef fect Switch
3280 ALLEGRO-3280_03 Datasheet
343Kb / 12P
   CHOPPER-STABILIZED, PRECISION HALL-EF FECT LATCHES
A3212 ALLEGRO-A3212 Datasheet
384Kb / 13P
   MICROPOWER, ULTRA-SENSITIVE HALL-EF FECT SWITCH
A1172 ALLEGRO-A1172 Datasheet
236Kb / 9P
   Micropower Ultra-Sensitive Hall-Ef fect Switch
logo
Micronas
HAL2810 MICRONAS-HAL2810 Datasheet
281Kb / 2P
   Linear Hall-Effect Sensor with LIN Bus
logo
National Semiconductor ...
DP83950B NSC-DP83950B Datasheet
948Kb / 80P
   RIC??Repeater Interface Controller
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com